Part Number Hot Search : 
0200A DCO48DMW X3215 SG2626T 625ETT RT9206PS P1300ZB BD249A
Product Description
Full Text Search
 

To Download PEN4-483R3E41 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Telefon: +49 (0) 6135 931069 Telefax: +49 (0) 6135 931070 www.peak-electronics.de info@peak-electronics.de
MD SERIES PEN4-XXXXE4:1 1.5 KV ISOLATED 3 - 4 W REGULATED SINGLE OUTPUT DIP24
Other specifications please enquire.
Electrical Specifications
(Typical at + 25 C, nominal input voltage, rated output current unless otherwise specified) Input Specifications Voltage range Filter Isolation Specifications Rated voltage Resistance Capacitance Output Specifications Voltage accuracy Ripple and noise (at 20 MHz BW) Short circuit protection Line voltage regulation Load voltage regulation Temperature coefficient General Specifications Efficiency Switching frequency Environmental Specifications Operating temperature (ambient) Storage temperature Derating Humidity Cooling Physical Characteristics Dimensions Weight Case material 9 - 36 VDC (24 VDC), 18 - 72 VDC (48 VDC) Pi Network 1500 Vdc 109 Ohm 390 pF typ. +/- 1 % typ. +/-2% max. 60 mV p-p Continuous , restart automatic +/- 0,5 % max. +/- 0,5 % max. +/- 0,02 % / C 75 % to 80 % 260 KHz. -40C to +85C - 55 C to + 125 C See graph Up to 90 %, non condensing Free air convection 31,75 x 20,32 x 10,16 mm 1,25 x 0,80 x 0,40 inches 19,0 g Nickel Coated Copper
Examples of Partnumbers/Modelcode
PART NO. INPUT VOLTAGE (VDC) Nominal INPUT CURRENT NO LOAD INPUT CURRENT FULL LOAD OUTPUT VOLTAGE (VDC) OUTPUT CURRENT (max. mA) EFFICIENCY FULL LOAD (% TYP.)
PEN4-243R3E4:1 PEN4-2405E4:1 PEN4-2412E4:1 PEN4-2415E4:1 PEN4-483R3E4:1 PEN4-4805E4:1 PEN4-4812E4:1 PEN4-4815E4:1
9 - 36 9 - 36 9 - 36 9 - 36 18 - 72 18 - 72 18 - 72 18 - 72
16 16 18 18 10 10 12 12
165 174 207 207 88 88 88 139
3.3 5 12 15 3.3 5 12 15
900 660 330 266 900 660 330 266
75 79 80 80 75 78 80 80
MD SERIES
PEN4-XXXXE4:1 1.5 KV ISOLATED 3 - 4 W REGULATED SINGLE OUTPUT DIP24
Dimensions
Derating Graph and Pinning
Output
Temperature Derating Graph
Ambient Temperature C 85
** 4.00 W
Pin # 2 3 9 11 14 16 22 23
Connection Single - V Input - V Input Omitted NC + V Output - V Output + V Input + V Input
- 40
0
40
80
100
** Max. output power depends on the model and is in the range between 3 and 4 W
Specification can be changed without notice.
REV:1 / 02.2003
Copyright PEAK electronics GmbH


▲Up To Search▲   

 
Price & Availability of PEN4-483R3E41

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X