Part Number Hot Search : 
ACM4004C W48C55A KX12N65F FKI07174 91C10 NFSW072 EKZM250 L205629
Product Description
Full Text Search
 

To Download PE150A-10F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATASHEET
Lighting
Imaging
Telecom
Cermax(R) Xenon Arc Lamps
PE150A-10F CERMAX(R) FOCUSED XENON ARC LAMPS
Description
The Cermax(R) xenon arc lamp is an innovative lamp design in the specialty lighting industry. These lamps were introduced in the early 1980's and are now used in endoscopes in most major hospitals worldwide, in high brightness projection display systems, and for a wide variety of other high performance applications. Cermax(R) xenon arc lamps have always been known as rugged and compact sources of high quality illumination. The newest lamp in this distinguished family is the PE150A10F. This 150 watt lamp sets new standards in size, economy, and ease of design. As with all Cermax(R) lamps, the PE150A-10F has an integral reflector, extremely high brightness, excellent color rendering, stable color over life and operating range, instanton operation and modulation capability. The PE150A-10F is designed with an elliptical reflector, giving an f/1.0 focused output and is intended for use in very compact optical systems.
Features
* Miniature size
* * * * * *
Economical Focused output Stable white light Instant-on capability Modulation capability Extremely high brightness
Applications
* Fiberoptic illumination * Analytical instrumentation * Video projection
. w w w. p e r k i n e l m e r. c o m / o p t o
PE150A-10F
Operational Specifications
Description Power Current Operating Voltage Ignition Voltage Temperature Lifetime* Nominal 150 watts 13 amps (DC) 11.5 volts (DC) Range 100-150 watts 11-13 volts (DC)
RELATIVE OUTPUT
Spectral Output
100 F UV F + HOT MIRROR
11-15 amps (DC)
80
28 kilovolts (recommended minimum) 180 C (maximum) at 150 watts 1000 hours (500 hour warranty)
60
40
* End of lamp life is defined as 50% of initial output.
20
Output at Nominal Power
Description Optical focus (F/1.0) Radiant Output* UV Output* IR Output* Visible Output* Color Temperature Peak Instabilities Spot Size at Crossover Spot Size at Crossover
* Nominal values at 150 watts ** These values indicate total output in all directions. Wavelengths = UV<390nm, IR>770nm, Visible 390nm to 770nm
0 200
300
400
500
600
700
800
900
1000
1100
PE150A-10F 2.42 (8.14mm) 21 watts 2.8 watts 12 watts 1500 Lumens 5900 Kelvin 4% .10" at 50% pts .23" at 10% pts
WAVELENGTH (NM)
Dimensions
O.999(25.37) O.863(21.93)
.242(6.15)
F/1.0
.434(11.02)
.250 (6.35) MAX
1.058 (26.88) 1.567(39.80)
Physical Specifications
Description Arc Gap Reflector Geometry +Y2/N2 Weight Window Diameter Specification .038 inch (0.96mm) Ellipsoidal 1= X2/M2 100 grams .770 inch (19.55 mm)
O.155 (3.94) O.941(23.90)
M=.6875(17.46) .500(12.7) .008(.203) CATHODE DEFOCUS
N=.3772(9.58)
Focused Output
VERTEX
Description Output 6mm aperture 3mm aperture
Visible Output* 1500 Lumens 800 Lumens
Total 14 watts 7 watts
FOCAL POINT CATHODE C ELLIPSE L
REFLECTOR EDGE
REFLECTOR GEOMETRY & CATHODE POSITION FOR OPTICAL INTERFACE PE150A-10F
* Nominal values at 150 watts after 2 hour burn-in
PerkinElmer welcomes inquiries about special lamps. We would be pleased to discuss the requirements of your application and the feasibility of designing a lamp specifically suited to your needs. For more information e-mail us at opto@perkinelmer.com or visit our web site at www.perkinelmer.com/opto. All values are nominal; specifications subject to change without notice.
USA: PerkinElmer Optoelectronics 44370 Christy St. Fremont, CA94538 Phone: (510) 979-6500 Fax: (510) 687-1140 Europe: PerkinElmer Optoelectronics GmbH Wenzel-Jaksch-Str. 31 65199 Wiesbaden Germany Phone: +49 611 492 534 Fax: +49 611 492 578 Asia: PerkinElmer Optoelectronics 47 Ayer Rajah Crescent #06-12 Singapore 139947 Phone: +65 775 2022 Fax: +65 775 1008
.
(c) 2000 PerkinElmer inc. All rights reserved.
DS-288 Rev A 1101
www.perkinelmer.com/opto


▲Up To Search▲   

 
Price & Availability of PE150A-10F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X