Part Number Hot Search : 
015EZ01 05110 SC302E6 UF5406 MMB154W RL205 RL205 74HC4052
Product Description
Full Text Search
 

To Download PDSP16510A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PDSP16330 MC
Pythagoras Processor
DS3240
ISSUE 3.1
November 1998
The PDSP16330 is a high speed digital CMOS IC that converts Cartesian data (Real and Imaginary) into Polar form (Magnitude and Phase), at rates up to 10MHz. Cartesian 16+16 bit 2's complement or Sign-Magnitude data is converted into 16 bit Phase format. The Magnitude output may be scaled in amplitude by powers of 2. The Phase output represents a full 2 x field to eliminate phase ambiguities. Polyimide is used as an inter-layer dielectric and as glassivation.
GC100
FEATURES
10MHz Cartesian to Polar Conversion 16-Bit Cartesian Inputs 16-Bit Magnitude Output 12-Bit Phase Output 2's Complement or Sign-Magnitude Input Formats Three-state Outputs and Independent Data Enables Simplify System Interfacing Magnitude Scaling Facility with Overflow Flag Less than 400 mW Power Dissipation at 10MHz 100 pin CQFP Package
Fig.1 Pin connections - QFP Package
Rev Date
A
B
C
D
FEB 1992 MAR 1993 OCT 1995 NOV 1998
ASSOCIATED PRODUCTS
PDSP16112 PDSP16116 PDSP16318 PDSP16350 PDSP16510A 16 X 12 Complex Multiplier 16 X 16 Complex Multiplier Complex Accumulator I/Q Splitter and NCO Stand Alone FFT Processor
APPLICATIONS
Digital Signal Processing Digital Radio Radar Processing Sonar Processing Robotics
ORDERING INFORMATION PDSP16330/MC/GC1R (10MHz - QFP Package, MIL-STD-883 Screening)
X15:0 Y15:0
CEX
CEY
16 16 SIGN SIGN 16
Y/X
9
FORM
MAGNITUDE
15 X 2 30
MAGNITUDE
15 Y 2 30 SIGN X SIGN Y X>Y
/4 ARCTAN ROM
9
+
32 2 2 X +Y 16 S0
ROTATE 12
SHIFT
S1 2
OEM
OEP
M15:0
OVR
P11:0
Fig.2 Block diagram
PDSP16330 MC
FUNCTIONAL DESCRIPTION
The PDSP16330 converts incoming Cartesian Data into the equivalent Polar Values. The device accepts new 16 + 16 bit complex data every cycle, and delivers a 16 bit + 12 bit Polar equivalent after 24 clock cycles.The input data can be in 2s' Complement or Sign Magnitude format selected via the FORM input. The output is in a magnitude format for both the Magnitude output and the Phase. Phase data is zero for data with a zero Y input and positive X, and is 400 hex for zero X data and positive Y, is 800 hex for zero Y data and negative X, and is C00 hex for zero X and negative Y. The LSB weighting (bit 0) is 2 x /4096 radians. The 16 bit Magnitude result may be scaled by shifting one, two, or three places in the more significant direction, effectively multiplying the Magnitude result by 2,4 or 8 respectively. Any of these shifts can under certain conditions cause an invalid result to be output from the device. Under these circumstances the OVR output will become active. The PDSP16330 has independent clock enables and three state output controls for all ports.
S1-0
These inputs select the scaling factor to be applied to the Magnitude output. They are latched by the rising edge of CLK and determine the scaling of the output in the cycle after they are loaded into the device. The scale factor applied is determined by the table. Should the scaling factor applied cause an invalid Magnitude result to be output on the M Port, then the OVR Flag will become active for the period that the M Port output is invalid.
S1 0 0 1 1
S0 0 1 0 1
Scaling Factor x1 x2 x4 x8
FORM
This input selects the format of the X and Y input data. A low level on FORM indlcates that the Input data is twos' complement format (Note: input data 8000 hex is not valid in 2s' complement mode). This input refers to the format of the current Input data and may be changed on a per cycle basis if desired. The level of FORM is latched at the same time as the data to which it refers. The output number range is from 0 to 2 when the scaling factor is set at x1.
2
PDSP16330 MC
PIN DESCRIPTIONS
Symbol CLK CEX CEY X15-X0 Y15-Y0 M15-M0 Pin Name and Description Clock: Common Clock to device Registers. Register contents change on the rising edge of clock. Both pins must be connected. Clock Enable: Clock Enable for X Port. The clock to the X port is enabled by a low level. Clock Enable: Clock Enable for Y Port The clock to the Y port is enabled by a low level. X Data Input Data presented to this input is loaded into the device by the rising edge of CLK. X15 is the MSB Y Data Input Data presented to this input is loaded into the device by the rising edge of CLK. Y15 is the MSB M Data Output: Magnitude data generated by the device is output on this port. Data changes on the rising edge of CLK, M15 is the MSB. The weighting of M15 is determined by the Scale factor selected . P Data Output: Phase data generated by the device is output on this port. Data changes on the rising edge of CLK, P11 is the MSB. The weighting of P11 is radians. Output Enable: Output Enable for M Port. The M Port is in a high impedance state when this input is high. Output Enable: Output Enable for P Port. The P Port is in a high impedance state when this input is high. Format Select This input selects the format of the Cartesian Data input on the X and Y ports. This input is latched by the rising edge of CLK, and is applied at the same time as the data to which it refers. A low !evel indicates that two's complement data is applied, a high indicates Sign-Magnitude Scaling Control: Control input for scaling of Magnitude Data. This input is latched by the rising edge of CLK, and determines the scaling to be applied to the Magnitude result. The Scaling is applied to the output data in the cycle following the cycle in which the control was latched. Overflow: Overflow flag. This signal becomes active if the scaling currently selected causes an invalid value to be presented to the Magnitude output. +5V supply. All Vcc pins must be connected. 0V supply. All GND pins must be connected.
P11-P0 OEM OEP FORM
S1-S0
OVR Vcc GND
INPUT DATA RANGE 2's Complement 7FFF . . . 0001 0000 FFFF . . . 8001 Sign Magnitude 7FFF . . . 0001 0000 8000 . . . FFF
3
PDSP16330 MC
PIN FUNCTION
Pin No. GC 91 92 93 94 95 96 97 98 99 100 1 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 Function Pin No. GC 23 24 25 26 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 57 58 Function Pin No. GC 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 81 82 83 84 85 86 87 88 89 90 Function
M7 M6 M5 M4 M3 M2 M1 M0 S0 S1 GND Vcc FORM Y15 Y14 Y13 Y12 Y11 Y10 Y9 Y8 Y7 Y6 Y5 Y4 Y3 Y2 Y1
YO CEY CLK Vcc GND GND GND GND GND GND GND OEP P0 P1 P2 P3 P4 P5 P6 P7 P8 P9 P10 P11 GND Vcc CEX X0
X1 X2 X3 X4 X5 X6 X7 X8 X9 X10 X11 X12 X13 X14 X15 CLK OVR Vcc GND OEM M15 M14 M13 M12 M11 M10 M9 M8
ELECTRICAL CHARACTERISTICS
Test conditions (unless otherwise stated): Tamb (Military) =-55C to + 125C Vcc (Military) = 5.0V + 10%, GND = 0V
STATIC CHARACTERISTICS
Value Characteristic Symbol Min. * Output high voltage * Output low voltage * Input high voltage (CMOS) * Input low voltage (CMOS) * Input high voltage (TTL) * Input low voltage (TTL) * Input leakage current (Note 1 ) Input capacitance * Output leakage current Output SC current VOH VOL VIH VIL VIH VIL IIL CIN loz IOS 2.4 0.6 3.0 1.0 2.2 -10 10 -50 -50 + 50 230 0.8 + 120 Typ. Max. V V V V V V A pF A mA 1,2,3 1,2,3 1,2,3 1,2,3 1,2,3 1,2,3 1,2,3 1,2,3 IOH = 3.2mA lOL=-3.2mA Inputs CEX, CEY and CLK only Inputs CEX, CEY and CLK only All other inputs All other inputs GND < VIN NOTES 1. All inputs except clock inputs have high value pull-down resistors 2. All parameters marked * are tested during production. Parameters marked are guaranteed by design and characterisation.
4
PDSP16330 MC
SWITCHING CHARACTERISTICS
Value Characteristic PDSP16330 Min. * Input data setup to clock rising edge Input data Hold after clock rising edge CEX, CEY Setup to clock rising edge CEX, CEY Hold aher clock rising edge FORM, S1:0 Setup to clock rising edge FORM, S1:0 Hold after clock rising edge Clock rising edge to valid data Clock period Clock high time Clock low time Latency OEM, OEP low to data high data valid OEM, OEP low to data low data valid OEM, OEP high to data high impedance OEM, OEP low to data high impedance Vcc current (TTL input levels) 15 2 30 0 15 7 5 100 25 25 24 Max. ns ns ns ns ns ns ns ns 9,10,11 ns ns cycles ns ns ns ns mA Units Subgroup
Conditions
40
2 x LSTTL + 20pF
24 30 30 30 30 110
2 x LSTTL + 20pF 2 x LSTTL + 20pF 2 x LSTTL + 20pF 2 x LSTTL + 20pF VCC = Max Outputs unloaded Clock freq. = Max VCC = Max Outputs unloaded Clock freq. = Max
Vcc current (CMOS input levels)
70
mA
NOTES 1. LSTTL is equivalent to IOH = 20A, IOL = -0.4mA 2. Current is defined as negative into the device 3. CMOS input levels are defined as: VIH = VDD - 0.5V, VIL = +0.5V 4. All parameters marked * are tested during production. Parameters marked are guaranteed by design and characterisation. 5. All timings are dependent on silicon speed. This speed is tested by measuring clock period. This guarantees all other timings by characterisation and design.
ABSOLUTE MAXIMUM RATINGS
Supply voltage, Vcc -0.5V to + 7.0V Input voltage, VIN -0.5V to VCC + 0.5V -0.5V to VCC + 0.5V Output voltage, Vour Clamp diode current per pin, IK (see Note 2) 18mA 500V Static discharge voltage (HMB), VSTAT Storage temperature. Tstg -65C to + 150C Ambient temperature with power applied Tamb: Military -55 C to + 125 C 1200mW Package power dissipation PTOT Junction temperature 150 C
THERMAL CHARACTERISTICS
Package Type GC
JCC/W 12
NOTES
1. Exceeding these ratings may cause permanent damage. Functional operatlon under these conditions is not implied. 2. Maximum dissipation or 1 second should not be exceeded; only one output to be tested at any one time. 3. Exposure to Absolute Maximum Ratings for extended periods may affect device reliability
5
PDSP16330 MC
Test Waveform - measurement level
Delay from ouput high to output high impedance
VH
0.5V
Delay from ouput low to output high impedance
VL
0.5V
Delay from ouput high impedance to Output low
1.5V
0.5V
Delay from ouput high impedance to Output high
1.5V
0.5V
NOTES 1. VH - Voltage reached when output driven high 2. VL - Voltage reached when output driven low
IOL
DUT 1.5V 100p
IOH
Fig.2 Three state delay measurement load
6
PDSP16330 MC
Part No: Package Type: PDSP16330/A Pythagoras Processor AC84/GC100
Pin No.4 GC 76 74 73 71 68 67 64 61 59 58 51 83 81 75 72 69 62 63 60 57 52
Con. V1 V1 0v 0v 0v 0v 0v 0v 0v 0v 0v N/C 0v N/C 0v 0v 0v 0v 0v 0v V1
Pin No. GC 49 84 82 70 66 65 50 48 86 85 47 46 89 88 87 45 44 43 95 90 91
Con. N/C N/C 0v 0v 0v 0v N/C N/C N/C N/C N/C N/C N/C N/C N/C N/C N/C N/C N/C N/C N/C
Pin No. GC 41 37 42 93 94 92 40 38 39 96 97 35 36 98 100 12 16 17 32 34 99
Con. N/C 0v N/C N/C N/C N/C N/C 0v N/C N/C N/C 0v 0v N/C V1 V1 V1 V1 0v 0v V1
Pin No. GC 6 7 10 13 15 19 22 25 31 33 1 8 9 11 14 20 18 21 23 24 26
Con. V1 0v V1 V1 V1 V1 V1 V1 0v 0v 0v V1 V1 V1 V1 V1 V1 V1 V1 0v V1
VDD max = +5.0V = V1 N/C = not connected (All GC100 pins not specified are N/C)
Fig.3 Life Test/Burn-in connections NOTE: PDA is 5% and based on groups 1 and 7
7
For more information about all Zarlink products visit our Web Site at
www.zarlink.com
Information relating to products and services furnished herein by Zarlink Semiconductor Inc. or its subsidiaries (collectively "Zarlink") is believed to be reliable. However, Zarlink assumes no liability for errors that may appear in this publication, or for liability otherwise arising from the application or use of any such information, product or service or for any infringement of patents or other intellectual property rights owned by third parties which may result from such application or use. Neither the supply of such information or purchase of product or service conveys any license, either express or implied, under patents or other intellectual property rights owned by Zarlink or licensed from third parties by Zarlink, whatsoever. Purchasers of products are also hereby notified that the use of product in certain ways or in combination with Zarlink, or non-Zarlink furnished goods or services may infringe patents or other intellectual property rights owned by Zarlink. This publication is issued to provide information only and (unless agreed by Zarlink in writing) may not be used, applied or reproduced for any purpose nor form part of any order or contract nor to be regarded as a representation relating to the products or services concerned. The products, their specifications, services and other information appearing in this publication are subject to change by Zarlink without notice. No warranty or guarantee express or implied is made regarding the capability, performance or suitability of any product or service. Information concerning possible methods of use is provided as a guide only and does not constitute any guarantee that such methods of use will be satisfactory in a specific piece of equipment. It is the user's responsibility to fully determine the performance and suitability of any equipment using such information and to ensure that any publication or data used is up to date and has not been superseded. Manufacturing does not necessarily include testing of all functions or parameters. These products are not suitable for use in any medical products whose failure to perform may result in significant injury or death to the user. All products and materials are sold and services provided subject to Zarlink's conditions of sale which are available on request.
Purchase of Zarlink's I2C components conveys a licence under the Philips I2C Patent rights to use these components in and I2C System, provided that the system conforms to the I2C Standard Specification as defined by Philips. Zarlink, ZL and the Zarlink Semiconductor logo are trademarks of Zarlink Semiconductor Inc. Copyright Zarlink Semiconductor Inc. All Rights Reserved.
TECHNICAL DOCUMENTATION - NOT FOR RESALE


▲Up To Search▲   

 
Price & Availability of PDSP16510A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X