Part Number Hot Search : 
IRFN250 18160 SM160 P6KA13A H2264 PCA9698 1N4001 TZA3014
Product Description
Full Text Search
 

To Download PDSP16510A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PDSP16330/A/B
Pythagoras Processor
DS3884
ISSUE 2.1
November 1998
The PDSP16330 is a high speed digital CMOS IC that converts Cartesian data (Real and Imaginary) into Polar form (Magnitude and Phase), at rates up to 20MHz. Cartesian 16+16 bit 2's complement or Sign-Magnitude data is converted into 16 bit Phase format. The Magnitude output may be scaled in amplitude by powers of 2. The Phase output represents a full 2 x field to eliminate phase ambiguities. Polyimide is used as an inter-layer dielectric and as glassivation. The PDSP16330 is offered in three speed grades: a basic 10MHz part (PDSP16330), a 20MHz version (PDSP16330A) and a 25MHz version (PDSP16330). A MILSTD-883 version is also detailed in a separate datasheet.
PIN 1A INDEX MARK ON TOP SURFACE
A B C D E F G H J K L
FEATURES
25MHz Cartesian to Polar Conversion 16-Bit Cartesian Inputs 16-Bit Magnitude Output 12-Bit Phase Output 2's Complement or Sign-Magnitude Input Formats Three-state Outputs and Independent Data Enables Simplify System Interfacing Magnitude Scaling Facility with Overflow Flag Less than 400 mW Power Dissipation at 10MHz 84-pin PGA or 100 pin QFP Package or 84 LCC
11 10 9 8 7 6 543 21
AC84
Fig.1 Pin connections - bottom view (PGA)
APPLICATIONS
Digital Signal Processing Digital Radio Radar Processing Sonar Processing Robotics ORDERING INFORMATION Commercial (0C to +70C) PDSP16330A CO AC (20MHZ - PGA Package) PDSP16330B CO AC (25MHZ - PGA Package) Industrial (-40C to +85C) PDSP16330A BO AC 20MHZ - PGA Package PDSP16330A/IG/GC1R 20MHZ - GC Package PDSP16330B BO AC 25MHZ - PGA Package Military (-55C to +125C) PDSP16330A AO AC 20MHZ - PGA Package PDSP16330/MC/GC1R 10MHz - GC Package Mil 883C Screened
GC100
Fig.2 Pin connections - QFP Package
ASSOCIATED PPODUCTS
PDSP16112 PDSP16116 PDSP16318 PDSP16350 PDSP16510A 16 X 12 Complex Multiplier 16 X 16 Complex Multiplier Complex Accumulator I/Q Splitter and NCO Stand Alone FFT Processor
PDSP16330/A/B
X15:0 Y15:0
CEX
CEY
16 16 SIGN SIGN 16
FORM
MAGNITUDE
15 X 2 30
MAGNITUDE
15 Y 2 30 SIGN X SIGN Y X>Y
Y/X
9
/4
ARCTAN ROM
9
+
32 2 2 X +Y 16 S0
ROTATE 12
SHIFT
S1 2
OEM
OEP
M15:0
OVR
P11:0
Fig.2 Block diagram
FUNCTIONAL DESCRIPTION
The PDSP16330 converts incoming Cartesian Data into the equivalent Polar Values. The device accepts new 16 + 16 bit complex data every cycle, and delivers a 16 bit + 12 bit Polar equivalent after 24 clock cycles.The input data can be in 2s' Complement or Sign Magnitude format selected via the FORM input. The output is in a magnitude format for both the Magnitude output and the Phase. Phase data is zero for data with a zero Y input and positive X, and is 400 hex for zero X data and positive Y, is 800 hex for zero Y data and negative X, and is C00 hex for zero X and negative Y. The LSB weighting (bit 0) is 2 x /4096 radians. The 16 bit Magnitude result may be scaled by shifting one, two, or three places in the more significant direction, effectively multiplying the Magnitude result by 2,4 or 8 respectively. Any of these shifts can under certain conditions cause an invalid result to be output from the device. Under these circumstances the OVR output will become active. The PDSP16330 has independent clock enables and three state output controls for all ports.
S1-0
These inputs select the scaling factor to be applied to the Magnitude output. They are latched by the rising edge of CLK and determine the scaling of the output in the cycle after they are loaded into the device. The scale factor applied is determined by the table. Should the scaling factor applied cause an invalid Magnitude result to be output on the M Port, then the OVR Flag will become active for the period that the M Port output is invalid.
S1 0 0 1 1
S0 0 1 0 1
Scaling Factor x1 x2 x4 x8
FORM
This input selects the format of the X and Y input data. A low level on FORM indlcates that the Input data is twos' complement format (Note: input data 8000 hex is not valid in 2s' complement mode). This input refers to the format of the current Input data and may be changed on a per cycle basis if desired. The level of FORM is latched at the same time as the data to which it refers. The output number range is from 0 to 2 when the scaling factor is set at x1.
2
PDSP16330/A/B
PIN DESCRIPTIONS
Symbol CLK CEX CEY X15-X0 Y15-Y0 M15-M0 Pin Name and Description Clock: Common Clock to device Registers. Register contents change on the rising edge of clock. Both pins must be connected. Clock Enable: Clock Enable for X Port. The clock to the X port is enabled by a low level. Clock Enable: Clock Enable for Y Port The clock to the Y port is enabled by a low level. X Data Input Data presented to this input is loaded into the device by the rising edge of CLK. X15 is the MSB Y Data Input Data presented to this input is loaded into the device by the rising edge of CLK. Y15 is the MSB M Data Output: Magnitude data generated by the device is output on this port. Data changes on the rising edge of CLK, M15 is the MSB. The weighting of M15 is determined by the Scale factor selected . P Data Output: Phase data generated by the device is output on this port. Data changes on the rising edge of CLK, P11 is the MSB. The weighting of P11 is radians. Output Enable: Output Enable for M Port. The M Port is in a high impedance state when this input is high. Output Enable: Output Enable for P Port. The P Port is in a high impedance state when this input is high. Format Select This input selects the format of the Cartesian Data input on the X and Y ports. This input is latched by the rising edge of CLK, and is applied at the same time as the data to which it refers. A low !evel indicates that two's complement data is applied, a high indicates Sign-Magnitude Scaling Control: Control input for scaling of Magnitude Data. This input is latched by the rising edge of CLK, and determines the scaling to be applied to the Magnitude result. The Scaling is applied to the output data in the cycle following the cycle in which the control was latched. Overflow: Overflow flag. This signal becomes active if the scaling currently selected causes an invalid value to be presented to the Magnitude output. +5V supply. All Vcc pins must be connected. 0V supply. All GND pins must be connected.
P11-P0 OEM OEP FORM
S1-S0
OVR Vcc GND
INPUT DATA RANGE 2's Complement 7FFF . . . 0001 0000 FFFF . . . 8001 Sign Magnitude 7FFF . . . 0001 0000 8000 . . . FFF
3
PDSP16330/A/B
PIN FUNCTION
Pin No. AC F3 G3 G1 G2 F1 H1 H2 J1 K1 J2 L1 K2 K3 L2 L3 K4 L4 J5 K5 L5 K6 J6 J7 L7 K7 L6 L8 K8 GC Function Pin No. AC L9 L10 K9 L11 K10 J10 K11 J11 H10 H11 F10 G10 G11 G9 F9 F11 E11 E10 E9 D11 D10 C11 B11 C10 A11 B10 B9 A10 GC Function Pin No. AC YO CEY CLK Vcc GND GND GND GND GND GND GND OEP P0 P1 P2 P3 P4 P5 P6 P7 P8 P9 P10 P11 GND Vcc CEX X0 A9 B8 A8 B6 B7 A7 C7 C6 A6 A5 B5 C5 A4 B4 A3 A2 B3 A1 B2 C2 B1 C1 D2 D1 E3 E2 E1 F2 GC Function
91 92 93 94 95 96 97 98 99 100 1 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22
M7 M6 M5 M4 M3 M2 M1 M0 S0 S1 GND Vcc FORM Y15 Y14 Y13 Y12 Y11 Y10 Y9 Y8 Y7 Y6 Y5 Y4 Y3 Y2 Y1
23 24 25 26 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 57 58
59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 81 82 83 84 85 86 87 88 89 90
X1 X2 X3 X4 X5 X6 X7 X8 X9 X10 X11 X12 X13 X14 X15 CLK OVR Vcc GND OEM M15 M14 M13 M12 M11 M10 M9 M8
ELECTRICAL CHARACTERISTICS
Test conditions (unless otherwise stated): Tamb (Commercial) = 0C to + 70C, Tamb (Industrial) = -40C to + 85C Vcc (Commercial) = 5.0V + 5%, Vcc (Industrial and Military) = 5.0V + 1%, GND = 0V
STATIC CHARACTERISTICS
Value Characteristic Symbol Min. * * * * * * * * Output high voltage Output low voltage Input high voltage (CMOS) Input low voltage (CMOS) Input high voltage (TTL) Input low voltage (TTL) Input leakage current (Note 1 ) Input capacitance Output leakage current Output SC current VOH VOL VIH VIL VIH VIL IIL CIN loz IOS 2.4 0.6 3.0 1.0 2.2 -10 10 -50 -50 + 50 230 0.8 + 120 Typ. Max. V V V V V V A pF A mA 1,2,3 1,2,3 1,2,3 1,2,3 1,2,3 1,2,3 1,2,3 1,2,3 IOH = 3.2mA lOL=-3.2mA Inputs CEX, CEY and CLK only Inputs CEX, CEY and CLK only All other inputs All other inputs GND < VINNOTES 1. All inputs except clock inputs have high value pull-down resistors 2. All parameters marked * are tested during production. Parameters marked are guaranteed by design and characterisation.
4
PDSP16330/A/B
SWITCHING CHARACTERISTICS
Value Characteristic PDSP16330 Min. * Input data setup to clock rising edge Input data Hold after clock rising edge CEX, CEY Setup to clock rising edge CEX, CEY Hold aher clock rising edge FORM, S1:0 Setup to clock rising edge FORM, S1:0 Hold after clock rising edge Clock rising edge to valid data Clock period Clock high time Clock low time Latency OEM, OEP low to data high data valid OEM, OEP low to data low data valid OEM, OEP high to data high impedance OEM, OEP low to data high impedance Vcc current (TTL input levels) 15 2 30 0 15 7 5 100 25 25 24 Max. PDSP16330A PDSP16330B Min. 12 2 12 0 12 2 5 50 15 15 24 Max. Min. 12 2 12 0 12 2 5 40 15 15 24 25 25 25 25 225 Max. ns ns ns ns ns ns ns ns ns ns cycles ns ns ns ns mA Units Conditions
40
25
25
2 x LSTTL + 20pF
24 30 30 30 30 110
24 25 25 25 25 180
24
2 x LSTTL + 20pF 2 x LSTTL + 20pF 2 x LSTTL + 20pF 2 x LSTTL + 20pF VCC = Max Outputs unloaded Clock freq. = Max VCC = Max Outputs unloaded Clock freq. = Max
Vcc current (CMOS input levels)
70
120
150
mA
NOTES 1. LSTTL is equivalent to IOH = 20A, IOL = -0.4mA 2. Current is defined as negative into the device 3. CMOS input levels are defined as: VIH = VDD - 0.5V, VIL = +0.5V 4. All parameters marked * are tested during production. Parameters marked are guaranteed by design and characterisation. 5. All timings are dependent on silicon speed. This speed is tested by measuring clock period. This guarantees all other timings by characterisation and design.
ABSOLUTE MAXIMUM RATINGS
Supply voltage, Vcc -0.5V to + 7.0V -0.5V to VCC + 0.5V Input voltage, VIN Output voltage, Vour -0.5V to VCC + 0.5V 18mA Clamp diode current per pin, IK (see Note 2) Static discharge voltage (HMB), VSTAT 500V Storage temperature. Tstg -65C to + 150C Ambient temperature with power applied Tamb: Commercial 0C to + 70C Industrial -40C to + 85C Military -55 C to + 125C 1200mW Package power dissipation PTOT Junction temperature 150C
THERMAL CHARACTERISTICS
Package Type AC GC
JCC/W
12 12
JAC/W
36 35
NOTES 1. Exceeding these ratings may cause permanent damage. Functional operatlon under these conditions is not implied. 2. Maximum dissipation or 1 second should not be exceeded; only one output to be tested at any one time. 3. Exposure to Absoulte Maximum Ratings for extended periods may affect device reliability.
5
PDSP16330/A/B
Test Waveform - measurement level
Delay from ouput high to output high impedance
VH
0.5V
Delay from ouput low to output high impedance
VL
0.5V
Delay from ouput high impedance to Output low
1.5V
0.5V
Delay from ouput high impedance to Output high
1.5V
0.5V
NOTES 1. VH - Voltage reached when output driven high 2. VL - Voltage reached when output driven low
IOL
DUT 1.5V 100p
IOH
Fig.3 Three state delay measurement load
6
For more information about all Zarlink products visit our Web Site at
www.zarlink.com
Information relating to products and services furnished herein by Zarlink Semiconductor Inc. or its subsidiaries (collectively "Zarlink") is believed to be reliable. However, Zarlink assumes no liability for errors that may appear in this publication, or for liability otherwise arising from the application or use of any such information, product or service or for any infringement of patents or other intellectual property rights owned by third parties which may result from such application or use. Neither the supply of such information or purchase of product or service conveys any license, either express or implied, under patents or other intellectual property rights owned by Zarlink or licensed from third parties by Zarlink, whatsoever. Purchasers of products are also hereby notified that the use of product in certain ways or in combination with Zarlink, or non-Zarlink furnished goods or services may infringe patents or other intellectual property rights owned by Zarlink. This publication is issued to provide information only and (unless agreed by Zarlink in writing) may not be used, applied or reproduced for any purpose nor form part of any order or contract nor to be regarded as a representation relating to the products or services concerned. The products, their specifications, services and other information appearing in this publication are subject to change by Zarlink without notice. No warranty or guarantee express or implied is made regarding the capability, performance or suitability of any product or service. Information concerning possible methods of use is provided as a guide only and does not constitute any guarantee that such methods of use will be satisfactory in a specific piece of equipment. It is the user's responsibility to fully determine the performance and suitability of any equipment using such information and to ensure that any publication or data used is up to date and has not been superseded. Manufacturing does not necessarily include testing of all functions or parameters. These products are not suitable for use in any medical products whose failure to perform may result in significant injury or death to the user. All products and materials are sold and services provided subject to Zarlink's conditions of sale which are available on request.
Purchase of Zarlink's I2C components conveys a licence under the Philips I2C Patent rights to use these components in and I2C System, provided that the system conforms to the I2C Standard Specification as defined by Philips. Zarlink, ZL and the Zarlink Semiconductor logo are trademarks of Zarlink Semiconductor Inc. Copyright Zarlink Semiconductor Inc. All Rights Reserved.
TECHNICAL DOCUMENTATION - NOT FOR RESALE


▲Up To Search▲   

 
Price & Availability of PDSP16510A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X