|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
PDSP16488A MA PDSP16488A MA Single Chip 2D Convolver with Integral Line Delays Supersedes January 1997 version, DS3742 - 3.1 DS3742 - 4.0 January 2000 The PDSP16488A is a fully integrated, application specific, image processing device. It performs a two dimensional convolution between the pixels within a video window and a set of stored coefficients. An internal multiplier accumulator array can be multi-cycled at double or quadruple the pixel clock rate. This then gives the window size options listed in Table 1. An internal 32k bit RAM can be configured to provide either four or eight line delays. The length of each delay can be programmed to the users requirement, up to a maximum of 1024 pixels per line. The line delays are arranged in two groups,which may be internally connected in series or may be configured to accept separate pixel inputs. This allows interlaced video or frame to frame operations to be supported. The 8 bit coefficients are also stored internally and can be downloaded from a host computer or from an EPROM. No additional logic is required to support the EPROM and a single device can support up to 16 convolvers. The PDSP16488A contains an expansion adder and delay network which allows several devices to be cascaded. Convolvers with larger windows can then be fabricated as shown in Table 2. Intermediate 32 bit precision is provided to avoid any danger of overflow, but the final result will not normally occupy all bits. The PDSP16488A thus provides a multiplier in the output path, which allows the user to align the result to the most significant end of the 32 bit word. FEATURES I I I I I I I I I The PDSP16488A is a fully compatible replacement for the PDSP16488 8 or 16 bit pixels with rates up to 40 MHz Window sizes up to 8 x 8 with a single device Eight internal line delays Supports interlace and frame to frame operations Coefficients supplied from an EPROM or remote host Expandable in both X and Y for larger windows Gain control and pixel output manipulation 132 pin QFP A B C JAN1997 D Rev Date NOTE MAR 1993 JUL 1996 Polyimide is used as an inter-layer dielectric and as glassivation. Polymeric material is also used for die attach which according to the requirement in paragraph 1.2.1.b. (2) precludes catagorising this device as fully compliant. In every other respect this device has been manufactured and screened in full accordance with the requirements of Mil-Std 883 (latest revision). CHANGE NOTIFICATION Data Size 8 8 8 16 16 Window Size Width X Depth 4 8 8 4 8 4 4 8 4 4 Max Pixel Rate 40MHz 20MHz 10MHz 20MHz 10MHz Line Delays 4x1024 4x1024 8x512 4x512 4x512 The change notification requirements of MIL-PRF-38535 will be implemented on this device type. Known customers will be notified of any changes since the last buy when ordering further parts if significant changes have been made. PIXEL CLOCK GENERATOR EPROM ADDR DATA POWER ON RESET Table 1 Single Device Configurations Max Pixel Rate 10MHz 10MHz 20MHz 20MHz 40MHz 40MHz Pixel Size 8 16 8 16 8 16 3x3 1 1 1 1 1 2 5x5 1 2 2 4 4* Window size 7x7 1 2 2 4 4* 9x9 11x11 15x15 23x23 4 6 4 6 4 8 9 COMPOSITE OPTIONAL FIELD STORE AUX DATA A/D CONVERTER DATA IN SYNC EXTRACT CLK SYNC BYPASS RES DELAYED SYNC PDSP 16488A CONVOLVER OUTPUT DATA * Maximum rate is limite to 30 MHz by line stor expansion delays d e Table 2 Devices needed to implement typical window sizes Fig. 1 Typical , Stand Alone, Real Time System 1 PDSP16488A MA CE DS R/W PC0 PC1 RE CS3:0 S MULTI PURPOSE DATA BUS X15:0 PROG MASTER SINGLE DELOP IP7:0 BY PASS Y DELAY 1 LINE DELAY CONTROL X DELAY CONTROL REGISTERS COEFFICIENT STORE (64) COMPARATOR BIN 3 LINE DLYS L7:0 Y DELAY 4 LINE DLYS 8X8 ARRAY OF MAC'S OVER FLOW SCALER ADDER D15:0 DATA OUT MUX OEN CLOCK Fig. 2 Functional Block Diagram PIN NO FUNCTION AC PACKAGE A1 B1 C2 C1 D2 D1 E2 E1 F2 G2 G1 H2 J1 J2 K1 K2 L1 L2 M1 N1 N2 L0 F1 L1 L2 L3 SPARE L4 L5 L6 L7 IP7 SPARE IP6 IP5 IP4 SPARE IP3 IP2 IP1 IP0 BYPASS PIN NO FUNCTION AC PACKAGE X15 M3 X14 N3 X13 M4 SPARE N4 SINGLE M5 X12 N5 X11 M6 MASTER M7 X10 N7 X9 M8 X8 N9 X7 M9 X6 N10 X5 M10 X4 N11 X3 M11 X2 N12 X1 N13 X0 M13 DELOP L12 PC0 L13 PIN NO AC PACKAGE K12 K13 J12 J13 H12 G12 G13 F12 E13 E12 D13 D12 C13 C12 B13 A13 A12 B11 A11 B10 A10 FUNCTION RES CS0 CS1 CS2 CS3 PROG DS CE R/W HRES OV PC1 BIN OEN D0 D1 D2 D3 D4 D5 D6 PIN NO FUNCTION AC PACKAGE B9 D7 A9 D8 B8 CLK B7 SPARE A7 D9 B6 D10 A5 D11 B5 SPARE A4 D12 B4 D13 A3 D14 B3 D15 A2 F0 F1 VDD N6 VDD F13 VDD A6 VDD H1 GND N8 GND H13 GND A8 GND Pin out Table (84 pin PGA - AC84) 2 PDSP16488A MA NAME IP7:0 L7:0 TYPE INPUT I/O DESCRIPTION Pixel data input to the first line delay. [most significant byte in 16 bit mode] Pixel data input to the second group of line delays. [least significant byte in 16bit mode]. Alternatively an output from the last line delay when the appropriate mode bit is set. The first line delay in the first group is bypassed when this input is active. (High). No internal pull up. Resets the line delay address pointers when high. Normally the composite sync signal in real time applications. In non real time systems it defines a frame store update period, when low. Address/data connections from a MASTER or SINGLE device to the external coefficient source, with X15 defining EPROM or Host support. Otherwise they provide the expansion data input. Signed 16 bit scaled data or multiplexed 32 bit intermediate data. During intermediate transfers the most significant half is valid when the clock is low, and the least significant half when clock is high. During programming a MASTER device outputs a timing strobe on this pin. This is passed down the chain in a multiple device system, using the PC0 input on the next device. This pin is used in conjunction with PC1 in multiple device systems. It terminates the write strobe from a MASTER device which is EPROM supported. This output provides a version of the HRES input which has been delayed by an amount defined by the user. The data strobe from a host computer. Active low. This pin will be an output from an EPROM supported MASTER device which provides strobes to the remaining devices. An active low enable which is internally gated with R/ W and DS to perform reads or writes to the internal registers. In a SINGLE or MASTER device, which is supported from an EPROM, the bottom 72 addresses are always used and CE is not needed. CE can then be used to initiate a new register load sequence after the power on load sequence. Read / not write line from the host CPU. When an EPROM is used this pin should be tied low. This pin is normally an input which signifies that registers are to be changed or examined. It is, however, an output from an EPROM supported SINGLE or MASTER device indicating to the rest of the system that registers are being updated. Clock. All events are triggered on the rising edge of the clock, except the latching of least significant expansion inputs . Internally the clock can be multiplied by two or four in order to increase the effective number of multipliers. This output indicates the result from the internal comparison. A high value indicates that the pixel was greater than the internal threshold. The output is only valid from the last device in a chain. When high this output indicates that there has been a gain control overflow. Active low power on reset signal. Tied to ground to indicate a SINGLE device system. Internal pull up resistor. Tied to ground to indicate the MASTER device in a multiple device system. Must be left open circuit in a SINGLE device system. Internal pull up. Output enable signal. Active low. Four address bits from a MASTER specifying one of sixteen devices in a multiple device system. Must be externally decoded to provide chip enables for the additional devices. These bits indicate the field selection given by the auto select logic. The same coding as that used for Control Register bits C5:4 is used. Four Power and ground pairs. All must be connected. BYPASS HRES INPUT INPUT X15:0 DUAL FUNCTION OUTPUT D15:0 PC1 OUTPUT PC0 INPUT DELOP OUTPUT DS I/O CE INPUT R/ W PROG INPUT I/O CLK INPUT BIN OUTPUT OV RES SINGLE MASTER OUTPUT INPUT INPUT INPUT OEN CS3:0 INPUT OUTPUTS F1:0 OUTPUTS VCC / GND SUPPLY 3 PDSP16488A MA BASIC OPERATION MULTIPLIER ARRAY The PDSP16488A convolver performs a weighted sum of all the pixels within an N x N two dimensional window. Each pixel value is multiplied by a signed coefficient, or weight, and the products are summed together. In practice positive weights would be used to produce averaging effects, with various distribution laws, and negative weights would be used for edge enhancement. The window is moved continuously over the video frame, and for real time operation a new result must be obtained for every pixel clock. In most applications odd sized windows will be used, resulting in a centre pixel whose value is modified by the surrounding pixels. The PDSP16488A contains sixteen 8x8 multipliers each producing a 16 bit result. Internally the pixel clock supplied by the user can be multiplied by two or four, which together with the proprietary architecture, allows each multiplier to be used several times within a pixel clock period. This increases the effective number of multipliers, which are available to the user, from 16 to 32 or 64 respectively. This architecture produces a very efficient utilization of chip area, and allows the line delays to be accommodated on the same device. The sixteen multipliers are arranged in a 4 deep by 4 wide array, resulting in effective arrays of 4 by 8 or 8 by 8 with the multi-cycling options. The multiplier array can also be configured to handle 16 bit signed pixels; the effective number of available multipliers is then halved. OUTPUT ACCURACY With 8 bit pixels, and an 8 x 8 window, it is possible for the accumulated sum to grow to 22 bits within a single device. With 16 bit pixels, and an 8 x 4 window ( the maximum possible ), the sum can grow to 29 bits. The PDSP16488A actually allows for word growth up to 32 bits, and thus allows several devices to be cascaded without any danger of overflow. Since coefficients can be negative, the final result is a 32 bit signed two's complement number. In a particular application the desired output will lie somewhere within these 32 bits, the actual position being dependent on the coefficient values used. This causes problems in physically choosing which output pins to connect to the rest of the system. To overcome this problem the PDSP16488A contains an output multiplier, or gain control, which allows the final result to be aligned to the most significant end of the 32 bit internal result.The provision of a multiplier, rather than a simple shifter, allows the gain to be defined more accurately. The sixteen most significant bits of the adjusted result are available on output pins, and contain a sign bit. LINE DELAY OPERATION Internal RAM is arranged in two separate groups, and can be configured to provide line delays to match the chosen size of the convolver. When a four deep arrangement is used, with 8 bit pixels, four line delays are available, and each can be programmed to contain up to 1024 pixels. In an eight deep array, or if16 bit pixels are needed, each line can contain up to 512 pixels. Figure 4 illustrates the options available. The first line delay in one of the groups can optionally be switched in or out under the control of an input pin. It is used to delay the pixel input when data is obtained from another convolver in a multiple device system, or it is used to support interlaced video. Signals L7:0 may be used as pixel inputs or outputs. They are configured as inputs at power-on to avoid possible bus conflicts, but by setting a mode control bit can become outputs. They can then be used to drive another device when multiple PDSP16488A's are required. OUTPUT SATURATION If the output from the convolver is driving a display, negative pixels will give erroneous results. An option is thus provided which forces all negative results to zero, which are then interpreted as black by the display. At the same time positive results, which overflow the gain control, are forced to saturate at the most positive number ie peak white. In this mode the output sign bit is always zero,and should not be connected to an A/D converter. A separate option forces both negative and positive overflows to saturate at their respective maximum values, but in scale negative results remain valid. A gain control overflow warning flag is also available, which can be used in a host CPU supported system to change the gain parameters if overflows are not acceptable. INTERLACED VIDEO When using real time interlaced video, a picture or frame is composed from two fields, with odd lines in one field and even lines in the other. An external field delay is thus required to gather information from adjacent lines, and the convolver needs two input busses. The bus providing the delayed pixels has an extra internal line delay. This is only used in the field containing the upper line in any pair of lines, and must be bypassed in the other field. It ensures that data from the previous field always corresponds to the line above the present active line, and avoids the need to change the position of the coefficients from one field to the next. Figure 3 shows the translation from physical to internal line positions, for single device interlaced systems. Line N is the line presently being convolved, which is either one or two lines previous to the line presently being produced. When windows requiring four or more lines are to be implemented, the first line delay, in the group supplied from the L7:0 pins, must always be by-passed. This by-pass option is controlled by Register B, bit 7 and is not effected by the BYPASS input pin.. The coefficients must be loaded into the locations shown, which match the translated line positions, with unused coefficients, shown shaded, loaded with zero's. BINARY OUTPUT The PDSP16488A contains a 16 bit arithmetic comparator which allows the output from the gain control to be compared with a previously programmed value. An output flag allows the user to detemine if the result was above or below a value contained within an internal register. 4 PDSP16488A MA IP7:0 1024 3 X 3 WINDOW LINE N-1 LINE N C4 C8 C0 C5 C9 C1 C6 C10 C2 FIELD DELAY N+1 N-1 ODD FIELD 1024 4X4 OR 8X4 ARRAY VIDEO LINE N+2 L7:0 1024 N LINE N+1 1024 Output is shifted by 1 line in every field 5 X 5 WINDOW LINE N-2 C48 C49 C50 C51 C52 IP7:0 512 ODD FIELD 512 FIELD DELAY 512 512 N+1 N-1 LINE N-1 LINE N C8 C40 C9 C41 C10 C42 C11 C43 C12 C44 LINE N+1 C0 C32 C1 C33 C2 C34 C3 C35 C4 C36 LINE N+2 VIDEO LINE N+2 L7:0 512 512 * N+2 N N-2 8X8 ARRAY Output is shifted by 1 line in every field *Delay is By-Passed [REG B,BIT 7 IS SET] 512 512 8 X 8 WINDOW LINE N-3 C24 C25 C26 C27 C28 C29 C30 C31 ODD FIELD IP7:0 512 512 FIELD DELAY C23 512 512 C55 N+3 N+1 N-1 N-3 LINE N-2 LINE N-1 C56 C57 C58 C59 C60 C61 C62 C63 C16 C17 C18 C19 C20 C21 C22 LINE N C48 C49 C50 C51 C52 C53 C54 L7:0 LINE N+1 C8 C9 C10 C11 C12 C13 C14 C15 VIDEO LINE N+4 512 512 * N+4 N+2 N N-2 8X8 ARRAY Output is shifted by 2 lines in every field LINE N+2 C40 C41 C42 C43 C44 C45 C46 C47 LINE N+3 C0 C1 C2 C3 C4 C5 C6 C7 * Delay is By-Passed [REG B,BIT 7 IS SET] 512 512 LINE N+4 C32 C33 C34 C35 C36 C37 C38 C39 Figure 3. Line Delay Allocations in Single Device Interlaced Systems 5 PDSP16488A MA An alternative means of defining the line length is, however, provided when an exact number of pixels is needed. HRES going in-active then starts the delay operation for every line, but it ceases when the 10 bit value contained in two registers is reached. This method can avoid the need to store blank pixels at the end of a line before sync goes active. With this method the line must contain an even number of pixels, but the value loaded into the control registers defining the line length, must be one less than the even number needed. In an image processing system, the pixel clock is often re-synchronized, or even inhibited, during blanking or sync. The next line is then started with a precise time interval from the end of sync to the first pixel clock edge. This avoids any visible pixel jitter at the beginning of the line, which would otherwise be present since pixel clock is asynchronous with respect to video sync pulses. When using the PDSP16488A the pixel clock should not be inhibited, or re-synchronized, until the delayed version of the HRES input goes active. This is present on the DELOP output pin. This will ensure that no pixels on the right hand edge are lost due to the internal pipeline delay. If the pixel clock is a continuous signal, the user must ensure that the HRES in-active transition meets the timing requirements defined in Figure 10. The active going edge at the end of a line need not be synchronized. When pixels are read/written to a frame store, an alternative line delay configuration is needed. Within the frame store lines would be stored in contiguous locations, with no gaps caused by the flyback period between the lines. This method of use makes the HRES defined line delay operation difficult to use, and an alternative mode of operation is provided. The HRES input is then driven by a system provided signal, which defines a complete frame store update period. It is not a line defining signal. The high to low transition of this signal will initiate the line store update sequence and allow the internal address pointers to increment. These pointers will be synchronously reset at the end of a line, when they reach the pre-programmed value. They will then immediately start a new operation using address zero. The actual line delay must be pre-loaded into two control registers as described previously. Write operations back to the frame store must allow for the total pipeline delay. This can be achieved by inhibiting write operations until the delayed version of HRES goes low at the DELOP output pin. Write operations then continue until it goes back high. The PDSP16488A assumes that data is valid when a clock signal is applied, and that it also meets the set up and hold requirements given in Figure 10. If data is not valid, due for example to a frame store DRAM refresh cycle, then the user must externally inhibit the clock. The clock supplied to the convolver will in this mode be a signal which defines a frame store cycle time. The use of the convolver in a line scan system is similar to its use with a frame store. These systems have no flyback period, and the address counter must be synchronously reset at the end of the line and then allowed to continue. IP7:0 BYPASS 512 512 512 512 512 512 512 512 L7:0 8X8 ARRAY IP7:0 BYPASS 512 512 512 512 L7:0 512 512 512 512 8x8 ARRAY IP7:0 BYPASS 1024 IP7:0 1024 BYPASS 1024 1024 1024 4X4 OR 8X4 ARRAY 1024 L7:0 1024 1024 4X4 OR 8X4 ARRAY L7:0 L7:0 IP7:0 BYPASS 512 512 512 512 512 16 512 16 512 16 512 16 4X4 OR 8X4 Fig. 4. Line Delay Configurations DEFINING THE LENGTH OF THE LINE DELAY Figure 4 defines the maximum line lengths available in each of the window size options. The actual line lengths can be defined in one of three ways, to support both real time applications, taking pixels directly from a camera, and also use in systems supported by a frame store. In the former case the line delays must be referenced to video synchronization pulses. In the latter case the line lengths are well defined, and the horizontal flyback 'dead times' will have been removed. To support real time applications an option is provided in which the length of the line delay is defined by the number of clocks obtained whilst an input pin ( HRES ) is in-active. HRES would normally be composite sync when the convolver is directly attached to an NTSC or PAL video camera. Conceptually, the line delay is achieved by reading the previous contents of a RAM based line store, and then writing new information to the same address. When HRES is active write operations are inhibited, and the address counter is reset. During an active line the counter is incremented by the pixel clock. If the maximum count is reached before the end of a line, then write operations are terminated and wrap-around effects avoided. The active going edge of HRES, marking the end of a line, is normally asynchronous to the pixel clock, and it is possible for an additional pixel to be stored on some lines. This has no effect on the convolver operation, and will not cause a cumulative shift in the pixel position from line to line. GAIN CONTROL The gain control is provided as an aid to locating the bits of interest in the 32 bit internal result. The magnitude of the largest convolved output will depend on the size of the 6 PDSP16488A MA window, and the coefficient values used. The function of the gain control is then to produce an output, which is accurate to 16 bits, and which is aligned to the most significant end of this 32 bit word. The sixteen most significant bits of the word are available on output pins, and the largest number need only have one sign bit if the gain control is correctly adjusted. Fiigure 5 indicates the mechanism employed with the required function implemented in two steps. Two mode control bits allow one of four 20 bit fields to be selected from the final 32 bit value. These four fields are positioned with the first at the most significant end, and then at four bit displacements down to the least significant end. By setting an enabling bit, the field selection can optionally be done automatically. This feature should only be used in the real time operating mode, when HRES defines video lines. Internal logic examines the most significant 13, 9, or 5 bits from the 32 bit result, and makes a field selection dependent on which group does not contain identical sign bits. If less than five sign bits are obtained, the logic will select the field containing the most significant 20 bits. The automatic selection is particularly useful when a fixed scene is being processed. The selection is reset when any internal register is updated ( ie PROG has been active ) and is then held in-active for ten further occurances of the HRES input. This allows the internal multiplier/ accumulator array to be completely flushed before a field selection is made. As convolver outputs of greater magnitude are produced the field selection logic will respond by selecting a more significant field. The most significant field found necessary remains selected until PROG again goes active. Even if the automatic field selection is not enabled, two outputs, F1:0, will still indicate which field would have been selected. These are coded in the same way as Register C, bits 5:4. Having chosen a field, either manually or automatically, it is then multiplied by a 4 bit unsigned integer. This is contained within a user programmed register, and the multiplication will produce a 24 bit result . The middle 16 bits of this result contain the required output bits. The gain control multiplier can overflow in to the unused most significant four bits if the parameters are chosen wrongly. This condition is indicated by an overflow flag . By setting appropriate mode control bits, further manipulation of the gain control output is possible. One option allows all negative outputs to be forced to zero, and at the same time positive gain control overflows will saturate at the maximum positive number. A different option will saturate positive and negative overflows at their respective maximum values, but otherwise leaves them unchanged. Occasional overflows can be tolerated in some systems, and this option prevents any gross errors. EXPANSION Multiple devices can be connected in cascade in order to fabricate window sizes larger than those provided by a single device. This requires an additional adder in each device which is fed from expansion data inputs. This adder is not used by a single device or the first device in a cascaded system, and can be disabled by a mode control bit. The first device in the cascaded system must be designated as a MASTER device by tying an input pin low. Its expansion input bus is then used as the source of data for the coefficient and control registers in all devices in the system. In order to reduce the pin count required for 32 bit busses, both expansion in and data out are time multiplexed with the phases of the pixel clock. When the clock is high the least significant half will be valid, and when the clock is low the most significant half will be valid. In practice this multiplexing is only possible with pixel clocks up to 20MHz. Above these frequencies the multiplexing must be inhibited by setting a Mode Control bit ( Register A, Bit 7 ). The intermediate data accuracy will then be reduced, since only the lower 16 bits of the internal 32 bit intermediate sum are available on the output pins. In such systems the coefficients must be scaled down in order to keep the intermediate and final results down to 16 bits. The final device should not use the gain control, and instead should simply output the non-multiplexed 16 bit result. The overflow flag and pixel saturation options will not be available. PIXEL INPUT AND OUTPUT DELAYS In a real time system, when line delays are referenced to video sync pulses present on the HRES input, the first pixel from the last line delay does not appear on the L7:0 pins until the fifth active pixel clock edge after HRES has gone low. This is illustrated in Figure 7. In a vertically expanded system, this output provides the input to the first line delays in the vertically displaced devices. The internal logic is thus designed to always expect this five clock delay. Compensation must thus be applied to the devices which are directly connected to the video source, such that the first pixel is not valid until the fifth clock edge. For this reason the PDSP16488A contains an optional four clock pipeline delay on each of the pixel data inputs. When the delay is used the first pixel in a video line must be available on the input pins after the first pixel clock edge. This would be so if the device were connected to an A/D converter, since that would introduce a one pixel pipeline delay. If the system introduces any further external pipeline delays, then the internal delay should be bypassed, and the user should ensure that the first pixel is valid after the fifth clock edge. The use of this four clock delay is controlled by Bit 3, in Control Register B. This delay is in addition to the delays which are provided to support expansion in both the X and Y directions, and are controlled by Register D, Bits 3:2. Both delays are in fact simply added together in the device, but are provided for conceptually different reasons. FROM EXPANSION ADDER 32 BITS MSB D15:0 20 12 4 20 8 8 20 4 12 20 LSB MUX 20 GAIN REGISTER 4 4 X 24 16 SATURATE LOGIC 4 Fig. 5. Gain Control Operation 7 PDSP16488A MA INPUT 4 delays 0 delays B3 = 1 4 delays 0 delays B3 = 1 D3:2 = 00 N th DEVICE IN THE ROW D3:2 = 00 WIDTH = S line delays 4 clock delay WIDTH = S line delays 4 clock delay 0/4 delays D0 = 0 or 1 0 IF S = 4, 4 IF S = 8 ZERO 4 clock delay 0 delays D0 = 0 0 delays D delays B3 = 0 D = 4+S(N-1) Defined by D3:2 WIDTH = S line delays 4 clock delay 0 delays D delays B3 = 0 N th DEVICE IN THE ROW D = 4+S(N-1) Defined by D3:2 WIDTH = S line delays 4 clock delay 0/4 delays D0 = 0 OR 1 0 IF S = 4, 4 IF S = 8 0 delays 4 clock delay D0 = 0 0 delays D delays B3 = 0 0 delays D delays B3 = 0 N th DEVICE IN THE ROW D = 4+S(N-1) Defined by D3:2 WIDTH = S line delays 4 clock delay 0 delays D0 = 0 D = 4+S(N-1) Defined by D3:2 WIDTH = S line delays 4 clock delay 0/4 delays D0 = 0 OR 1 0 IF S = 4,4 IF S = 8 OUTPUT Fig. 6. Multi-Device Delay Paths DELAY COMPENSATION FOR LARGE WINDOWS A large window is composed of several partial windows each of which is implemented in an individual device. If necessary the partial window must be padded with zero coefficients to become one of the standard sizes. When constructing a large window it is necessary to delay the expansion data inputs in order to compensate for growth in the horizontal direction. Delays in the partial sums are also necessary to compensate for the total pipeline delay needed to produce the previous complete horizontal stripe. Within each device in a horizontal stripe, apart from the first, the expansion input must be delayed by the width of the partial window, before it is added to the internal sum. Since partial windows can only be 4 or 8 pixels wide,a delay of 4 or 8 pixel clocks is needed. There is, however, an in-built delay of 4 pixels in the inter device connection, and the PDSP16488A thus only needs an option to delay the expansion input by an additional four pixels. The data from the last device in a horizontal row of convolvers feeds the expansion input of the first device in the next row. This is shown in Figure 6. With this arrangement, the position of the partial window as illustrated, is the inverse of its vertical position on a normal TV screen. Thus the top, left hand, device corresponds to the bottom, left hand, portion of the complete window. The output from the last device in the row is delayed with respect to the original data input by an amount given by the formula; DELAY = 4 + [N-1].S where N is the number of devices in a row and S is the partial window width, ie 4 or 8. 8 PDSP16488A MA Function Mode Reg A Mode Reg B Mode Reg C Mode Reg D Comparator LSB Comparator MSB Scale Value Pixels / Line LSB Pixels / Line MSB C0 - C15 C16 - C31 C32 - C47 C48 - C63 Unused Hex. Addr 00 01 02 03 04 05 06 07 08 40 - 4F 50 - 5F 60 - 6F 70 - 7F 09 - 3F The internal convolver sums, in each of the devices in the next row, must be delayed by this amount before they are added to results from the previous row. This is more conveniently achieved by delaying data going into the line stores. The required cumulative delay with respect to the first horizontal stripe is then automatically obtained when more than two rows of devices are needed. Two bits in Control Register D are used to define one of four delay options. These delays have been selected to support systems needing from two to eight devices and are described in the applications section. COEFFICIENTS Sixty-four coefficients are stored internally and must be initially loaded from an external source. Table 3 gives the coefficient addresses within a device, with coefficent C0 specified by the least significant address and C63 by the most significant address. Table 5 shows the physical window position within the device which is allocated to each coefficient in the various modes of operation. Horizontally the coefficient positions correspond to the convolution process as if it were conceptually observed on a viewing screen, ie the left hand pixel is multiplied with C0. In the vertical direction the lines of coefficients are inverted with respect to a visual screen, ie the line starting with C0 is actually at the bottom of the visualized window. The coefficients may be provided from a Host CPU using conventional addressing, a read/write line, data strobe, and a chip enable. Alternatively, in stand alone systems, an EPROM may be used. A single EPROM can support up to 16 devices with no additional hardware. When windows are to be fabricated which are smaller than the maximum size that the device will provide in the required configuration, then the areas which are not to be used must contain zero coefficients. The pipeline delay will then be that of a completely filled window. Table 3 Internal Register Addressing Data size 8 8 8 16 16 Window Size 4x4 8x4 8x8 4x4 8x4 Table 4 Pipe line dalays Pipeline Delay 34 30 26 28 26 TOTAL PIPELINE DELAY The total pipeline delay is dependent on the device configuration and the number of devices in the system. Table 4 gives the delays obtained with the various single device configurations when the gain control is used. These delays are the the internal processing delays and do not include the delays needed to move a given size window completely into a field of interest. When multiple devices are needed, additional delays are produced which must be calculated for the particular application. These delays are discussed in the applications section. The PDSP16488A contains facilities for outputing a delayed version of HRES to match any processing delay. Control register bits allow this delay to be selected from any value between 29 and 92 pixel clocks. ASYNCHRONOUS BACK EDGE ACTIVE LINE PERIOD Set Up Time HRES [SYNC] 2 CLOCK First pixel valid [B3 set] First pixel from line store valid last 2 pixels internally stored LINE STORE WRITES INHIBITED 3 4 5 6 7 8 1 2 6 7 Fig.7 Pixel Input Delays 9 PDSP16488A MA IP7:0 512 C0 512 C8 512 C16 512 C24 512 C32 512 C40 512 C48 512 C56 C57 C58 C59 C60 C61 C62 C63 C49 C50 C51 C52 C53 C54 C55 C41 C42 C43 C44 C45 C46 C47 C33 C34 C35 C36 C37 C38 C39 C25 C26 C27 C28 C29 C30 C31 C17 C18 C19 C20 C21 C22 C23 C9 C10 C11 C12 C13 C14 C15 C1 C2 C3 C4 C5 C6 C7 L7:0 IP7:0 L7:0 8X8, 8 Bit Data 512 512 MSB 512 LSB 512 16 CO C32 C8 C40 C16 C48 C24 C56 C1 C33 C9 C41 C17 C49 C25 C57 C2 C34 C10 C42 C18 C50 C26 C58 C3 C35 C11 C43 C19 C51 C27 C59 C4 C36 C12 C44 C20 C52 C28 C60 C5 C37 C13 C45 C21 C53 C29 C61 C6 C38 C14 C46 C22 C54 C30 C62 C7 C39 C15 C47 C23 C55 C31 C63 512 512 16 512 512 16 16 IP7:0 8X4, 16 Bit Data 1024 C0 1024 C8 1024 C16 1024 C24 C25 C26 C27 C28 C29 C30 C31 C17 C18 C19 C20 C21 C22 C23 C9 C10 C11 C12 C13 C14 C15 C1 C2 C3 C4 C5 C6 C7 L7:0 8X4, 8 Bit Data IP7:0 IP7:0 L7:0 1024 C0 1024 C4 1024 C8 1024 C12 C13 C14 C15 C9 C10 C11 C5 C6 C7 C1 C2 C3 512 512 MSB 512 LSB 16 512 16 C0 C16 C4 C1 C17 C5 C21 C9 C25 C13 C29 C2 C18 C6 C22 C10 C26 C14 C30 C3 C19 C7 C23 C11 C27 C15 C31 512 512 16 C20 C8 512 512 C24 C12 16 C28 L7:0 4X4, 8 Bit Data 4X4, 16 Bit Data NOTE Two coefficients occuring in the s ame box have identical values Table 5 Physical Coefficient Position 10 PDSP16488A MA LOADING REGISTERS FROM A HOST CPU PC0 The expansion data inputs [X14:0] on a single or master device are connected to the host bus to provide address and data for the internal registers. In a multiple device system the remaining devices receive addresses and data which have been passed through the expansion connection between earlier devices in the cascade chain. Each device needs an individual chip enable plus a global data strobe, read/write line, and PROG signal from the host. Registers are individually addressed and can be loaded in any sequence once the global PROG signal has been produced by the host. The latter would normally be produced from an address decode encompassing all the necessary device addresses. If a self timed system is to be implemented, a timing strobe must be passed down the expansion chain through the PC1/PC0 connections. The PC0 output from the final device is used as a host REPLY signal, and indicates that the last device has received data after the propogation delay of previous devices. The timing strobe is produced in the MASTER device from the host data strobe, and will appear on the PC0 output. This feature allows the user to cascade any number of devices without knowing the propogation delay through each device. The timing information for this mode of operation is given in Figure 8. The host can also read the data contained in the internal registers. The required device is selected using chip enable with the R/W line indicating a read operation. Single device systems output the data read on X7:0, but in multiple device systems data is read from the D7:0 outputs on the final device in the chain. These must be connected back to the host data bus through three-state drivers. When earlier devices in the chain are addressed, the register contents are transferred through the expansion connections down to the final device. In the self timed configuration the data will be valid when the REPLY goes active, as shown in Figure 8. If the REPLY signal is not to be used , the PC0/PC1 connections are not necessary, and the host data strobe for a write operation must be wide enough to allow for the worst case propogation delay through all the devices ( TDEL ). If the data or address from the host does not meet the set up time given in Fugure 8, the width of the data strobe can be simply extended to compensate for the additional delay. When reading data the access time required is: TACC + ( N - 1 ).TDEL using the maximum times obtained from Figure 8. An input from the previous PC1 output in a multiple device chain. Not needed on a SINGLE device or if the self timed feature is not used. Reply to the host from a SINGLE device or from the last device in a cascade chain. It indicates that the write strobe can be terminated. Connected to PC0 input of the next device at intermediate points in the chain if the self timed feature is used. Read/Not Write line from the host CPU which is connected to all devices in the system. An active low enable which is normally produced from a global address decode for the particular device. This must encompass all internal register addresses. An active low host data strobe which is connected to all devices. in the system. An active low global signal, produced by the host, which is connected to all devices in the system. Together with a unique chip enable for every device, it allows the internal registers to be updated or examined by the host. PROG and CE should be tied together in a single device system. PC1 R/W CE DS PROG LOADING REGISTERS FROM AN EPROM In the EPROM supported mode, one device has to assume the role of a host computer. If more than one device is present, this must be the first component in the chain, which must have its MASTER pin tied low. The MASTER device contains internal address counters which allow the registers in up to 16 cascaded devices to be specified. It also generates the PROG signal and a data strobe on the pins which were previously inputs. These outputs must be connected to the other devices in the system, which still use them as inputs. The R/W input should be tied low on all devices. The width of the data strobe is determined by the feedback connection from the PC1 output on the last device to the PC0 input on the MASTER. The PC0/PC1 connections must be made between devices in a multiple device system; in a single device system the connection is made internally. The available EPROM access time is determined by an internal oscillator and does not require the pixel clock to be present during the programming sequence. Any pixel clock resynchronization in a real time system will thus not effect the coefficient load operation. The relevent EPROM timing information is shown in figure 9. The load procedure will commence after reset has gone from active to in-active, and will be indicated by the PROG output going active. The data from 73 EPROM locations will be loaded into the internal registers using addresses corresponding to those in Table 3. Within a particular page of 128 EPROM locations, the first nine locations supply control register information, and the top 64 supply coefficients. The middle 55 locations are not used. If the window size is 8 x 4, the top 32 locations will also contain redundant data, and if the size is 4 x 4 the top 48 will be redundant. HOST CONTROL LINES X7:0 8 bit data bus. In a single device system this bus is bi-directional; in other configurations it is an input. Only a SINGLE or MASTER device is connected directly to the host. Other devices receive data from the output of the previous device in the chain. 7 bit address bus which is used to identify one of the 73 internal registers. Connected in the same manner as X7:0. X15 must be open circuit on the MASTER device X14:8 X15 11 PDSP16488A MA In a multiple device system the load sequence will be repeated for every device, and four additional address bits will be generated on the CS3:0 pins. These address bits provide the EPROM with a page address, with one page allocated to each device in the system. Within each page only 73 locations provide data for a convolver, the remainder are redundant as in the single device system. The CS3:0 outputs must also be decoded in order to provide individual chip enables for each device. These can readily be derived by using an AS138 TTL decoder. Bits in an internal control register determine the number of times that the sequence is repeated. If changes to the convolver operation are to be made after power-on, activating the CE input on the MASTER or SINGLE device will instigate the load procedure. Additional EPROM address bits supplied from the system will allow different filter coefficients to be used. register load sequence is occuring, either after power on, or as the result of CE as explained above. It remains active until register 73 in the final device has been loaded. Four bits in a control register define the number of cascaded devices. SYSTEM CONFIGURATION The device is configured using a combination of the state of the SINGLE and MASTER pins, and the contents of the four Mode Control registers. In a MASTER or SINGLE device the state of the X15 pin is used to define whether the system is EPROM or host supported. MODE CONTROL REGISTERS EPROM CONTROL LINES REGISTER A Bit Allocation X7:0 8 bit data from the EPROM to the MASTER or SINGLE device. Otherwise data is received from the previous device in the chain. Lower 7 address bits to the EPROM from a MASTER or SINGLE device. Otherwise an input from the data outs of the previous device. Tied to ground on a MASTER device to indicate the EPROM mode. Tied low on all devices. An output from a MASTER or SINGLE device which provides a data strobe for the other devices. Four additional address bits for the EPROM which are provided by the MASTER device. They allow 16 additional devices to be used and must be externally decoded to provide chip enables. An input on the MASTER device which is driven from the PC1 output of the last device in the chain. Used internally to terminate the write strobe. Connected to previous PC1 outputs at intermediate points in the chain. Not needed for a SINGLE device. An output connected to the PC0 input of the next device in the chain. The last device feeds back to the MASTER. Not needed for a SINGLE device. An enable which is produced by decoding CS3:0 from the MASTER. It is not needed for a MASTER or SINGLE device which will always use the bottom block of addresses with internally generated write strobes. It can however be used on these devices to initiate a new load procedure after the initial power on sequence. An active low going signal produced by an EPROM supported MASTER or SINGLE device. An input to all other devices. It indicates that a BIT 3:0 6:4 6:4 6:4 6:4 6:4 7 7 CODE XXXX 000 001 010 011 101 0 1 FUNCTION Number of extra devices from1-15 8 bit, 8x8 window, 8x512 line delays. 16 bit, 8x4 window, 4x512 line delays. 16 bit, 4x4 window, 4x512 line delays. 8 bit, 8x4 window, 4x1024 line delays. 8 bit, 4x4 window, 4x1024 line delays Multiplexed exp. data Non-mux. exp. data 10MHz max, 10MHz max, 20MHz max, 20MHz max, 40MHz max, X14:8 X15 R/W DS CS3: 0 . PC0 PC1 CE BITS 3:0 These bits are 'don't care' when using a host computer but to a MASTER device, in an EPROM supported system, they define the number of interconnected chips. The EPROM must contain contiguous 128 byte blocks for each of the devices in the system and a 4 bit counter in the MASTER device will sequence through up to 16 block reads. An internal comparator in the MASTER causes the loading of the internal registers to cease when the value in the counter equals that contained in these bits. The bits are redundant in a SINGLE device which only uses one 128 byte block. BITS 6:4 These bits define one of the five basic configurations. The line delays will automatically be configured to match the chosen window size and pixel accuracy. The maximum clock rate that is available to the user reflects the internal mutiplication factor. PROG 12 PDSP16488A MA BIT 7 This bit must be set if the pixel clock is greater than 20MHz. It disables the output and input time multiplexing, and instead outputs the least significant half of the 32 bit intermediate sum for the complete clock cycle. When the gain control is used, the output multiplexing will automatically be disabled. REGISTER C Bit Allocation BIT 0 0 3:1 3:1 3:1 3:1 3:1 3:1 3:1 3:1 5:4 5:4 5:4 5:4 7:6 7:6 7:6 7:6 CODE 0 1 000 001 010 011 100 101 110 111 00 01 10 11 00 01 10 11 FUNCTION Field selection defined by C5:4 Automatic field selection DELOP = 29 + 0 clks DELOP = 29 + 8 clks DELOP = 29 + 16 clks DELOP = 29 + 24 clks DELOP = 29 + 32 clks DELOP = 29 + 40 clks DELOP = 29 + 48 clks DELOP = 29 + 56 clks Select upper 20 bits Select next 20 bits Select next 20 bits Select bottom 20 bits By-pass the gain control Normal gain control O/P Saturate at max + and -ve values. Force -ve to zero.Sat.+ve values. REGISTER B Bit Allocation BIT 0 0 2:1 2:1 2:1 2:1 3 3 4 4 6:5 7 7 BIT 0 CODE 0 1 00 01 10 11 0 1 0 1 0 1 FUNCTION Second line delay group fed from the first group Second line delay group fed from L7:0 which become inputs Store pixels to end of line Store pixels till count is reached Frame store operation Not Used No delays on pixel inputs 4 delays on both pixel inputs Use expansion adder Expansion adder disabled Not used Use first delay in second group Bypass first delay in second group This bit defines the input for the second group of line delays. It must be set in the 16 bit pixel modes, and is set by power on reset. These bits control the mode of operation of the line stores. In real time systems pixels can be stored either until HRES [ SYNC ] goes active , or until a pre-determined count is reached. In the frame store mode line store operations are continuous, with a pre-determined line length. When this bit is set four pipeline delays are added to the pixel inputs to compensate for the internal/ external delays between line stores. The extra delay is only necessary when a device supplied with system video in which the first pixel in a line is valid in the period following the first active clock edge. See Fig 7. The delay is not necessary if the device is fed from the output of another convolver. When set this bit will add four additional delays to those defined by Register D, bits 4: 2. When this bit is set the expansion adder will not be used. It is automatically set in a MASTER or SINGLE device. This bit controls the bypass option on the first line delay on the L7:0 inputs. It is only effective when an 8 bit pixel mode is selected, which also needs more than four line delays. When L7:0 are used as outputs it should always be reset. In the 16 bit modes the bypass function is only controlled by the BYPASS pin, and the bit is redundant. BIT 0 If this bit is set, the 20 bit field selected from the 32 bit result, is defined automatically by internal logic. BIT 2:1 BIT 3 BITS 3:1 These bits are in conjunction with Register D, bits 7:5 to define the pixel delay from the HRES input to the DELOP pin. They are used to match the appropriate processing delay in a particular system. The minimum delay is 29 pixel clocks. BITS 5:4 These bits define which of the four 20 bit fields out of the 32 bit final result is selected as the input to the gain control. They are redundant when the gain control is not used, or if Register C, bit0, is set. BITS 7:6 These bits define the use of the gain control as given in the table. Intermediate devices in a multiple device system MUST by-pass the gain control, otherwise the additional pipeline delays will effect the result. Disabling the scaler will reduce the device pipeline by 13 PCLK cycles from the delays shown in Table 4. BIT 4 BIT 7 13 PDSP16488A MA REGISTER D Bit Allocation BIT 0 0 1 1 3:2 3:2 3:2 3:2 4 4 7:5 CODE 0 1 0 1 00 01 10 11 0 1 XXX FUNCTION X15:0 Not delayed X15:0 Delayed Internal sum not shifted Internal sum multiplied by 256 I/P to line stores not delayed I/P to line stores delayed by 4 I/P to line stores delayed by 8 I/P to line stores delayed by 12 Un-signed pixel data input 2's complement pixel data input Add 0 to 7 clock delays to DELOP output. BIT 7:5 These bits add 0 to 7 additional clock delays to those selected by Register C, bits 3:1. BIT 1 BIT 0 If this bit is set the expansion data input is delayed by four pixel clocks before it is added to the present convolver output. It is used in multiple device systems when the partial window width is 8 pixels. When this bit is set the internal sum is shifted to the left by 8 places before being added to the expansion input. It is used when two devices are used, each in an 8 bit pixel mode, to fabricate a 16 bit pixel mode. BITS 3::2 These bits define the delays on both sets of pixel inputs before entering the line stores. The delays are always identical on both sets. BIT 4 When this bit is set the convolver interprets 8 or 16 bit pixels as 2's complement signed numbers ABSOLUTE MAXIMUM RATINGS [See Notes] Supply voltage Vcc -0.5V to 7.0V Input voltage VIN -0.5V to Vcc + 0.5V Output voltage VOUT -0.5V to Vcc + 0.5V Clamp diode current per pin IK (see note 2) 18mA Static discharge voltage (HMB) 500V -65C to 150C Storage temperature TS Max. junction temperature Military 150C Package power dissipation 3000mW Thermal resistances, junction to case oJC 5C/W Test Waveform - measurement level Delay from output high to output high impedance VH 0.5V Delay from output low to output high impedance VL 0.5V Delay from output high impedance to output low 1.5V 0.5V NOTES ON MAXIMUM RATINGS 1. Exceeding these ratings may cause permanent damage. Functional operation under these conditions is not implied. 2. Maximum dissipation or 1 second should not be exceeded, only one output to be tested at any one time. 3. Exposure to absolute maximum ratings for extended periods may affect device reliablity. 4. Current is defined as negative into the device. Delay from output high impedance to output high 1.5V 0.5V VH - Voltage reached when output driven high VL - Voltage reached when output driven low STATIC ELECTRICAL CHARACTERISTICS Operating Conditions (unless otherwise stated) Tamb =-55C to +125C. Vcc = 5.0v 10% NOTE: Signal pins PC0, X15, MASTER, SINGLE, BYPASS and 0V have pull-up resistors in the range 15k to 200k. Signal pins PROG and DS require external pull-up resistors in EPROM mode. Characteristic Symbol Min. * * * * * * Output high voltage Output low voltage Input high voltage Input low voltage Input leakage current Input capacitance Output leakage current Output S/C current VOH VOL VIH VIL IIN CIN IOZ ISC 2.4 2.0 -10 10 -50 10 +50 300 Value Typ. Units Max. 0.4 0.8 +10 V V V V A pF A mA 1,2,3 1,2,3 1,2,3 1,2,3 1,2,3 1,2,3 IOH = 4mA IOL = -4mA Except CLK, RES = 4V GND < VIN < VCC.No internal pull up GND < VOUT < VCC.No internal pull up VCC = Max Subgroup Conditions 14 PDSP16488A MA Characteristic Symbol Min. 20 0 5 5 30 50 0 0 0 0 50 50 5 Value Max. Units ns ns ns ns ns ns ns ns Notes Only applicable for read ops & if REPLY is used. Only applicable if REPLY is used. Otherwise time is referenced to risng edge of strobe when set up must be N xTDEL, for Ndevices Must always be guaranteed. No clocks are needed in PROG mode Greater than TDEL under all conditions DS Hold Time after REPLY active Host Address/data Set Up Time Read Set UpTime to prevent Write Host Signal Hold Time Expansion in to Data Out in PROG m ode Delay from strobe to PC1 [Equivalent to PC0 to PC1 delay ] Chip Enable Set Up Time PROG Set Up Time PROG Hold Time Chip Enable Hold Time PC1 In-active Delay after DS in-active Coefficient Read Time Coefficients valid Time before REPLY TDSH THSU T RA THH TDEL TEXP TCSU TPSU T PH T CH T TPCH ACC ns ns ns Defines Data Strobe in-active time From MASTER or SINGLE device T RSU All parameters marked * are tested during production. Parameters marked are guaranteed by design and characterisation DATUM T Wait T >T Wait PCH Host Data Strobe T csu T CH Chip Enable T PSU T PH PROG T ACC Coefficient Output T T EXP RSU T PCH PC1 from MASTER or SINGLE device T DSH PC1 from last device (REPLY) T RA R/W from the Host T HSU T HH Address/data from the Host T DEL VALID Host Data O/P from First Device VALID FIG. 8. Host Timing 15 PDSP16488A MA Characteristic Symbol T T T T PCD WH PCH WW Min. Value Max. 50 Units ns ns Notes Delay from Data Strobe to MASTER P C1 Delay from PC0 Input to Write in-a ctive PC1 In-Active Delay Write from MASTER In-Active Write In-Active to new Address EPROM Data Set Up Time Data Strobe from MASTER Chip Enable Set Up Time Chip Enable Hold Time Availible EPROM Access Time Expansion In to Data Out PC0 to PC1 Delay 5 50 250 30 20 10 0 0 200 30 50 ns ns ns ns ns ns ns ns ns ns Greater than T DEL at at allemps t all temps Single device T AD T DS T RW TCSU T CH T T DA DEL T EXP TRW TWH DS from MASTER TWW TPCD PC1 from MASTER T PC1 from next Device EXP TPCH PC1 from Last Device [ PC0 to MASTER ] EPROM ADDRESS VALID VALID T AD TDS EPROM DATA TDA T CSU CE VALID T CH Data O/P from First Device TDEL VALID TDEL Data O/P from Second Device VALID 16 Fig. 9. EPROM Timing Value Characteristic * Pixel Clock Low Time Symbol Min. T CL T CH 25 (a) 10 (b) 25 (a) 10 (b) 10 0 21 20 10 15 15 Max. Units Sub group Notes (a) (b) (a) (b) 32 Bit Muxed Output 16 Bit Output 32 Bit Muxed Output 16 Bit Output ns ns 9,10,11 9,10,11 * Pixel Clock High Time * * * * Data in Set Up Time Data in Hold Time CLK rising to Output delay Line Store Output Delay HRES In-active Set Up Time Output Enable Time Output Disable Time T DSU T DH T RD T LD T T DLZ RSU ns ns ns ns ns ns ns 9,10,11 9,10,11 9,10,11 9,10,11 9,10,11 9,10,11 9,10,11 Measured with a 15k series resistor and 30pF load capacitance Increase to 25ns for DELOP output T DHZ PDSP16488A MA APPLICATIONS INFORMATION DEVICE REQUIREMENTS The number of devices required to implement a given convolver window depends on the size of the window, the required pixel rate, and whether the pixel accuracy is to be 8 or 16 bits. In practice the PDSP16488A supports windows requiring one, two, four, six, or eight devices without additional logic. Table 2 gives typical window sizes which may be obtained with the above number of devices. Figures 11 through 18 show system interconnections for these arrangements. Other configurations are possible but may need the support of additional pixel/line delays and/or expansion adders. Although not necessarily shown, all configurations can be supported by either an EPROM or a Host Computer . Interlaced or non-interlaced video may also be used, unless explicitly stated otherwise in the text. Expansion with 8 bit pixels is a straightforward process and the number of devices needed is easily deduced from the window sizes available in a single device. At pixel rates above 20MHz it may not be practical to use more than four devices. since the full 32 bit intermediate precision is not available. The lack of expansion multiplexing reduces the intermediate precision to 16 bits. The partial sum outputs must thus not overflow these 16 bits; this will require the coefficients to be scaled down appropriately with a resulting loss in accuracy. Expansion with 16 bit pixels can be achieved in several ways. The simplest way is to use two devices, each working with 8 bit pixels. One device handles the least significant part of the data, and its output feeds the expansion input of a second device. This performs the most significant half of the calculation. The least significant half is then added to the most significant sum, after the latter has been multiplied by 256 ie shifted by eight places. This shift is done internally and controlled by Register D, bit 1. The internal 32 bit accuracy prevents any loss in precision due the shift and add operation. The window size with this arrangement is restricted to that available in a single device, at the required pixel rate but with 8 bit pixels. Thus two devices can be used , for example, to provide an 8 x 8 window with 16 bit pixels and 10 MHz rates. If a larger extended precision window is needed, it is possible to use four devices. Each device is then programmed to be in a 16 bit data mode, but should be restricted to rates below 20 MHz, if the 32 bit intermediate precision is to be maintained. In the 16 bit modes, however, the output from the last line delay is not available due to pin limitations. This is not a problem in a four device interlaced system, since half of the devices will be fed from an external field delay. In non interlaced systems additional external line delays would be needed. An alternative approach would be to configure all the devices in the appropriate 8 bit mode, do separate least significant and most significant calculations, and then combine the results in an external adder after a wired in shift. becomes an output and indicates that a register load sequence is occuring. The first line delay must always be bypassed in a non interlaced system, however, since an internal pull up is not provided, the BYPASS pin should be tied to VCC for the correct operation. With interlaced video the BYPASS input is used to distinguish between the odd and even fields. The CE input may be left open circuit if coefficients are to be simply loaded after a power on reset signal; the latter being applied to the RES input. Alternatively the CE input may be used to change the coefficients at any time after power on reset; the EPROM would then need additional address bits for the extra sets of coefficients that are to be stored. In an interlaced system the pixels from the previous field must use the IP7:0 inputs, and the live pixels must use the L7:0 inputs. Interlaced sysytems requiring extended precision pixels are non supported with a single device, since the L7:0 inputs are then use for the least significant 8 bits, and the IP7:0 inputs for any more significant bits. If the X15 pin is left open circuit, an internal pull up will configure the device in the host supported mode. The host must then supply a data strobe and a R/W control line. The X7:0 pins must be connected to the host data bus, and are used to both load and read back register values. The PROG and CE pins may be connected together, and then driven by a host address decode. The output on PC1, which provides a REPLY to the host, need not be used if the width of the data strobe is greater than the maximum TEXP value given in Figure 7. The configuration bits 6:4 in REGISTER A define the window size, maximum pixel rate, and pixel resolution. Window sizes smaller than the maximum in any configuration are implemented by filling in the window with zero' coefficients. Bits 3:0 are irrelevent in the SINGLE mode, as is bit 7 if the gain contol is used. The result would be expected to lie in either the bottom 20 bits of the 32 bit result , or possibly in the next 20 bit field displaced by four bits. Register C, bits 5:4, must thus select one of these fields for subsequent use by the gain control. The gain is then adjusted such that the 16 outputs available on pins are in fact the 16 most significant bits of the result. The gain needed is application specific, but if too much gain is used the OV pin will indicate an overflow. Register B, bits 2:1, must be set to select the required method of defining the length of the line delays, and the use of bit 3 is dependent on any external pixel delays before the convolver input. No additional delays are needed on the pixel inputs in a single device system, and REGISTER D, bits 4:2, should be reset. The pipeline delay in the DELOP output path should match one of those in Table 4, and is window size dependent. DUAL DEVICE CONFIGURATIONS Two devices, each configured with 8 bit pixels and 8W x 4D windows, can be used to provide an 8 x 8 window at up to 20 MHz pixel rates. Figure 12 shows both the non interlaced and interlaced arrangements. Video lines containing up to 1024 pixels are possible in both configurations, since each device only needs four line delays. One device is configured as the MASTER by grounding the MASTER pin; the other then receives control signals in SINGLE DEVICE SYSTEMS Figures 11 illustrates both EPROM and Host supported single device systems, with or without interlaced video. In both cases the SINGLE and X15 pins must be tied tied low, and the PC0, PC1, and DS pins are redundant. The PROG pin 18 PDSP16488A MA the normal way and has its MASTER and SINGLE pins left open circuit. The internal convolver sum, in the device producing the final result, must be delayed by 4 pixels to match the inherent delay in the expansion output from the other device. This is actually achieved by delaying the pixel inputs to the line stores [ Register D bits 3:2 = 01 ]. No additional delay in the expansion input is needed, but the pipeline delay used to produce DELOP must be four clocks greater than that given in Table 4 for a single device. The DELOP output is redundant in one of the two devices. Two devices can also be used to support systems requiring 16 bit pixels. With this approach the 16 x 8 multiplication is mechanized as two 8 x 8 operations, with the results added together after the most significant half has been shifted by 8 places to the most significant end. This shift operation is controlled by Register D, Bit 1. Both convolvers are programmed to contain the same coefficients. The convolved output can theoretically grow to 30 bits, and the appropriate field must be selected before using the gain control. Examples of this operating mode are shown in Figure 13. Each device must be configured in the same 8 bit pixel operating mode, but the device producing the final result must use the 8 place shift option on its internal sum. The least significant 8 bits of the pixel are connected to the MASTER device and the most significant 8 bits are connected to the device producing the final result.. The internal sum in this device must be delayed by four pixels to match the delay in the expansion output from the first device. This is actually achieved by delaying the pixel inputs to the line stores( Register D, bits 4:2, = 001 ]. The expansion input needs no additional delay [ Register D bits 1:0 = 10 ]. The actual pixel precision can be any number of pixels between 8 and 16, and may be a signed or unsigned number. Any unused, more significant bits, must respectively be either sign extended or be tied low. DELOP must have four additional pipeline delays in order to match the total processing delay. This output can be obtained from either device. those in a single device. This compensates for the twelve delays added to the convolver sums in the second row, plus an additional eight delays to compensate for the partial width of the first device in the secind row. Four devices can also be used to give an 8x8 window, but with a 30 MHz pixel clock. Each device is configured to provide a 4x4 partial window, but the maximum pixel rate is reduced from 40 to 30 MHz because of the response of the line delay expansion circuitry. Intermediate precision is restricted to 16 bits, since time multiplexed data outputs cannot be used above 20 MHz. This configuration requires no additional delay in the expansion inputs, and the inputs to the line stores in both devices in the second row must be delayed by 8 clock cycles [ Register D bits 3:2 = 10 ]. The DELOP output needs twelve additional clock delays to match the processing delay. Figures 14 and 15 show non-interlaced and interlaced versions of the above 8 x 8 and 4 x 4 arrangements Figure 16 shows how four devices can also be used to provide an 8x8 window, with 16 bit pixels and 20MHz clock rates. The expansion data from a previous device needs no additional delay since the partial window size in each device is only 4x4. The internal convolver sums from each device in the second row must be delayed by 8 Clks and the DELOP output must have 12 additional delays. If this arrangement is to be used in a non-interlaced application, the field store must be replaced by four line delays. SIX DEVICE SYSTEMS As shown in figure 17, six devices, each in an 8Wx4D mode using 8 bit pixels, can provide a 16W x 12D window at 20MHz clock rates. Expansion inputs from previous devices in a row [but not the first device in each row] need an extra 4 Clks of delay since the partial window is eight pixels wide. Internal convolver sums need a differential delay of 12 Clk cycles from row to row [ Register D bits 3:2 = 11 ]. The DELOP output must have 32 additional delays to match the total processing delay. FOUR DEVICE SYSTEMS Four devices, each in the 8x8 mode, can be used to provide a 16 x 16 window, with 8 bit pixel resolution and 10 MHz clock rates. The partial sum from the first device in each row must be delayed by eight pixel clocks before it is added to the result from the next device. This provides the eight pixel displacement to match the width of the window. The delay is actually provided by four additional delays in the expansion input to the next device, plus the inherent four clock delays in outputing results from the first device. Register D, Bit 0 controls the additional delay. The internal convolver sums, in the two devices in the second row, must be delayed by 12 clocks before they are added to the result from the first row. This twelve clock delay is necessary because of the combination of the eight pixel horizontal displacement delay , and the four clock delay in outputing the result from the last device in the top row. It is actually achieved by delaying the pixel inputs to the line stores. (Register D, bits 3:2 = 11 ]. The DELOP output must have 20 delays additional to EIGHT DEVICE SYSTEMS Two additional chips will extend the above six device configuration to a 16 x 16 window. Internal convolver sums must have differential delays of 12 clock cycles between rows, as in the six device system. The DELOP output needs 44 additional clock delays. NINE DEVICE SYSTEMS Nine devices each in the 8 x 8 mode will provide a 24 x 24 window with 8 bit data and 10 MHz pixel clocks. This is shown in Figure 18. Expansion data inputs from previous devices in a row [ but not the first device in each row ] need an extra 4 Clks of delay. The internal convolver sums need differential delays of 20 Clk cycles between rows. Sixteen of the latter delays can be provided internally by setting Register B, bit3, and also Register D, bits 3:2. The four extra delays must be provided externally. The DELOP output needs 56 clock delays in addition to the 29 required for the 8 x 8 single device configuration. 19 PDSP16488A MA EPROM ADDR ADDR DATA DATA EPROM BIN GND X14:8 X7:0 X15 BIN BIN SYNC GND X14:8 X15 X7:0 BIN PIXEL DATA SYNC VCC O/C IP7:0 HRES BYPASS R/W RES CE D15:0 DELOP PROG RESET CHANGE COEFFICIENTS DATA OUT DELAYED SYNC OUTPUT ENABLE PIXEL DATA ODD FIELD FIELD DELAY GND IP7:0 HRES BYPASS R/W PROG MSTR RES CE D15:0 DELOP CLK RESET CHANGE COEFFICIENTS DATA OUT DELAYED SYNC OUTPUT ENABLE PDSP 16488A 16488 MSTR PDSP PDSP 16488 16488A GND LEAST SIG BYTE OF 16 BIT PIXEL L7:0 SNG SNG CLK OV OV L7:0 OEN OEN GND O/C GND O/C PROG OVERFLOW PROG CLOCK OVERFLOW CLOCK HOST CPU REPLY ADDRESS DECODE DS DATA HOST CPU REPLY ADDR ADDRESS DECODE DS DATA ADDR R/W BIN O/C PC1 BIN DS X14:8 X7:0 PC0 PC0 X15 R/W O/C X14:8 X7:0 PC1 X15 BIN DS BIN SYNC RESET PIXEL DATA SYNC VCC O/C IP7:0 HRES BYPASS R/W MSTR PROG SNG CLK RES IP7:0 HRES RES RESET PDSP 16488 16488A CE D15:0 DELOP OEN OV DATA OUT DELAYED SYNC OUTPUT ENABLE PIXEL DATA ODD FIELD FIELD DELAY BYPASS R/W PDSP PDSP 16488 16488A MSTR PROG CLK CE D15:0 DELOP OEN OV DATA OUT DELAYED SYNC OUTPUT ENABLE GND O/C OVERFLOW CLOCK SNG LEAST SIG BYTE OF 16 BIT PIXEL L7:0 L7:0 GND O/C OVERFLOW CLOCK Figure 11 Single Device Systems 20 PDSP16488A MA EPROM MSB GND PC0 PC1 8 BIT PIXEL DATA SYNC X14:8 X7:0 CS0 CS1 RES CE D15:0 DELOP OEN IP7:0 HRES X15 VCC O/C BYPASS L7:0 PDSP 16488A 16488 8X4 8X4 WINDOW PROG SNG MST DELAYED SYNC GND R/W DS CLOCK GND O/C GND CLOCK BIN OVERFLOW X7:0 PC1 BIN X14:8 PC0 OV X15 IP7:0 RES CE D15:0 OEN RESET HRES GND O/C GND BYPASS L7:0 R/W PDSP PDSP 16488 16488A 8X4 8X4 WINDOW WINDOW PROG SNG MST DATA OUT O/P ENABLE DS O/C O/C HOST CPU ADDR STROBE R/W CLOCK ADDRESS DECODE REPLY O/C DATA X14:8 X7:0 PC1 X15 IP7:0 SYNC ODD FIELD HRES BYPASS L7:0 R/W DS RES CE D15:0 DELOP PDSP PDSP 16488A 16488 8X4 8X4 WINDOW WINDOW PROG SNG MST DELAYED SYNC GND FIELD DELAY O/C GND CLOCK OEN CLOCK BIN OVERFLOW X7:0 PC1 BIN X14:8 PC0 OV DS READ REG 8 BIT PIXEL DATA X15 IP7:0 RES CE D15:0 OEN RESET HRES VCC O/C O/C BYPASS L7:0 R/W PDSP PDSP 16488A 16488 8X4 8X4 WINDOW WINDOW PROG SNG MST DATA OUT O/P ENABLE O/C O/C Figure 12. 8 Bit Dual Device Systems CLOCK 21 PDSP16488A MA GC 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 SIG N/C D0 OEN BIN PC1 VDD GND OVER N/C HRES R/W CE N/C N/C GND N/C DS GND VDD PROG GND CS3 CS2 CS1 CS0 VDD RES PC0 N/C DELOP X0 X1 N/C GC 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 SIG N/C X2 X3 X4 N/C X5 GND X6 X7 N/C X8 X9 VDD VDD VDD X10 MASTER N/C X11 X12 SINGLE GND GND N/C X13 X14 N/C X15 VDD BYPASS IP0 VDD N/C GC 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 SIG N/C IP1 GND IP2 N/C VDD IP3 VDD IP4 GND IP5 GND IP6 VDD IP7 VDD N/C L7 GND L6 GND L5 VDD L4 VDD L3 VDD L2 GND L1 F1 L0 N/C GC 100 101 102 103 104 105 106 107 108 109 110 111 112 113 114 115 116 117 118 119 120 121 122 123 124 125 126 127 128 129 130 131 132 SIG N/C VDD F0 D15 N/C D14 D13 GND D12 GND VDD VDD D11 D10 D9 GND CLK CLK CLK GND GND D8 VDD D7 D6 D5 D4 GND D3 N/C D2 D1 N/C GC132 Pin out table 22 PDSP16488A MA EPROM MSB GND PC0 PC1 16 BIT PIXEL DATA SYNC LSB IP7:0 X14:8 X7:0 CS0 CS1 X15 RES CE D15:0 DELOP OEN CLOCK HRES VCC O/C BYPASS L7:0 PDSP 16488 16488A 8X4 WINDOW PROG SNG MST DELAYED SYNC GND R/W DS GND O/C GND CLOCK BIN OVERFLOW X7:0 PC1 BIN X14:8 PC0 OV X15 MSB IP7:0 HRES RES CE D15:0 OEN CLOCK RESET O/C O/C GND BYPASS L7:0 R/W DS PDSP 16488A 16488 8X4 WINDOW PROG SNG MST DATA OUT O/P ENABLE O/C O/C HOST CPU STROBE ADDRESS DECODE REPLY R/W ADDR DATA O/C PC0 LSB IP7:0 X14:8 X7:0 PC1 X15 SYNC ODD FIELD HRES BYPASS LSB L7:0 R/W OEN DS RES CE D15:0 DELOP CLOCK PDSP 16488 16488A 8X4 WINDOW PROG SNG MST DELAYED SYNC GND O/C GND CLOCK BIN OVERFLOW X7:0 PC1 BIN X14:8 PC0 OV DS READ REG MSB IP7:0 X15 HRES FIELD DELAY 16 BIT PIXEL DATA O/C VCC MSB BYPASS L7:0 R/W PDSP 16488A 16488 8X4 WINDOW PROG SNG MST CE D15:0 OEN CLOCK D7;0 RES RESET DATA OUT O/P ENABLE O/C O/C Figure 13. Dual Device 16 Bit Systems. 23 PDSP16488A MA REPLY DS R/W PIXEL SYNC DATA O/C HOST CPU ADDR DATA DECODE PROG X14:8 X7:0 X14:8 IP7:0 HRES X7:0 RES PC1 IP7:0 HRES CE D15:0 BYPASS O/C VCC BYPASS L7:0 DS PDSP PDSP 16488A 16488 [MASTER] PROG PDSP PDSP 16488A 16488 PC1 X15 CE D15:0 DELOP O/C VCC L7:0 RES PC0 X15 SNG MST SNG R/W MST CLK R/W CLK GND PROG OEN DS DELAYED SYNC OEN O/C GND O/C O/C GND X7:0 RES PC0 PC1 PC0 X14:8 X14:8 PC1 X15 X15 OV X7:0 BIN IP7:0 HRES CE IP7:0 HRES RES BIN OVERFLOW GND BYPASS L7:0 DS PDSP PDSP 16488A 16488 CE RESET DATA OUT O/P ENABLE D15:0 GND BYPASS L7:0 PDSP PDSP 16488A 16488 D15:0 PROG OEN GND DS OEN PROG SNG MST CLK SNG MST R/W O/C R/W O/C O/C O/C Figure 14. Four Device Non Interlaced System. 24 CLK PDSP16488A MA EPROM UPPER ADDR BITS DATA ALS 138 PIXEL SYNC DATA GND X14:8 X7:0 PC0 CS1 X14:8 X7:0 CS0 RES PC1 PC1 X15 RES PC0 X15 IP7:0 HRES ADDR IP7:0 HRES VCC O/C BYPASS PDSP 16488A 16488 [MASTER] PROG CE D15:0 O/C VCC BYPASS PDSP 16488 16488A D15:0 DELOP DELAYED SYNC SNG MST SNG MST CLK R/W R/W CLK GND PROG DS OEN DS OEN GND O/C GND GND O/C O/C GND FIELD DELAY X14:8 X15 X7:0 RES PC0 PC1 PC0 X14:8 PC1 X15 OV X7:0 BIN IP7:0 HRES CE IP7:0 HRES BYPASS RES BIN OVERFLOW ODD FIELD BYPASS PDSP 16488 16488A PROG D15:0 PDSP 16488 16488A CE D15:0 RESET DATA OUT O/P ENABLE DS R/W OEN SNG MST CLK PROG GND DS MST SNG R/W OEN CLK GND O/C O/C GND O/C O/C Figure 15. Four Device Interlaced System. 25 PDSP16488A MA REPLY DS 16 BIT PIXEL SYNC DATA MSB O/C R/W HOST CPU ADDR DATA DECODE PROG X14:8 X14:8 X7:0 X7:0 MSB IP7:0 HRES RES IP7:0 HRES CE PC1 CE O/C LSB VCC BYPASS L7:0 DS R/W PDSP 16488 16488A [MASTER] PROG SNG MST D15:0 VCC O/C BYPASS L7:0 PDSP 16488 16488A PROG SNG MST D15:0 DELOP OEN CLK RES PC1 PC0 X15 X15 DELAYED SYNC OEN CLK DS R/W GND O/C GND LSB O/C O/C GND FIELD DELAY MSB X14:8 X7:0 X15 X14:8 X7:0 RES PC0 PC1 PC0 PC1 X15 OV BIN MSB IP7:0 HRES BYPASS CE IP7:0 RES BIN OVERFLOW ODD FIELD LSB L7:0 DS R/W PDSP PDSP 16488 16488A PROG HRES BYPASS L7:0 D15:0 PDSP 16488 16488A CE D15:0 RESET DATA OUT O/P ENABLE OEN SNG MST CLK DS PROG SNG MST R/W LSB O/C O/C O/C O/C Figure 16. Four Device System with 16 Bit Pixels 26 CLK GND OEN PDSP16488A MA EPROM ADDR DATA ALS 138 CHIP ENABLES UPPER ADDR SYNC DATA IN GND PCO X14:8 X7:0 X7:0 CS0 CS1 PC1 X14:8 PCO PC1 RES X15 CS2 X15 IP7:0 HRES HRES O/C VCC RES CE D15:0 MSTR CLOCK OEN IP7:0 O/C HRES GND PDSP PDSP 16488A 16488 PROG BYPASS [MASTER] L7:0 R/W DS PDSP 16488 16488A CLOCK PROG CE D15:0 DELOP OEN VCC O/C BYPASS L7:0 R/W DS DELAYED SYNC GND GND GND GND X14:8 PC1 X14:8 X7:0 RES PCO X15 IP7:0 HRES GND BYPASS CLOCK PROG IP7:0 PDSP PDSP 16488 16488A CE D15:0 GND HRES BYPASS L7:0 OEN DS PCO X7:0 PC1 PDSP 16488 16488A CLOCK PROG D15:0 L7:0 R/W DS GND GND GND GND OEN R/W RES X15 CE BIN PC1 PC1 RES X14:8 X14:8 PCO X15 PCO X7:0 X7:0 RES X15 BIN OV OVERFLOW RESET IP7:0 HRES GND O/C BYPASS L7:0 R/W DS IP7:0 PDSP PDSP 1648 16488 16488A 8 CLOCK PROG CE D15:0 GND O/C OEN HRES BYPASS L7:0 DS R/W PDSP PDSP 1648 16488A 8 PROG CLOCK CE D15:0 OEN DATA OUT O/P ENABLE GND GND GND Figure 17. Six Device Non Interlaced System. 27 PDSP16488A MA CE1 DATA IN ADDR ADDR EPROM DATA DATA UPPER UPPER ADDR ADDRESS EPROM ALS 138 CE7 CE8 GND X7:0 X14:8 X14:8 X7:0 PC1 CS0 CS1 CS2 PC1 BIN RES X15 X14:8 X7:0 PC0 OV PC0 PC1 BIN CS3 CE D15:0 VCC O/C IP7:0 SYNC HRES VCC O/C BYPASS L7:0 PDSP PDSP 16488 16488A CLOCK PROG OEN O/C IP7:0 HRES BYPASS PDSP PDSP 16488 16488A CLOCK PROG CE D15:0 CE1 IP7:0 HRES O/C VCC RES OEN GND GND BYPASS L7:0 PDSP PDSP 16488 16488A CLOCK PROG D15:0 OEN GND R/W R/W R/W MST DS GND GND DS GND GND 4 CLK DELAYS PC0 X15 X14:8 X7:0 PC1 BIN X14:8 X7:0 RES PC0 X15 X14:8 PC1 RES PC1 BIN OV DS D15:0 OEN GND X7:0 IP7:0 HRES GND IP7:0 IP7:0 BYPASS L7:0 PDSP PDSP 16488 16488A CLOCK PROG CE HRES D15:0 GND OEN GND BYPASS PDSP PDSP 16488 16488A CLOCK PROG CE D15:0 OEN GND GND HRES BYPASS PDSP PDSP 16488 16488A PROG CLOCK R/W R/W R/W DS DS GND GND 4 CLK DELAYS DS RES CE PC0 X15 BIN OV OV RES CE X15 PC0 X15 OV BIN OVERFLOW RESET X14:8 X7:0 PC1 BIN X7:0 RES X14:8 X14:8 X7:0 PC1 BIN OV RES PC1 BIN PC0 IP7:0 HRES GND O/C IP7:0 PDSP PDSP 16488 16488A CLOCK PROG CE HRES D15:0 GND BYPASS L7:0 OEN GND O/C BYPASS L7:0 PDSP PDSP 16488 16488A CLOCK PROG CE D15:0 CE7 IP7:0 HRES GND PC0 RES PC0 X15 OV X15 X15 OV OEN GND O/C BYPASS L7:0 PDSP PDSP 16488 16488A CLOCK PROG CE D15:0 OEN CE8 DATA OUT O/P ENABLE R/W R/W DELOP R/W DS DS DELAYED SYNC GND GND Figure 18. Nine Device Non Interlaced System. 28 DS PDSP16488A MA Part No: Package Type: PDSP16488 Single Chip 2D Convolver with Integral Line Delays GC132 Pin No. GC 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 Volts. N/C N/C V1 N/C GND V1 GND N/C N/C V1 GND V1 N/C N/C V1 N/C V1 GND V1 GND GND N/C N/C N/C N/C V1 GND N/C N/C N/C N/C N/C N/C Pin No. GC 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 Volts. N/C N/C N/C N/C N/C N/C GND N/C N/C N/C N/C N/C V1 V1 V1 N/C V1 N/C N/C N/C V1 GND GND N/C N/C N/C N/C N/C V1 GND GND V1 N/C Pin No. GC 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 Volts N/C GND GND GND N/C V1 GND V1 V1 GND V1 GND V1 V1 V1 V1 N/C GND GND GND GND GND V1 GND V1 GND V1 GND GND GND N/C GND N/C Pin No. GC 100 101 102 103 104 105 106 107 108 109 110 111 112 113 114 115 116 117 118 119 120 121 122 123 124 125 126 127 128 129 130 131 132 Volts. N/C V1 N/C N/C N/C N/C N/C GND N/C GND V1 V1 N/C N/C N/C GND N/C N/C V1 GND GND N/C V1 N/C N/C N/C N/C GND N/C N/C N/C N/C N/C VDD max = +5.0V = V1 N/C = not connected Figure 19. Life Test/Burn-in connections NOTE: PDA is 5% and based on groups 1 and 7 ORDERING INFORMATION PDSP16488A MA GCPR (QFP Package - Non-compliant to MIL-STD-883 Class B) PDSP16488A MA ACBR (PGA Package - Non-compliant to MIL-STD-883 Class B) 29 http://www.mitelsemi.com World Headquarters - Canada Tel: +1 (613) 592 2122 Fax: +1 (613) 592 6909 North America Tel: +1 (770) 486 0194 Fax: +1 (770) 631 8213 Asia/Pacific Tel: +65 333 6193 Fax: +65 333 6192 Europe, Middle East, and Africa (EMEA) Tel: +44 (0) 1793 518528 Fax: +44 (0) 1793 518581 Information relating to products and services furnished herein by Mitel Corporation or its subsidiaries (collectively "Mitel") is believed to be reliable. However, Mitel assumes no liability for errors that may appear in this publication, or for liability otherwise arising from the application or use of any such information, product or service or for any infringement of patents or other intellectual property rights owned by third parties which may result from such application or use. Neither the supply of such information or purchase of product or service conveys any license, either express or implied, under patents or other intellectual property rights owned by Mitel or licensed from third parties by Mitel, whatsoever. Purchasers of products are also hereby notified that the use of product in certain ways or in combination with Mitel, or non-Mitel furnished goods or services may infringe patents or other intellectual property rights owned by Mitel. This publication is issued to provide information only and (unless agreed by Mitel in writing) may not be used, applied or reproduced for any purpose nor form part of any order or contract nor to be regarded as a representation relating to the products or services concerned. The products, their specifications, services and other information appearing in this publication are subject to change by Mitel without notice. No warranty or guarantee express or implied is made regarding the capability, performance or suitability of any product or service. Information concerning possible methods of use is provided as a guide only and does not constitute any guarantee that such methods of use will be satisfactory in a specific piece of equipment. It is the user's responsibility to fully determine the performance and suitability of any equipment using such information and to ensure that any publication or data used is up to date and has not been superseded. Manufacturing does not necessarily include testing of all functions or parameters. These products are not suitable for use in any medical products whose failure to perform may result in significant injury or death to the user. All products and materials are sold and services provided subject to Mitel's conditions of sale which are available on request. M Mitel (design) and ST-BUS are registered trademarks of MITEL Corporation Mitel Semiconductor is an ISO 9001 Registered Company Copyright 1999 MITEL Corporation All Rights Reserved Printed in CANADA TECHNICAL DOCUMENTATION - NOT FOR RESALE |
Price & Availability of PDSP16488AMAACBR |