Part Number Hot Search : 
HEF4720 AD724 54HC3 00V12 BR305 W91446 FSA2501 100EL
Product Description
Full Text Search
 

To Download PD1518 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DIODE MODULE
FEATURES
* 108mm Short Size Case * Isolated Base * Dual Diodes Cascaded Circuit * High Surge Capability
150A/800V
PD1518
OUTLINE DRAWING
TYPICAL APPLICATIONS
* Rectified For General Use
Maximum Ratings
Parameter
Repetitive Peak Reverse Voltage *1 Non Repetitive Peak Reverse Voltage *1
Approx Net Weight:280g Symbol VRRM VRSM Symbol IO(AV) IF(RMS) IFSM I2t Tjw Tstg Viso Ftor 50 Hz Half Sine Wave, 1cycle, Non-Repetitive 2msec to 10msec
Type / Grade
PD1518 800 900
Unit
V
Max Rated Value
Parameter
Average Rectified Output Current *1 RMS Forward Current *1 Surge Forward Current *1 I Squared t *1 Operating Junction Temperature Range Storage Temperature Range Isoration Voltage Case Mounting Mounting Torque Terminals
Conditions
50 Hz Half Sine Wave condition Tc=103C
Unit
A A A
150 235 3200
51200 A2s -40 to +150 C -40 to +125 C Base Plate to Terminals, AC1min 2500 V M6 Screw 2.5 to 3.5 N*m M6 Screw 2.5 to 3.5
Electrical * Thermal Characteristics
Characteristics
Peak Reverse Current *1 Peak Forward Voltage *1 Thermal Resistance *1 *1: Value Per 1Arm Symbol IRM VFM Rth(j-c) Rth(c-f) Test Conditions VRM= VRRM, Tj= 150C IFM= 450A, Tj=25C Junction to Case Case to Fin, Greased Max. Unit 15 1.28 0.25 0.15 mA V C/W
PD1518 OUTLINE DRAWING (Dimensions in mm)
FORWARD CURRENT VS. VOLTAGE
PD1518 (Per 1Arm.)
2000
1000
500
200
INSTANTANEOUS FORWARD CURRENT (A)
100
50
20
Tj=25C Tj=150C 10
5
2 0 0.5 1.0 1.5 2.0 2.5 3.0
INSTANTANEOUS FORWARD VOLTAGE (V)
AVERAGE FORWARD POWER DISSIPATION
PD1518 (Per 1Arm.)
D.C.
240
AVERAGE FORWARD POWER DISSIPATION (W)
200
HALF SINE WAVE
160
6PHASE
3PHASE
120
80
40
0 0 40 80 120 160 200 240
AVERAGE FORWARD CURRENT (A)
AVERAGE FORWARD CURRENT VS. CASE TEMPERATURE
PD1518 (Per 1Arm.) 240
D.C.
AVERAGE FORWARD CURRENT (A)
200
160
HALF SINE WAVE 3PHASE
120
6PHASE
80
40
0 0 25 50 75 100 125 150
CASE TEMPERATURE (C)
SURGE CURRENT RATINGS
f=50Hz,Half Sine Wave,Non-Repetitive,Tj=150*Z 3500 PD1518 (Per 1Arm.)
3000
2500
SURGE FORWARD CURRENT (A)
2000
1500
1000
500
I FSM 0.02s
0 0.02
0.05
0.1
0.2
0.5
1
2
TIME (s)


▲Up To Search▲   

 
Price & Availability of PD1518

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X