Part Number Hot Search : 
7175C 07400 RF1353D NTM2369 RT040 MAX189 TA8508 PA424
Product Description
Full Text Search
 

To Download PD1508 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DIODE MODULE
FEATURES
* Isolated Base * Dual Diodes Cathode Common and Cascaded Circuit * High Surge Capability * UL Recognized, File No. E187184
150A/800V
PC1508 PD1508
OUTLINE DRAWING
PC
PD
TYPICAL APPLICATIONS
* Rectified For General Use
Maximum Ratings
Parameter
Repetitive Peak Reverse Voltage *1 Non Repetitive Peak Reverse Voltage *1
Approx Net Weight:480g Symbol VRRM VRSM Symbol IO(AV) IF(RMS) IFSM I2t Tjw Tstg Viso Ftor 50 Hz Half Sine Wave, 1cycle, Non-Repetitive 2msec to 10msec
Type / Grade
PC1508 / PD1508 800 900
Unit
V
Max Rated Value
Parameter
Average Rectified Output Current *1 RMS Forward Current *1 Surge Forward Current *1 I Squared t *1 Operating Junction Temperature Range Storage Temperature Range Isoration Voltage Case Mounting Mounting Torque Terminals
Conditions
50 Hz Half Sine Wave condition Tc=103C
Unit
A A A
150 235 3200
51200 A2s -40 to +150 C -40 to +125 C Base Plate to Terminals, AC1min 2000 V M6 Screw 2.5 to 3.5 N*m M8 Screw 9.0 to 10.0
Electrical * Thermal Characteristics
Characteristics
Peak Reverse Current *1 Peak Forward Voltage *1 Thermal Resistance *1 *1: Value Per 1Arm Symbol IRM VFM Rth(j-c) Rth(c-f) Test Conditions VRM= VRRM, Tj= 150C IFM= 450A, Tj=25C Junction to Case Case to Fin, Greased Max. Unit 15 1.28 0.25 0.1 mA V C/W
PC/PD1508 OUTLINE DRAWING (Dimensions in mm)
PC
PD


▲Up To Search▲   

 
Price & Availability of PD1508

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X