Part Number Hot Search : 
40PT08AI 1N4006 ST10F269 BL29G 24N40 SB601G TFS174C 0900SC
Product Description
Full Text Search
 

To Download PD15016 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DIODE MODULE
FEATURES
* Isolated Base * Dual Diodes Cathode Common and Cascaded Circuit * High Surge Capability * UL Recognized, File No. E187184
150A/1200 to 1600V
PC15012 PC15016 PD15012 PD15016
OUTLINE DRAWING
PC
PD
TYPICAL APPLICATIONS
* Rectified For General Use
Maximum Ratings
Parameter
Repetitive Peak Reverse Voltage *1 Non Repetitive Peak Reverse Voltage *1
Approx Net Weight:480g Symbol VRRM VRSM Symbol IO(AV) IF(RMS) IFSM I2t Tjw Tstg Viso Ftor 50 Hz Half Sine Wave, 1cycle, Non-Repetitive 2msec to 10msec
Type / Grade
PC15012 / PD15012 1200 1300 PC15016 / PD15016 1600 1700
Max Rated Value
Unit
V
Parameter
Average Rectified Output Current *1 RMS Forward Current *1 Surge Forward Current *1 I Squared t *1 Operating Junction Temperature Range Storage Temperature Range Isoration Voltage Case Mounting Mounting Torque Terminals
Conditions
50 Hz Half Sine Wave condition Tc=79C
Unit
A A A
150 235 3200
51200 A2s -40 to +125 C -40 to +125 C Base Plate to Terminals, AC1min 2500 V M6 Screw 2.5 to 3.5 N*m M8 Screw 9.0 to 10.0
Electrical * Thermal Characteristics
Characteristics
Peak Reverse Current *1 Peak Forward Voltage *1 Thermal Resistance *1 *1: Value Per 1Arm Symbol IRM VFM Rth(j-c) Rth(c-f) Test Conditions VRM= VRRM, Tj= 125C IFM= 450A, Tj=25C Junction to Case Case to Fin, Greased Max. Unit 30 1.28 0.25 0.1 mA V C/W
PC/PD15012/16 OUTLINE DRAWING (Dimensions in mm)
PC
PD


▲Up To Search▲   

 
Price & Availability of PD15016

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X