Part Number Hot Search : 
AK2572 QS5U12TR 411KFE0 RE0208DA 32S64A MSK4222 12B24D 4073B
Product Description
Full Text Search
 

To Download PD1450-35T52 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD1450-35T52
InGaAs PIN-PD
Outer dimension(Unit:mm)
PD1450-35T52 is InGaAs PIN-photodiode. This PIN-photodiode is consists of a large chip with 0.35x0.35mm active area mounted on the TO-18 stem and is hermetical sealed by metal can with flat lens. These devices are designed to be easy of setting up optically with a wide angle of half sensitivity of 40. Features 1) High Reliability 2) High Response Specifications 1) Product Name 2) Type No. 3) Chip (1) Active Area 4) Package (1) Type (2) Lens (2) Cap
InGaAs PIN Photo-Diode PD1450-35T52 0.35mmx0.35mm TO-18 Glass Flat Lens (f2.4) Gold Plated
Absolute Maximum Ratings Item Symbol Maximum Rated Value Unit Reverse Breakdown Voltage V(BR)R 10 V Operating Temperature TOPR -20 ~ +90 C Storage Temperature TSTG -30 ~ +100 C Soldering Temperature TSOL 260 C Pulse Soldering condition: Soldering condition must be completed within 2 seconds at 240C Electro-Optical Characteristics [25C] Item Symbol Condition Minimum Typical Maximum unit Photo Responsivity RE VR=0V,lP=1450nm 0.9 A/W Photo Current IL VR=0V,lP=1450nm 10 14 uA( 1) Dark Current ID VR=1V 100 nA lP 1000 Spectral Responsivity (Peak) VR=0V 1600 nm Q1/2 Half Angle of Sensitivity VR=0V 40 deg. Total Capacitance CT f=1MHz,VR=1V 20 pF tr 10 ns Rise/Fall Time(10%~90%) RL=1KW,VR=1V tf 5 ns Measured by calibrated tool


▲Up To Search▲   

 
Price & Availability of PD1450-35T52

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X