|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
NEW 2mm Hard Metric Connector PCN21 Series sFeatures 1. IEC compliant This 2 mm Hard Metric (HM) Connector complies with IEC 61076-4-101. As specified by IEC Standards, 3 types are available: Style A (110 contacts), Style B (125 contacts), Style C (55 contacts) and Style M. IEC 61076-4-101-compliant 2. Many Variations Products equivalent to Compact PCI standard P2/J2 (110 contacts), P3/J3 (95 contacts) and AB Type (125 contacts) are available. 3. Press-fit connection Connectors of this series, headers and receptacles, are designed for press fit connection. 4. Both-side, two-point contact Receptacles feature two-point contact design for high reliability. 5. Ground Connection Supported sApplications Switchboards, transmission systems, Celluler base stations, industrial computer boards, measuring instruments, control equipment Contacts are lined up in rows z a b c d e f. Five rows (a b c d e) are used for signals and two rows (z f) can be added at both sides for use as ground. 6. 3-Stage Sequence Supported There are 3 types of coupling portion contact lengths for the header which permits a 3-stage sequence. sProduct varieties (see page 2 for details) 7. Coding Keys Can Be Mounted Coding keys can be attached to style A for the purpose of preventing incorrect insertion of the connector. 8. Two different platings are available on PCB leads Gold plating and Tin plating are available on PCB leads. Style A Style B Style C Compact PCI P2/J2, P3/J3 equivalent 2002.11 1 sPCN21 Series Seletion Chart Standards Item Without ground terminal Style A IEC 61076-4-101 compliant Style B Style C Compact PCI P2/J2 equivalent Compact PCI P3/J3 equivalent P5 P6 P7 P6 P6 Header connector (Back Wiring Board side (BWB) male connector) Short pin type PCN21*-110PA-2PF PCN21*-125PB-2PF PCN21*-55PC-2PF PCN21*-110PB-2PF PCN21*-95PB-2PF With ground terminal P5 P6 P7 P6 P6 PCN21*-110PA-2PF-G PCN21*-125PB-2PF-G PCN21*-55PC-2PF-G PCN21*-110PB-2PF-G PCN21*-95PB-2PF-G Long pin type Without ground terminal P5 P6 P7 P6 P6 PCN21*-110PA-2W PCN21*-125PB-2W PCN21*-55PC-2W PCN21*-110PB-2W PCN21*-95PB-2W With ground terminal P5 P6 P7 P6 P6 PCN21*-110PA-2W-G PCN21*-125PB-2W-G PCN21*-55PC-2W-G PCN21*-110PB-2W-G PCN21*-95PB-2W-G Without ground plate P10 P11 P12 P11 P11 Receptacle connector (Package side female connector) PCN21*-110SA-2PF PCN21*-125SB-2PF PCN21*-55SC-2PF PCN21*-110SB-2PF PCN21*-95SB-2PF P10 With top ground plate P11 P12 P11 P11 With ground plate PCN21*-110SA-2PF-G PCN21*-125SB-2PF-G PCN21*-55SC-2PF-G PCN21*-110SB-2PF-G PCN21*-95SB-2PF-G Bottom ground plate P15 P15 P15 P15 P15 PCN21*-SA-G PCN21*-SB-G PCN21*-SC-G PCN21*-SB1-G PCN21*-SB2-G *A***PCB leads : Gold plating *B***PCB leads : Tin plating 0 2 sOrdering information Connector PCN 2 1 * - * P A * - 2 PF - G (01) 1 1 Series name 2 A***PCB leads 3 B***PCB leads 2 : PCN 21 : Gold plating : Tin plating 3 4 5 6 7 8 9 10 6 Positioning peg (Applicable to receptacle styles A and C only) Nil : With peg A : Without peg 7 Contact pitch: 2 mm 8 Terminal shape PF : Press-fit short pin W : Press-fit back plane 9 Ground Nil : Without ground terminal G : With ground terminal 10 Contact area gold plating thickness Nil : 0.8 m (01) : 0.2 m 3 No. of contacts : 55, 95, 110, 125 4 Connector classification P: Pin header S: Receptacle 5 IEC type A : IEC 61076-4-101 Style A B : IEC 61076-4-101 Style B C : IEC 61076-4-101 Style C M : IEC 61076-4-101 Style M AB : Compact PCI AB type equivalent ( For Compact PCI P2/J2, P3/J3 equivalent, the IEC type should be style B. ) Bottom ground plate for receptacle PCN 2 1 * - S A - G 1 2 3 4 5 4 Applicable connectors A : for PCN21*-110SA-2PF-G B : for PCN21*-125SB-2PF-G C : for PCN21*-55SC-2PF-G B1: for PCN21*-110SB-2PF-G B2: for PCN21*-095SB-2PF-G 1 Series name: PCN21 2 A***PCB leads : Gold plating B***PCB leads : Tin plating 3 Connector classification: for receptacle use 5 Ground BProduct construction qHeader 3.7 BWB qReceptacle Row f: Top ground plate Row f e d c b a z PKG Row z: Bottom ground plate PCN21*-S*-G Row a b c d e f 13 14.5 16 3 5.3 6.8 8.3 A ground plate is joined with the f row. Rows f and z are ground terminals. PCN21*-*P*-2PF (W) has no ground terminal PCN21*-*P*-2PF (W)-G has ground terminal PCN21*-*S*-2PF has no top ground plate PCN21*-*S*-2PF-G has top ground plate PCN21*-S*-G has bottom ground plate only 3 sProduct Specifications Current rating 1.5A Rating Operating temperature -55c to +85c 95% RH max. (No condensation) Item 1.Insulation resistance 2.Withstanding voltage 3.Contact resistance 4.Vibration 5.Damp heat 6.Rapid change of temperature 7.Heat resistance 8.Operation life 104 M ohms Requirements 100 V DC 750 V rms AC for 1 min 0.1 A Frequency 10 to 500 Hz, amplitude of 0.35 mm in 3 directions, 50m/s2 acceleration, 10 cycles each 40 2c, 90 to 95% RH, duration 96 h 5 cycles ( -55c for 30 min, 15 to 30c for 5 min max, +125c for 30 min, 15 to 30c for 5 min max. ) Ambient temperature + 125c, 16 h 500 cycles No flashover or breakdown 30 m ohms max. No electrical discontinuity for 1s min. Contact resistance: 40 m ohms max. Insulation resistance: 103 M ohms min. Contact resistance:40 m ohms max. Insulation resistance: 103 M ohms min. No damage, cracks or parts looseness Contact resistance:40 m ohms max. Insulation resistance: 103 M ohms min. Contact resistance:40 m ohms max. Test Conditions Storage temperature Storage humidity -10c to +60c 40% to 70% RH Voltage rating AC 300V Operating humidity sMaterials Product Part Insulator PBT Material Gray PCN21A Contact area: Nickel base, gold plating Header Terminal Phosphor bronze PCB leads : Nickel base, gold plating PCN21B Contact area: Nickel base, gold plating PCB leads : Nickel base, tin plating Insulator PBT Gray PCN21A Contact area: Nickel base, gold plating Terminal Phosphor bronze PCB leads : Nickel base, gold plating PCN21B Contact area: Nickel base, gold plating Receptacle PCB leads : Nickel base, tin plating PCN21A Contact area : Nickel base, gold plating Shield Phosphor bronze Mounted area: Nickel base, solder plating PCN21B Contact area: Nickel base, gold plating PCB leads : Nickel base, tin plating ---- --- ---- --- ---- --- Finish Remarks UL94V-0 UL94V-0 4 sHeader (Style A) [BWB-side male connector] 49.95 ( 0.55 ) 48 20 2 Row No. f e d c b a z 20 2 ( 0.4 ) Contact No. 1 ............................... 11 15 .............................. 25 < Short pin > 15.4 1 5 2 A 12 2 < Long pin > > PBT< 5.3 3.7 3.5 12 0.05 13 3 O1.9 BRecommended PCB mounting pattern O2 Row No. f e d c b a z Contact No. 1...........................11 20.05 20 0.1 48 0.1 20 0.1 +0.1 0 1 A- O0.6 0.05 2 0.05 1 Through hole Drilling diameter : O0.70.02 Finishing diameter : O0.60.05 Plating : Cu 25min. For 5-row type, row f and z are unnecessary. Board thickness : 1.6 to 5.6 mm 15.......................... 25 2 3 Product No. PCN21*-110PA-2PF PCN21*-110PA-2PF-G PCN21*-110PA-2W PCN21*-110PA-2W-G A 110 154 110 154 No. of contacts Mounted area 5 7 5 7 Short pin Long pin *A***PCB leads : Gold plating *B***PCB leads : Tin plating 0 16 13.45 8.3 5 sHeader (Style B) [BWB-side male connector] A ( 0.55 ) B 2 Row No. f e d c b a z Contact No. ( 0.4 ) 1 ................................................................................ D < Short pin > 15.4 1 2 12 A < Long pin > >PBT< 5.3 3.7 13 3 BRecommended PCB Footprints mounting pattern 1 Row No. f e d c b a z Contact No. 1 ................................................................................ D 2 0.05 B 0.1 C- O0.6 0.05 1 12 0.05 2 0.05 Through hole Drilling diameter : O0.70.02 Finishing diameter : O0.60.05 Plating : Cu 25min. For 5-row type, row f and z are unnecessary. Board thickness : 1.6 to 5.6 mm 2 3 Product No. PCN21*-125PB-2PF PCN21*-125PB-2PF-G PCN21*-110PB-2PF PCN21*-110PB-2PF-G PCN21*-095PB-2PF PCN21*-095PB-2PF-G PCN21*-125PB-2W PCN21*-125PB-2W-G PCN21*-110PB-2W PCN21*-110PB-2W-G PCN21*-095PB-2W PCN21*-095PB-2W-G A 49.95 49.95 49.95 49.95 37.95 37.95 43.95 43.95 43.95 43.95 37.95 37.95 B 48 48 42 42 36 36 48 48 42 42 36 36 C 125 175 110 154 095 133 125 175 110 154 095 133 D 25 25 22 22 19 19 25 25 22 22 19 19 No. of contacts Mounted area 5 7 5 Short pin 7 5 7 5 7 5 Long pin 7 5 7 ***PCB leads : Gold plating *A *B***PCB leads : Tin plating 0 6 16 13.45 8.3 sHeader (Style C) [BWB-side male connector] 24.95 ( 0.55 ) 20 2 Row No. f e d c b a z ( 3.975 ) 1 Contact No. 1 ...................................11 < Long pin > < Short pin > 13.45 8.3 5.3 >PBT< 3 16 13 3.5 3.7 3 O1.9 BRecommended PCB mounting pattern 1 Row No. f e d c b a z Contact No. 1 ................................. 11 2 0.05 20 0.1 3 0.05 A- O0.6 0.05 O2 +0.1 0 2 0.05 12 0.05 1 Through hole Drilling diameter : O0.70.02 Finishing diameter : O0.60.05 Plating : Cu 25min. For 5-row type, row f and z are unnecessary. Board thickness : 1.6 to 5.6 mm 2 3 Product No. PCN21*-55PC-2PF PCN21*-55PC-2PF-G PCN21*-55PC-2W PCN21*-55PC-2W-G A 55 77 55 77 No. of contacts Mounted area 5 7 5 7 Short pin Long pin *A***PCB leads : Gold plating *B***PCB leads : Tin plating 0 15.4 1 A 2 1 12 7 sHeader (Style M) [BWB-side male connector] Row No. Contact No. BRecommended PCB mounting pattern Row No. 1 Through hole Drilling diameter : O0.70.02 Finishing diameter : O0.60.05 Plating : Cu25 min. Contact No. 2 3 Optional for screw cramp Board thickness : 1.6 to 5.6mm Product No. PCN21*-55PM-2PF No. of contacts 5 Mounted area Short Pin * A...PCB leads : Gold plating, B...PCB leads : Tin plating 8 sHeader (Style AB) [BWB-side male connector] Row No. Contact No. BRecommended Mounting Hole Pattern Row No. 1 Through hole Drilling diameter : O0.70.02 Finishing diameter : O0.60.05 Plating : Cu25min. For 5-row type, row f and z are unnecessary Board thickness : 1.6 to 5.6mm Contact No. 2 3 Product No. PCN21*-125PAB-2PF PCN21*-125PAB-2PF-G PCN21*-125PAB-2W A 125 169 No. of contacts Mounted area 5 7 Short Pin 5 125 Long Pin 7 169 PCN21*-125PAB-2W-G * A...PCB leads : Gold plating, B...PCB leads : Tin plating 9 s Receptacle (Style A) [PKG-side female connector] < With ground plate > < Without ground plate > 49.95 48 20 Row No. f e d c b a z 2 20 2 3.2 A >PBT< 2 11.4 (1.7) 10.8 2 10 12.25 2 8 Peg 48 2 4 4 2-O1.9 B Recommended PCB mounting pattern Row No. f e d c b a 2- O2 +0.1 0 1 2 12- O0.6 0.05 1 C-O0.6 0.05 2 0.05 10 0.05 1 2 25 ...............................15 2 0.05 20 0.1 48 0.1 11 ................................ 1 Contact No. 1.5 0.1 2 0.05 20 0.1 3 4 5 Through hole Drilling diameter: O0.70.02 Finishing diameter: O0.60.05 Plating: Cu 25m min. Even numbers are required on the f row when using the lower surface ground plate (PCN21*, SA-G). For without ground the plate type, rows f and z unnecessary. The type without the peg does not require the 2mm dia, hole. Board thickness: 1.6 to 4.2 mm Product No. PCN21*-110SA-2PF PCN21*-110SA-2PF-G PCN21*-110SAA-2PF PCN21*-110SAA-2PF-G A 20.7 20.9 20.7 20.9 B 7.3 7.5 7.3 7.5 C 110 123 110 123 Ground plate Peg Not provided Provided Provided Not provided Not provided Provided * A...PCB leads : Gold plating, B...PCB leads : Tin plating 10 3.2 25 ..............................15 11 ............................... 1 Contact No. 3.8 B >PBT< sReceptacle (Style B) [PKG-side female connector] < With ground plate > < Without ground plate > A B Row No. f e d c b a z 2 C 2 3.2 >PBT< G ................................................................................1 Contact No. ( 1.7 ) 10.8 2 10 B 2 B Recommended PCB mounting pattern 1 Row No. f e d c b a 2 0.05 B 0.1 1.5 0.1 2 F- O0.6 0.05 1 E- O0.6 0.05 11.4 2 8 1 2 G .................................................................................. 1 Contact No. 3 4 Through hole Drilling diameter: O0.70.02 Finishing diameter: O0.60.05 Plating: Cu 25m min. Even numbers are required on the f row when using the lower surface ground plate (PCN21*, SB*-G). For without ground the plate type, rows f and z unnecessary. Board thickness: 1.6 to 4.2 mm 2 0.05 Product No. PCN21*-125SB-2PF PCN21*-125SB-2PF-G PCN21*-110SB-2PF PCN21*-110SB-2PF-G PCN21*-095SB-2PF PCN21*-095SB-2PF-G A 49.95 49.95 43.95 43.95 37.95 37.95 B 48 48 42 42 36 36 D E F G C Ground plate 7.3 125 25 --20.7 Not provided 7.5 138 25 12 20.9 Provided 7.3 110 22 --20.7 Not provided 7.5 121 22 11 20.9 Provided 7.3 095 19 --20.7 Not provided 7.5 105 19 09 20.9 Provided A...PCB leads : Gold plating, B...PCB leads : Tin plating * 100.05 D >PBT< 11 s Receptacle (Style C) [PKG-side female connector] < With ground plate > < Without ground plate > 24.95 20 ( 3.975 ) Row No. f e d c b a z 2 1.6 A 2 11.4 ( 1.7 ) 10.8 2 10 12.25 2 8 Peg 3 2- O1.9 20 2 B Recommended PCB mounting pattern 1 2- O2 Row No. f e d c b a 1.5 0.1 +0.1 0 2 5- O0.6 0.05 1 C- O0.6 0.05 1 2 0.05 100.05 2 3 4 11..........................1 Contact No. 2 0.05 20 0.1 Product No. PCN21*-55SC-2PF PCN21*-55SC-2PF-G PCN21*-55SCA-2PF PCN21*-55SCA-2PF-G A 20.7 20.9 20.7 20.9 B 7.3 7.5 7.3 7.5 C 55 61 55 61 5 Ground plate Not provided Provided Provided Not provided Not provided Provided Through hole Drilling diameter: O0.70.02 Finishing diameter: O0.60.05 Plating: Cu 25m min. Even numbers are required on the f row when using the lower surface ground plate (PCN21*, SC-G). For without ground the plate type, rows f and z unnecessary. The type without the peg does not require the 2mm dia, hole. Board thickness: 1.6 to 4.2 mm Peg * A...PCB leads : Gold plating, B...PCB leads : Tin plating 12 3.2 11............................... 1 Contact No. 3.8 B >PBT< >PBT< s Receptacle (Style M) [PKG-side female connector] Row No. Contact No. B Recommended Mounting Hole Pattern Row No. 1 2 Contact No. 3 Through hole Drilling diameter: O0.70.02 Finishing diameter: O0.60.05 Plating: Cu 25m min. Optional for coaxial connector(PO51M-LPR-PC-1A) Board thickness: 1.6 to 4.2 mm Product No. PCN21*-55SM-2PF Ground plate Not provided Peg Provided * A...PCB leads : Gold plating, B...PCB leads : Tin plating 13 s Receptacle (Style AB) [PKG-side female connector] Row No. Contact No. B Recommended PCB mounting pattern 1 Row No. 2 Contact No. 3 4 Through hole Drilling diameter: O0.70.02 Finishing diameter: O0.60.05 Plating: Cu 25m min. Even numbers are required on the f row when using the lower surface ground plate (PCN21*, SA-G). For without ground the plate type, rows f and z unnecessary. Board thickness: 1.6 to 4.2 mm Product No. PCN21*-125SAB-2PF PCN21*-125SAB-2PF-G A 20.7 20.9 B 7.3 7.5 C 125 138 Ground plate Not provided Provided * A...PCB leads : Gold plating, B...PCB leads : Tin plating 14 s Bottom ground plate for receptacle PCN21A-SA-G 49.9 48 ;;;;;;;;;;;;;;;;;;;;;;; ;;;;;;;;;;;;;;;;;;;;;;; ;;;;;;;;;;;;;;;;;;;;;;; 19.5 Condition with board installed (Mount this product after mounting the connector on the board.) 5.2 3.2 24 22 ............................................................ 4 4 44 2 Contact No. PCN21A-SB-G PCN21A-SB1-G PCN21A-SB2-G A B 2 0.8 PCN21A-SC-G 24.9 20 2 D ................................................................... 4 4 C 2 Contact No. 10 4 8 6 16 4 2 Contact No. qRecommended board thickness: 1.6 mm Product No. PCN21*-SA-G PCN21*-SB-G PCN21*-SB1-G PCN21*-SB2-G PCN21*-SC-G A -----49.9 43.9 37.9 -----B -----48 42 36 -----C -----44 40 32 -----D Applicable connectors ------ PCN21*-110SA-2PF-G 24 PCN21*-125SB-2PF-G 22 PCN21*-110SB-2PF-G 18 PCN21*-095SB-2PF-G ------ PCN21*-055SC-2PF-G *A***PCB leads : Gold plating *B***PCB leads : Tin plating 0 1.6 2 15 sMid-plane (Shroud) s[ Style A ] Row No. f e d c b a z Contact No. 1 s[ Style B ] Row No. f e d c b a z Contact No. 1 Product No. PCN21-110PA-2C1 PCN21-125PB-2C1 2 A B C PCB thickness Back-plane Contact Length Shroud mating contact length 2.4 13 6.7 3.2 13 5.9 FIG.1 A PCB thickness Applicable connector PCN21*-110PA-2W-G PCN21*-125PB-2W-G 3.8 13 5.3 5.3 14.5 5.3 Press-fit B C Back-plane Contact Length Shroud mating contact length PCB PCN21* Series Long pin type 16 sCoding key This can be installed on Style A to prevent improper insertion. Header 43 65 Receptacle 12 78 Header Product No. PCN21-P-CK(A) PCN21-P-CK(B) Type 3456 1567 Receptacle Product No. PCN21-S-CK(A) PCN21-S-CK(B) Type 1278 2348 Color Yellow Blue Remark Supports Compact PCI 3.3V Supports Compact PCI 0.5V BHeader Contacts Custom support for header sequenced contacts is available. Please contact a Hirose sales representative. Use of rows of contacts having the same length is recommended. Contact Code 11.3 (LEVEL 3) 9.8 (LEVEL 2) A B C K L M N P Q R S T PKG Side 8.3 (LEVEL 1) Reference plane (Connector bottom plane) BWB Side BMating conditions qLateral and longitudinal mating ;;; ;;; ;;; ;;; ;;; ;;; ;;; ;;; ;;; ;;; 2.5 16 14.5 13 3.7 qOblique mating ;; ;; ;; ;; ;; ;; ;; ;; ;; ;; ;;; ;;; ;;; ;;; ;;; ;;; ;;; ;;; ;;; ;;; ;; ;; ;; ;; ;; ;; ;; ;; ;; ;; 2 2 2 ;;;;;;;;;;; ;;;;;;;;;;; ;;;;;;;;;;;; ;;;;;;;;;;;; 17 |
Price & Availability of PCN21B-SC-G |