Part Number Hot Search : 
EL6245C 1200AP60 0605D 12N01 M491B1 SHM50SMS FCF70RN CFB0101
Product Description
Full Text Search
 

To Download PC813 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PC813 Series
PC813 Series
s Features
1. High instantaneous common mode rejection voltage ( CM H : TYP.2kV/ s ) 2. AC input response 3. Compact dual-in-line package PC813 ( 1ch ) , PC823 ( 2ch ) , PC843 (4ch) 4. High isolation voltage between input and output ( Viso : 5 000V rms ) 5. Recognized by UL, file No. E64380
AC Input Type & High Noise Reduction Type Photocoupler
s Applications
1. Telephones ( PC813 ) 2. Programmable controllers ( PC823/PC843) 3. System appliances, measuring instruments 4. Signal transmission between circuits of different potentials and impedances
s Outline Dimensions
PC813
2.54 0.25 4 PC813 3 6.5 0.5 Internal connection diagram 4 3 1 Anode, Cathode 2 Anode, Cathode 3 Emitter 4 Collector
( Unit : mm )
PC843
Internal connection diagram
16 15 14 13 12 11 10
9
CTR rank mark Anode mark 0.9 0.2
1
2
1
2
1.2 0.3 4.58 0.5 0.5TYP. 3.5 0.5 2.7 0.5 7.62 0.3
1
2
3
4
5
6
7
8
1 5 3 7 Anode, Cathode 2 4 6 8 Anode, Cathode 9 11 13 15 Emitter 10 12 14 16 Collector = 0 to 13 0.26 0.1
3.0 0.5
0.5 0.1
2.54 0.25
16 15 14 13 12 11 10
9 6.5 0.5
PC823
2.54 0.25 8 7 PC823 6 5 6.5 0.5
Internal connection diagram 8 7 6 5 PC843
1 1 2 3 4
3 4 CTR rank mark
2
5
6
7
8 0.9 0.2 1.2 0.3
1 rank mark
2
3
4 0.9 0.2 1.2 0.3 7.62 0.3 0.5TYP. 3.0 0.5 3.5 0.5 2.7 0.5
9.66 0.5 0.5TYP. 3.5 0.5
19.82 0.5 2.7 0.5
7.62 0.3
3.0 0.5
0.26 0.1 0.5 0.1 1 3 Anode,Cathode 2 4 Anode,Cathode = 0 to 13
0.5 0.1
= 0 to 13 0.26 0.1
5 7 Emitter 6 8 Collector
" In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device. "
PC813 Series s Absolute Maximum Ratings
Parameter Forward current *1 Peak forward current Power dissipation Collector-emitter voltage Emitter-collector voltage Collector current Collector power dissipation Total power dissipation *2 Isolation voltage Operating temperature Storage temperature *3 Soldering temperature Symbol IF I FM P V CEO V ECO IC PC P tot V iso T opr T stg T sol Rating 50 1 70 35 6 50 150 200 5 000 - 30 to + 100 - 55 to + 125 260
( Ta = 25C )
Unit mA A mW V V mA mW mW V rms C C C
Input
Output
*1 Pulse width<=100 s, Duty ratio : 0.001 *2 40 to 60% RH, AC for 1 minute *3 For 10 seconds
s Electro-optical Characteristics
Parameter Forward voltage Peak forward voltage Terminal capacitance Collector dark current *4 Current transfer ratio Collector-emitter saturation voltage Isolation voltage Floating capacitance Cut-off frequency Rise time Response time Fall time *5 Instantaneous common mode rejection voltage " Output : high level " *5 Instantaneous common mode rejection voltage " Output : low level " Symbol VF V FM Ct ICEO CTR V CE(sat) R ISO Cf fc tr tf CMH CML MIN. 20 5 x 1010 VCE = 5V, I C = 2mA, R L = 100 ,-3dB 15 VCE = 2V, I C = 2mA RL = 100 VCM = 600V, I F = 0 VO = 2V, R L = 1.9k ,Vcc=5V VCM = 600V, I F = 16mA VO = 0.8V, R L = 1.9k ,Vcc=5V Conditions IF = 20mA IFM = 0.5A V = 0, f = 1kHz VCE = 20V, I F = 0 IF = 1mA, V CE = 5V IF = 20mA, I C = 1mA DC500V, 40 to 60% RH V = 0, f = 1MHz TYP. 1.2 50 0.1 1011 0.6 80 4 5 2 2
( Ta = 25C )
MAX. 1.4 3.0 250 10 - 7 200 0.2 1.0 18 20 Unit V V pF A % V pF kHz s s kV/ s kV/ s
Input Output
Transfer characteristics
*4 Classification table of current transfer ratio is shown below
Model No. PC813A PC823A PC843A PC813 PC823 PC843
Rank Mark A
CTR ( % ) 50 to 150%
A or no mark
20 to 200%
PC813 Series
*5 Test Circuit for instantaneous common mode rejection voltage
VCC(5V) RL IF VO VCM CMH(IF = 0) + VCM CML(IF = 16mA) VO VO VO(MIN.) = 2.0V
600V
0V 5V
GND VO(MAX.) = 0.8V GND
Fig. 1 Forward Current vs. Ambient Temperature
60
Fig. 2 Collector Power Dissipation vs. Ambient Temperature
200 Collector power dissipation P C ( mW )
50 Forward current I F ( mA )
150
40
30
100
20
50
10 0 - 30
0
25
50
75
100
125
0 - 30
0
25
50
75
100
125
Ambient temperature T a ( C)
Ambient temperature T a ( C )
Fig. 3 Peak Forward Current vs. Duty Ratio
10 000 5 000 ( mA ) 2 000 1 000 500 200 100 50 20 10 5
5 10
-3 2
Fig. 4 Forward Current vs. Forward Voltage
500 200 Forward current I F ( mA ) 100 50 20 10 5 2 1 T a = 75C 50C 25C 0C - 25C
Pulse width <=100s T a = 25C
Peak forward current I
FM
5
10
-2 2
5
10
-1 2
5
1
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Duty ratio
Forward voltage V F ( V )
PC813 Series
Fig. 5 Current Transfer Ratio vs. Forward Current
200 180 Current transfer ratio CTR ( % ) 160 140 120 100 80 60 40 20 0 0.1 Collector current I C ( mA ) VCE = 5V T a = 25C 20 P C ( MAX. ) 15 10mA 10 5mA 5 1mA 1 10 Forward current I F ( mA ) 50 100 0 0 1 6 7 2 3 4 5 Collector-emitter voltage V 8
CE
Fig. 6 Collector Current vs. Collector-emitter Voltage
25 I F = 30 mA 20mA T a = 25C
9 (V)
10
Fig. 7 Relative Current Transfer Ratio vs. Ambient Temperature
150 I F = 10mA VCE = 5V
Fig. 8 Collector-emitter Saturation Voltage vs. Ambient Temperature
0.16 Collector-emitter saturation voltage V CE(sat) ( V ) 0.14 0.12 0.10 0.08 0.06 0.04 0.02 0 - 30 0 20 40 60 80 Ambient temperature T a ( C ) 100 I F = 20mA I C = 1mA
Relative current transfer ratio ( % )
100
50
0 - 30
0
20 40 60 80 Ambient temperature T a ( C )
100
Fig. 9 Collector Dark Current vs. Ambient Temperature
10 10 Collector dark current I CEO ( A )
-5
Fig.10 Response Time vs. Load Resistance
500 V CE = 2V 200 I C = 2mA 100 T a = 25C Response time ( s ) 50 20 10 5 2 1 0.5 0.2 0.1 0.01 tf tr ts td
5
-6
V CE = 20V
5
10
-7
5
10
-8
5
10
-9
5
10 10
- 10
5
- 11
- 30
20 0 40 60 80 Ambient temperature T a ( C )
100
0.1 1 10 Load resistance RL ( k )
50
PC813 Series
Fig.11 Frequency Response Test Circuit for Response Time
0 Voltage gain A v ( dB ) V CE = 5V I C = 2mA T a = 25C V CC 100 - 10 RL = 10k 90% 1k td tr ts tf Input RD RL Output Input Output 10%
-5
- 15
- 20
0.5
1
2
5
10
20
50
100
200
500
Frequency f ( kHz )
Fig.12 Collector-emitter Saturation Voltage vs. Forward Current
8 Collector-emitter saturation voltage V CE ( sat ) ( V ) 7 6 3mA 5 5mA 4 7mA 3 2 1 0 I C = 0.5mA 1mA T a = 25C
Test Circuit for Frepuency Response
V CC RD RL Output
0
1
2
3
4
5
6
7
8
9
10
Forward current I F ( mA )
q Please refer to the chapter " Precautions for Use "


▲Up To Search▲   

 
Price & Availability of PC813

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X