Part Number Hot Search : 
MPC8572E 82C55A 74HC646N 74HC646N JF01PC T1090NL EFMA210 7939R
Product Description
Full Text Search
 

To Download PC4002L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PC 4002-L
OUTLINE DIMENSION & BLOCK DIAGRAM
285.0 0.5 4.0 2.8 277.0 2.54 16- 1.0 PAD16- 1.8 4- 3.5 1.5 H1 H2
56.0 0.5 48.0 (P2.54 x 7) 20.38 17.78
16 15
BL1
8.0 14.0 145.0
239.0 246.0 262.0 6.0 5.2 1.0 0.05
4.0
4- 1.0 1.6
DB7 DB0 E R/W RS Vss Vdd Vo LCD CONTROLLER LS1
COM 16
LCD PANEL
CONTROL SIGNALS 4
SEGMENT DRIVER
BL1 BL2
BACKLIGHT
The tolerance unless classified
Overall Size View Area Dot Size Dot Pitch 285.0 x 56.0 246.0 x 38.0 1.00 x 1.77 1.05 x 1.82
0.3mm
Module W /O B/L EL B/L LED B/L H2 / H1 4.7 / 8.8 4.7 / 8.8 /
MECHANICAL SPECIFICATION
PIN ASSIGNMENT
Pin no. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 Symbol Vss Vdd Vo RS R/W E DB0 DB1 DB2 DB3 DB4 DB5 DB6 DB7 A K BL1 BL2 Function Power supply(GND) Power supply(+) Contrast Adjust Register select signal Data read / write Enable signal Data bus line Data bus line Data bus line Data bus line Data bus line Data bus line Data bus line Data bus line Power supply for LED B/L (+) Power supply for LED B/L ( ) Power supply for EL B/L Power supply for EL B/L
ABSOLUTE MAXIMUM RATING
Symbol Condition Vdd-Vss 25oC 25oC LCD driving supply voltage Vdd-Vee Input voltage 25oC Vin Item
Supply for logic voltage
16.38
14.51
SEG 160
1.77
0.05
SEG 40
Min. -0.3 -0.3 -0.3
Max. Units V 7 13 V Vdd+0.3 V
ELECTRICAL CHARACTERISTICS
Item Power supply vlotage Symbol Condition
Vdd-Vss 25oC
Min. Typical
2.7
Top
-20oC 0oC 25oC 50oC 70oC
LCM current consumption (No B/L)
NW
7.1 4.5 4.1 6.1 3.8 5.7
LCD operation voltage
Vop
Idd
Vdd=5V
Backlight current consumption
LED/edge VB/L=4.2V LED/array VB/L=4.2V
Max. Units V NW NW V 7.9 V 7.5 5.1 4.8 V 4.4 6.4 4.7 6.7 V 4.4 4.1 V 6.3 V 6 4 2.5 mA mA mA
5.5
LCD option: STN, TN, FSTN Backlight Option: LED,EL Backlight feature, other Specs not available on catalog is under request.
28.0
21
BL2
15.24 30.89 38.0 51.5


▲Up To Search▲   

 
Price & Availability of PC4002L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X