Part Number Hot Search : 
103M35V8 RG4BC B100XXL ISG52124 R1621 ED010 GILFT P6SMB250
Product Description
Full Text Search
 

To Download PC1414SR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 xecom
PC1414SR
Description
The PC1414SR combines a 14,400 bps data modem providing error control and data compression with a 14,400 bps Group 3 sendand-receive fax modem on a standard PC/104 stack-through module. The PC1414SR includes FCC Part 68 registration permitting it to be connected directly to the telephone network. The PC1414SR uses the industry standard Hayes "AT" command set for control and configuration. This insures compatibility with virtually all software drivers and applications software designed for modem communications. Fax configuration is via Class 1 and Class 2 AT Fax commands. Xecom brings 10 years of modem expertise to the PC/104 market. In addition to the PC1414SR, Xecom offers a complete line of Fax and Data modems for PC/104 sockets.
PC1414SR Features
* Full compatibility with Hayes "AT" modem control and configuration commands. Class 1 and Class 2 AT fax commands are used for fax control. * Small Size 3.6" x 3.8" x 0.6" * FCC Part 68 Registered, for direct connection to the telephone line; * 14,400bps data transfer with fallback rates of 12000, 9600, 7200, 4800, 2400, 1200 & 300bps; * 14,400bps Group 3 fax with fallback rates of 12000, 9600, 7200, 4800 & 2400bps; * CMOS design includes low power Auto standby mode; * Error control and data compression provided with MNP classes 2-5, V.42 and V.42bis
XECOM, INC.
* 374 Turquoise Street, Milpitas, Ca. 95035 * Phone (408)945-6640 * Fax (408)942-1346
xecom
SPECIFICATIONS
ELECTRICAL * Data Rates : 300, 1200, 2400, 4800, 7200, 9600, 12,000, and 14,400 bits per second; * Modem Standards: Bell 103 and 212, CCITT V.17, V.21, V.22, V.22bis, V.27ter, V.29, V.32 and V.32bis; * Group 3 Fax Rates: 14,400, 12,000, 9600, 7200, 4800 and 2400 bits per second; * Data Transmit Level: -10 + 1 dBm; * Receive Sensitivity: -10 to -45 dBm * Power Requirements: 5 Volts + 5%, maximum current 150 milliamps; Sleep Mode current 6 milliamps; * FCC Part 68 Registered SYSTEM INTERFACE
PC1414SR
10-26-93
MECHANICAL * Size: Length 3.6 in. (90 mm) Width 3.8 in. (96mm) Height 0.6 in (15mm) [Add .3 inches (8 mm) for stackthrough pins.] * Weight: 3.5 oz. (100 gm) ENVIRONMENTAL * Operating Conditions: Temperature - 0o to 70o C Relative Humidity - 5% to 95% non-condensing * Storage Temperature -25o to 85o C * Contact Xecom for information regarding extended temperature ranges;
* Modem configuration and control using Hayes "AT" Command set; * Fax configuration and control using Class 1 and Class 2 "AT" Fax Commands; * I/O Addresses: (selected by jumpers) 3F8h (COM1), 2F8h (COM2), 3E8h (COM3), and 2E8h (COM4); * Interupts: (selected by jumpers) IRQ2, IRQ3, IRQ4, or IRQ7;
ORDERING INFORMTION
When ordering, please refer to the following model numbers. * PC1414SR - 14,400 bps modem with MNP Classes 2-5, V.42, V.42bis,14,400 bps Group 3 Fax, stackthrough bus PC/104CR - RJ11 phone line adapter cable
*
XECOM, INC.
* 374 Turquoise Street, Milpitas, Ca. 95035 * Phone (408)945-6640 * Fax (408)942-1346


▲Up To Search▲   

 
Price & Availability of PC1414SR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X