Part Number Hot Search : 
PS104RS MUR4100 MC68HC7 CHUMH9PT P4040D C0402JR 5333B 3100A
Product Description
Full Text Search
 

To Download PBY277 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N 1199A ... 1N 1206A, 1N 3671, 1N 3673 PBY 271 ... PBY 277 Silicon-Power Rectifiers Nominal current - Nennstrom Repetitive peak reverse voltage Periodische Spitzensperrspannung Metal case - Metallgehause Weight approx. - Gewicht ca. Recommended mounting torque Empfohlenes Anzugsdrehmoment Silizium-Leistungs-Gleichrichter 12 A 50...1000 V DO-4 5.5 g 18 10% lb.in. 2 10% Nm
Dimensions / Mae in mm
Standard: Cathode to stud / am Gewinde Index R: Anode to stud / am Gewinde (e.g. 1N 1199 A/R)
Maximum ratings Type Typ 1N 1199 A 1N 1200 A 1N 1202 A 1N 1204 A 1N 1206 A 1N 3671 1N 3673 = = = = = = = PBY 271 PBY 272 PBY 273 PBY 274 PBY 275 PBY 276 PBY 277 Repetitive peak reverse voltage Periodische Spitzensperrspannung VRRM [V] 50 100 200 400 600 800 1000
Grenzwerte Surge peak reverse voltage Stospitzensperrspannung VRSM [V] 60 120 240 480 720 1000 1200 12 A 1) 40 A 1) 220 A 240 A 240 A2s
Max. average forward rectified current, R-load Dauergrenzstrom in Einwegschaltung mit R-Last Repetitive peak forward current Periodischer Spitzenstrom Peak forward surge current, 50 Hz half sine-wave Stostrom fur eine 50 Hz Sinus-Halbwelle Peak forward surge current, 60 Hz half sine-wave Stostrom fur eine 60 Hz Sinus-Halbwelle Rating for fusing - Grenzlastintegral, t < 10 ms
TC = 100/C f > 15 Hz TA = 25/C TA = 25/C TA = 25/C
IFAV IFRM IFSM IFSM i2t
1
) Valid, if the temp. of the stud is kept to 100/C - Gultig, wenn die Temp. am Gewinde auf 100/C gehalten wird 26.03.2002
1
1N 1199A ... 1N 1206A, 1N 3671, 1N 3673 PBY 271 ... PBY 277 Operating junction temperature - Sperrschichttemperatur Storage temperature - Lagerungstemperatur Tj TS - 65...+175/C - 65...+175/C
Characteristics Forward voltage - Durchlaspannung Leakage current - Sperrstrom Thermal resistance junction to stud Warmewiderstand Sperrschicht - Gehause Tj = 25/C Tj = 25/C IF = 30 A VR = VRRM VF IR RthC
Kennwerte < 1.5 V < 100 :A < 2 K/W
2
F:\Data\Wp\DatBlatt\Einzelblatter\1n1199-pby271...wpd


▲Up To Search▲   

 
Price & Availability of PBY277

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X