Part Number Hot Search : 
MC68HC05 E2108 AD713JR TFS315 47M11 Z5222 SM4006MH 03PBF
Product Description
Full Text Search
 

To Download PBW-1206-33 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PBW-SERIES
Features
(1) For equipment designed to conform EMI regulations such as VCCI, CISPR, FCC, VDE, etc. (2) Attenuates conductive emission from power supply (3) Leakage current: 1mA max. (250V, 60Hz) (4) Compact and light weight
PBW-1206
PBW-1203
Safety standard
(
PBW-1201 PBW-1202
UL1283, CSA Std. C22. 2 No. 8 VDE0565 Teil. 3 VDE0565 will transfer to EN133200 on and after July 23, 2003.
)
Specifications
Item 1 2 3 4 5 6 7 8 9 Rated voltage (AC, DC) Rated current (AC, DC) (Note) 1A 2A 1500V 100M min. 0.35mA max. 0.75mA max. 1.2 max. 0.4 max. 30C max. -25 ~ +85C (typ) 60g 60g 60g 60g
(Note) : Value at Ta < 55C. Refer to the derating curve shown below at Ta > 55C. =
Model
PBW-1201-33
PBW-1202-33 250V
PBW-1203-33
PBW-1206-33
3A
6A
Test voltage (terminal to case, AC 1 minute) Isolation resistance (terminal to case, 500VDC) 125V, 60Hz Leakage current 250V, 60Hz DC resistance Temperature rise Operating temperature range Weight
0.25 max.
0.12 max.
Noise Filter
Circuit
Derating
Outline drawings
Case: Plastic (PBT: UL94V-0) (Unit: mm)
Request customer specification for further details of specifications, outline, characteristics, etc. Read the instruction manual before usage. Contact us about delivery before ordering.
171
PBW-SERIES
CHARACTERISTICS
Typical Insertion Loss
.............. Symmetrical -------- Asymmetrical
Attenuation (dB)
Frequency (MHz)
Attenuation (dB)
Frequency (MHz)
Attenuation (dB)
Frequency (MHz)
Attenuation (dB)
Noise Filter
Frequency (MHz)
172


▲Up To Search▲   

 
Price & Availability of PBW-1206-33

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X