Part Number Hot Search : 
SB180 ISL58315 BC547 4749A 112N101A MMSZ43 ACE50528 BFXXXX
Product Description
Full Text Search
 

To Download PBSS4120T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DISCRETE SEMICONDUCTORS
DATA SHEET
M3D088
PBSS4120T 20 V, 1 A NPN low VCEsat (BISS) transistor
Product specification 2003 Sep 29
Philips Semiconductors
Product specification
20 V, 1 A NPN low VCEsat (BISS) transistor
FEATURES * Low collector-emitter saturation voltage VCEsat * High collector current capability IC and ICM * High efficiency leading to less heat generation * Reduced printed-circuit board requirements * Cost effective alternative to MOSFETs in specific applications. APPLICATIONS * Power management - DC/DC conversion - Supply line switching - Battery charger - LCD backlighting. * Peripheral driver - Driver in low supply voltage applications (e.g. lamps and LEDs) - Inductive load drivers (e.g. relays, buzzers and motors). DESCRIPTION NPN BISS transistor in a SOT23 plastic package providing ultra low VCEsat and RCEsat parameters. PNP complement: PBSS5120T. MARKING TYPE NUMBER PBSS4120T Note 1. * = p: made in Hong Kong. * = t: made in Malaysia. * = W: made in China. ORDERING INFORMATION PACKAGE TYPE NUMBER NAME PBSS4120T - DESCRIPTION plastic surface mounted package; 3 leads MARKING CODE(1) *3B
1
Top view
PBSS4120T
QUICK REFERENCE DATA SYMBOL VCEO IC ICM RCEsat PINNING PIN 1 2 3 base emitter collector DESCRIPTION PARAMETER collector-emitter voltage collector current (DC) peak collector current equivalent on-resistance MAX. 20 1 3 200 UNIT V A A m
handbook, halfpage
3 3 1 2
2
MAM255
Fig.1 Simplified outline (SOT23) and symbol.
VERSION SOT23
2003 Sep 29
2
Philips Semiconductors
Product specification
20 V, 1 A NPN low VCEsat (BISS) transistor
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 60134). SYMBOL VCBO VCEO VEBO IC ICM IBM Ptot Tstg Tj Tamb Notes PARAMETER collector-base voltage collector-emitter voltage emitter-base voltage collector current (DC) peak collector current peak base current total power dissipation storage temperature junction temperature operating ambient temperature Tamb 25 C; note 1 Tamb 25 C; note 2 CONDITIONS open emitter open base open collector - - - - - - - - -65 - -65 MIN.
PBSS4120T
MAX. 30 20 5 1 3 300 300 480 +150 150 +150 V V V A A
UNIT
mA mW mW C C C
1. Device mounted on a FR4 printed-circuit board, single-sided copper, tinplated, standard footprint. 2. Device mounted on a FR4 printed-circuit board, single-sided copper, tinplated, mounting pad for collector 1 cm2. THERMAL CHARACTERISTICS SYMBOL Rth j-a PARAMETER thermal resistance from junction to ambient CONDITIONS in free air; note 1 in free air; note 2 Notes 1. Device mounted on a FR4 printed-circuit board, single-sided copper, tinplated, standard footprint. 2. Device mounted on a FR4 printed-circuit board, single-sided copper, tinplated, mounting pad for collector 1 cm2. VALUE 417 260 UNIT K/W K/W
2003 Sep 29
3
Philips Semiconductors
Product specification
20 V, 1 A NPN low VCEsat (BISS) transistor
CHARACTERISTICS Tamb = 25 C unless otherwise specified. SYMBOL ICBO IEBO hFE PARAMETER collector-base cut-off current emitter-base cut-off current DC current gain CONDITIONS VCB = 30 V; IE = 0 VCB = 30 V; IE = 0; Tj = 150 C VEB = 4 V; IC = 0 VCE = 2 V; IC = 100 mA VCE = 2 V; IC = 500 mA VCE = 2 V; IC = 1 A VCEsat collector-emitter saturation voltage IC = 100 mA; IB = 1 mA IC = 500 mA; IB = 50 mA IC = 750 mA; IB = 15 mA IC = 1 A; IB = 50 mA; note 1 RCEsat VBEsat VBEon fT Cc Note 1. Pulse test: tp 300 s; 0.02. equivalent on-resistance base-emitter saturation voltage base-emitter turn-on voltage transition frequency collector capacitance IC = 1 A; IB = 100 mA; note 1 VCE = 2 V; IC = 100 mA IC = 100 mA; VCE = 10 V; f = 100 MHz VCB = 10 V; IE = Ie = 0; f = 1 MHz MIN. - - - 350 300 280 - - - - - - 100 -
PBSS4120T
TYP. - - - 470 450 420 - - - - - - - - -
MAX. 100 50 100 - - - 80 110 200 250 220 1.1 0.75 - 20
UNIT nA A nA
mV mV mV mV m V V MHz pF
IC = 500 mA; IB = 50 mA; note 1 -
2003 Sep 29
4
Philips Semiconductors
Product specification
20 V, 1 A NPN low VCEsat (BISS) transistor
PACKAGE OUTLINE Plastic surface mounted package; 3 leads
PBSS4120T
SOT23
D
B
E
A
X
HE
vMA
3
Q A A1
1
e1 e bp
2
wMB detail X Lp
c
0
1 scale
2 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 1.1 0.9 A1 max. 0.1 bp 0.48 0.38 c 0.15 0.09 D 3.0 2.8 E 1.4 1.2 e 1.9 e1 0.95 HE 2.5 2.1 Lp 0.45 0.15 Q 0.55 0.45 v 0.2 w 0.1
OUTLINE VERSION SOT23
REFERENCES IEC JEDEC TO-236AB EIAJ
EUROPEAN PROJECTION
ISSUE DATE 97-02-28 99-09-13
2003 Sep 29
5
Philips Semiconductors
Product specification
20 V, 1 A NPN low VCEsat (BISS) transistor
DATA SHEET STATUS LEVEL I DATA SHEET STATUS(1) Objective data PRODUCT STATUS(2)(3) Development DEFINITION
PBSS4120T
This data sheet contains data from the objective specification for product development. Philips Semiconductors reserves the right to change the specification in any manner without notice. This data sheet contains data from the preliminary specification. Supplementary data will be published at a later date. Philips Semiconductors reserves the right to change the specification without notice, in order to improve the design and supply the best possible product. This data sheet contains data from the product specification. Philips Semiconductors reserves the right to make changes at any time in order to improve the design, manufacturing and supply. Relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN).
II
Preliminary data Qualification
III
Product data
Production
Notes 1. Please consult the most recently issued data sheet before initiating or completing a design. 2. The product status of the device(s) described in this data sheet may have changed since this data sheet was published. The latest information is available on the Internet at URL http://www.semiconductors.philips.com. 3. For data sheets describing multiple type numbers, the highest-level product status determines the data sheet status. DEFINITIONS Short-form specification The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 60134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification. DISCLAIMERS Life support applications These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes Philips Semiconductors reserves the right to make changes in the products including circuits, standard cells, and/or software described or contained herein in order to improve design and/or performance. When the product is in full production (status `Production'), relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN). Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no licence or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified.
2003 Sep 29
6
Philips Semiconductors - a worldwide company
Contact information For additional information please visit http://www.semiconductors.philips.com. Fax: +31 40 27 24825 For sales offices addresses send e-mail to: sales.addresses@www.semiconductors.philips.com.
(c) Koninklijke Philips Electronics N.V. 2003
SCA75
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights.
Printed in The Netherlands
R75/01/pp7
Date of release: 2003
Sep 29
Document order number:
9397 750 11896


▲Up To Search▲   

 
Price & Availability of PBSS4120T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X