Part Number Hot Search : 
PCA9515 25006 1SS400 34063AD TQ8710 5N50D 110AG TQ8710
Product Description
Full Text Search
 

To Download PBPC607 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PBPC601 - PBPC607
6.0A BRIDGE RECTIFIER Features
* * * * *
High Current Capability Surge Overload Rating to 125A Peak High Case Dielectric Strength of 1500V Ideal for Printed Circuit Board Application UL Listed: Recognized Component Index, File Number E94661
H G
+
AC
PBPC-6 Dim Min 14.73 5.84 19.00 1.70 Max 15.75 6.86 3/4 3.20 A B C D E
Mechanical Data
* * * * * * * * * *
Case: PBPC-6 Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminals: Plated Leads Solderable per MIL-STD-202, Method 208 Polarity: Marked on Body Mounting: Through Hole for #6 Screw Mounting Torque: 5.0 Inch-pounds Maximum Ordering Information: See Last Page Marking: Type Number Weight: 3.8 grams (approximate)
A
E
AC
C
1.01AE Typical Hole for #6 screw 3.60AE 4.00AE 11.30 10.30
D
G
B A
H
All Dimensions in mm
Maximum Ratings and Electrical Characteristics
Single phase, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage (Note 1) @ TC = 50C (Note 2) @ TC = 50C Non-Repetitive Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load Forward Voltage (per element) @ IF = 3.0A Peak Reverse Current @ TC = 25C at Rated DC Blocking Voltage (per element) @ TC = 100C I2t Rating for Fusing (t < 8.3ms) (Note 3) Typical Total Capacitance (Note 4) Typical Thermal Resistance Junction to Case (per element) Operating and Storage Temperature Range
Notes: 1. 2. 3. 4.
@ TA = 25C unless otherwise specified
Symbol VRRM VRWM VR VR(RMS) IO IFSM VFM IR I2 t CT RqJC Tj, TSTG
PBPC 601 50 35
PBPC 602 100 70
PBPC 603 200 140
PBPC 604 400 280 6.0 4.0 125 1.1 10 1.0 64 55 12.5 -65 to +125
PBPC 605 600 420
PBPC 606 800 560
PBPC 607 1000 700
Unit V V A A V mA mA A2 s pF C/W C
Average Rectified Output Current
Mounted on metal chassis. Mounted on PC board FR-4 material. Non-repetitive, for t > 1.0ms and < 8.3ms. Per element, measured at f = 1.0MHz and applied reverse voltage of VR = 4.0V DC.
DS21322 Rev. 7 - 2
1 of 2 www.diodes.com
PBPC601-PBPC607
a Diodes Incorporated
IO, AVERAGE RECTIFIED OUTPUT CURRENT (A)
Resistive or Inductive Load
8
IF, INSTANTANEOUS FORWARD CURRENT (A)
10
100
10
6
Mounted on Metal Chassis
1.0
4
Mounted on PC Board
0.1
2
0 0 50 100 150 TC, CASE TEMPERATURE (C) Fig. 1 Forward Current Derating Curve
0.01 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics
10
IFSM, PEAK FORWARD SURGE CURRENT (A)
125
8.3ms Single half-sine-wave TJ = 125C
100
Tj = 100C
1.0
75
50
0.1
25
Tj = 25C
0 1 10 NUMBER OF CYCLES AT 60Hz Fig. 3 Peak Forward Surge Current 100
0.01 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE (%) Fig. 4 Typical Reverse Characteristics
Ordering Information
Device PBPC601 PBPC602 PBPC603 PBPC604 PBPC605 PBPC606 PBPC607
Notes:
(Note 5) Packaging PBPC-6 PBPC-6 PBPC-6 PBPC-6 PBPC-6 PBPC-6 PBPC-6 Shipping 200/Box 200/Box 200/Box 200/Box 200/Box 200/Box 200/Box
5. For packaging details, visit our website at http://www.diodes.com/datasheets/ap02008.pdf.
IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
DS21322 Rev. 7 - 2
2 of 2 www.diodes.com
PBPC601-PBPC607


▲Up To Search▲   

 
Price & Availability of PBPC607

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X