Part Number Hot Search : 
60030 T5001 SF1218D DMF09RF BT168 1SV21507 SP34063 SS295
Product Description
Full Text Search
 

To Download PBMB150B12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IGBT MODULE
CIRCUIT
H-Bridge 150A 1200V
OUTLINE DRAWING
PBMB150B12
14 13 11 12
8- fasten- tab No 110
Dimension(mm)
Approximate Weight : 650g
MAXMUM RATINGS (Tc=25C) Item
Collector-Emitter Voltage Gate - Emitter Voltage Collector Current DC 1 ms
Symbol
VCES VGES IC ICP PC Tj Tstg VISO FTOR
PBMB150B12
1200 +/ - 20 150 300 730 -40 to +150 -40 to +125 2500 3
Unit
V V A W C C V N*m
Collector Power Dissipation Junction Temperature Range Storage Temperature Range Isolation Voltage Terminal to Base AC, 1 min.) Module Base to Heatsink Mounting Torque Bus Bar to Main Terminals
ELECTRICAL CHARACTERISTICS (Tc=25C) Characteristic
Collector-Emitter Cut-Off Current Gate-Emitter Leakage Current Collector-Emitter Saturation Voltage Gate-Emitter Threshold Voltage Input Capacitance Rise Time Turn-on Time Switching Time Fall Time Turn-off Time
Symbol
ICES IGES VCE(sat) VGE(th) Cies tr ton tf toff
Test Condition
VCE=1200V,VGE=0V VGE=+/- 20V,VCE=0V IC=150A,VGE=15V VCE=5V,IC=150mA VCE=10V,VGE=0V,f=1MHz VCC= 600V RL= 4 ohm RG= 3.6 ohm VGE= +/- 15V
Min.
4.0 -
Typ.
1.9 12600 0.25 0.40 0.25 0.80
Max.
3.0 1.0 2.4 8.0 0.45 0.70 0.35 1.10
Unit mA A V V pF s
FREE WHEELING DIODES RATINGS & CHARACTERISTICS (Tc=25C) Item Symbol Rated Value
Forward Current DC 1 ms IF IFM 150 300
Unit A Typ.
1.9 0.2
Characteristic
Peak Forward Voltage Reverse Recovery Time
Symbol
VF trr
Test Condition
IF=150A,VGE=0V IF=150A,VGE=-10V,di/dt=300A/s
Min.
-
Max.
2.4 0.3
Unit V s Unit C/W
THERMAL CHARACTERISTICS Characteristic
Thermal Impedance IGBT DIODE
Symbol
Rth(j-c)
Test Condition
Junction to Case
Min.
-
Typ.
-
Max.
0.16 0.32
PBMB150B12
Fig.1- Output Characteristics (Typical)
300
Fig.2- Collector to Emitter On Voltage vs. Gate to Emitter Voltage (Typical)
TC=25
16
TC=25 IC=75A 300A
VGE=20V
250
12V
10V
15V
Collector to Emitter Voltage V CE (V)
14 12 10 8 6 4 2 0
150A
Collector Current I C (A)
200
9V
150
100
8V
50
7V
0 0 2 4 6 8 10
0
4
8
12
16
20
Collector to Emitter Voltage VCE (V)
Gate to Emitter Voltage VGE (V)
Fig.3- Collector to Emitter On Voltage vs. Gate to Emitter Voltage (Typical)
16
Fig.4- Gate Charge vs. Collector to Emitter Voltage (Typical)
800 700 600 500 400 16
TC=125 IC=75A 300A
Collector to Emitter Voltage V CE (V)
Collector to Emitter Voltage V CE (V)
14
RL=4 TC=25
14
Gate to Emitter Voltage VGE (V)
150A
12 10 8 6 4 2 0
12 10 8
VCE=600V
300 6
400V
200 100 0 0 150 300 450 600 750 900 1050
200V
4 2 0 1200
0
4
8
12
16
20
Gate to Emitter Voltage VGE (V)
Total Gate Charge Qg (nC)
Fig.5- Capacitance vs. Collector to Emitter Voltage (Typical)
50000 20000 10000 1.4
Fig.6- Collector Current vs. Switching Time (Typical)
VCC=600V RG= 3.0 VGE=15V TC=25
VGE=0V f=1MHZ Cies TC=25
1.2
Switching Time t (s)
Capacitance C (pF)
1 0.8 0.6 0.4 0.2
5000 2000 1000 500
tOFF
Coes
tf
Cres
200 100 50 0.1 0.2 0.5 1 2 5 10 20 50 100 200
tON tr
0 25 50 75 100 125 150
0
Collector to Emitter Voltage VCE (V)
Collector Current IC (A)
PBMB150B12
Fig.8- Forward Characteristics of Free Wheeling Diode
Fig.7- Series Gate Impedance vs. Switching Time (Typical)
10 5
300
(Typical)
TC=25 TC=125
VCC=600V IC=150A VGE=15V TC=25
250
Switching Time t (s)
2
Forward Current I F (A)
toff ton
1 0.5
tr
200
150
tf
100
0.2 0.1 0.05
50
1
2
5
10
20
50
100
200
0
0
1
2
3
4
Series Gate Impedance RG ()
Forward Voltage VF (V)
Fig.9- Reverse Recovery Characteristics (Typical)
500
Fig.10- Reverse Bias Safe Operating Area (Typical)
500 200 100
Peak Reverse Recovery Current I RrM (A) Reverse Recovery Time trr (ns)
IF=150A TC=25 trr
200 100 50
RG=3.0 VGE=15V TC125
Collector Current I C (A)
300 450 600 750 900
50 20 10 5 2 1 0.5 0.2
20 10 5
IRrM
2
0
150
0.1
0
400
800
1200
1600
-di/dt (A/s)
Collector to Emitter Voltage V CE (V)
Fig.11- Transient Thermal Impedance
1
(/W)
5x10 -1 2x10 -1 1x10 -1 5x10 -2 2x10 -2 1x10 -2 5x10 -3
FRD IGBT
Transient Thermal Impedance Rth
(J-C)
TC=25
2x10 -3 1x10 -3 10 -5
1 Shot Pulse
10 -4 10 -3 10 -2 10 -1 1 10 1
Time t (s)


▲Up To Search▲   

 
Price & Availability of PBMB150B12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X