Part Number Hot Search : 
11004 MBI5001 AN26018A SSD3030P C90GK1 CP15304 HP142T TR3E157
Product Description
Full Text Search
 

To Download PBF-1206-22 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PBF-SERIES
Features
(1) For equipment designed to conform EMI regulations such as VCCI, CISPR, FCC, VDE, etc. (2) Attenuates conductive emission from power supply (3) Leakage current: 0.75mA max. (250V, 60Hz) (4) Compact package (5) Simple wiring and easy maintenance by fast-on tab (6) Low price
PBF-1203-22
PBF-1206-22
Safety standard
PBF-1201-22
PBF-1202-22
(
UL1283, CSA Std. C22. 2 No. 8 VDE0565 Teil. 3 VDE0565 will transfer to EN133200 on and after July 23, 2003.
)
Specifications
Item 1 2 3 4 5 6 7 8 9 Rated voltage (AC, DC) Rated current (AC, DC) (Note) 1A 2A 2500V 100M min. 0.35mA max. 0.75mA max. 1.2 max. 0.4 max. 30C max. -25 ~ +85C (typ) 50g
(Note) : Value at Ta < 55C. Refer to the derating curve shown below at Ta > 55C. =
Model
PBF-1201-22
PBF-1202-22 250V
PBF-1203-22
PBF-1206-22
3A
6A
Test voltage (terminal to case, AC 1 minute) Isolation resistance (terminal to case, 500VDC) Leakage current DC resistance Temperature rise Operating temperature range Weight 125V, 60Hz 250V, 60Hz
0.2 max.
0.07 max.
Noise Filter
Circuit
Derating
Outline drawings
Case: Plastic (PBT, UL94V-0) (Unit: mm) Request customer specification for further details of specifications, outline, characteristics, etc. Read the instruction manual before usage. Contact us about delivery before ordering.
167
PBF-SERIES
CHARACTERISTICS
Typical Insertion Loss
.............. Symmetrical -------- Asymmetrical
Attenuation (dB)
Frequency (MHz)
Attenuation (dB)
Frequency (MHz)
Attenuation (dB)
Frequency (MHz)
Attenuation (dB)
Noise Filter
Frequency (MHz)
168


▲Up To Search▲   

 
Price & Availability of PBF-1206-22

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X