Part Number Hot Search : 
SB100 CT2245 SSF6401 1N581 CE66P7 ND32E3 SMA17 LC74760M
Product Description
Full Text Search
 

To Download PB47WG-4815Z21 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Telefon: +49 (0) 6135 931069 Telefax: +49 (0) 6135 931070 www.peak-electronics.de info@peak-electronics.de
B7 SERIES PB47WG-XXXXZ2:1 1.5 KVDC ISOLATED 15 W REGULATED DUAL OUTPUT
Available Inputs: 12, 24 and 48 VDC Wide Input 2:1 Available Outputs: (+/-) 3.3, 5, 9, 12 and 15 VDC Electrical Specifications
(Typical at + 25 C, nominal input voltage, rated output current unless otherwise specified) Input Specifications Voltage range Filter Isolation Specifications Rated voltage Resistance Capacitance Output Specifications Voltage accuracy Ripple and noise (at 20 MHz BW) Short circuit protection Line voltage regulation Load voltage regulation Temperature coefficient General Specifications Efficiency Switching frequency Environmental Specifications Operating temperature (ambient) Storage temperature 9 -18 VDC (12 VDC), 18 - 36 VDC (24 VDC), 36 72 VDC (48 VDC) Pi Filter 1500 Vdc 109 Ohm 350 pF typ. +/- 1 % typ. +/-2% max. 50 mV p-p typ. , 100/120 mV p-p (12/15 VDC Output) Continuous , restart automatic +/- 0,5 % max. +/- 2 % max. +/- 0,02 % / C 79 % to 84 % 250 KHz, typ. -25C to +71C - 55 C to + 105 C
Examples of Partnumbers/Modelcode
PART NO. INPUT VOLTAGE (VDC) INPUT CURRENT NO LOAD INPUT CURRENT FULL LOAD OUTPUT VOLTAGE (VDC) OUTPUT CURRENT (max. mA) EFFICIENCY FULL LOAD (% TYP.)
PB47WG-1205Z2:1 PB47WG-1212Z2:1 PB47WG-2405Z2:1 PB47WG-2412Z2:1 PB47WG-4805Z2:1 PB47WG-4815Z2:1
9 -18 9 -18 18 - 36 18 - 36 36 - 72 36 - 72
27 32 20 22 12 15
1603 1563 791 772 396 381
+/- 5 +/- 12 +/- 5 +/- 12 +/- 5 +/- 15
+/- 1500 +/- 625 +/- 1500 +/- 625 +/- 1500 +/- 500
78 80 79 81 79 82
Remark:
1. Input Current is measured at Norminal Input Voltage, 9-18 is @ 12V, 18-36 is @ 24V, 36-72 is @ 48V
B7 SERIES
PB47WG-XXXXZ2:1 1.5 KVDC ISOLATED 15 W REGULATED DUAL OUTPUT
Dimensions
Specification can be changed without notice.
REV:0 / 11.2002
Copyright PEAK electronics GmbH


▲Up To Search▲   

 
Price & Availability of PB47WG-4815Z21

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X