Part Number Hot Search : 
66012 FD400D1V MOC8080 MX29L 5STP800 AN126 MAX307 NJM2574
Product Description
Full Text Search
 

To Download PB42WG-483R3Z21 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Telefon: +49 (0) 6135 931069 Telefax: +49 (0) 6135 931070 www.peak-electronics.de info@peak-electronics.de
B7 SERIES PB42WG-XXXXZ2:1 1.5 KVDC ISOLATED 10 W REGULATED DUAL OUTPUT
Available Inputs: 12, 24 and 48 VDC Wide Input 2:1 Available Outputs: (+/-) 3.3, 5, 9, 12 and 15 VDC Electrical Specifications
(Typical at + 25 C, nominal input voltage, rated output current unless otherwise specified) Input Specifications Voltage range Filter Isolation Specifications Rated voltage Resistance Capacitance Output Specifications Voltage accuracy Ripple and noise (at 20 MHz BW) Short circuit protection Line voltage regulation Load voltage regulation Temperature coefficient General Specifications Efficiency Switching frequency Environmental Specifications Operating temperature (ambient) Storage temperature 9 -18 VDC (12 VDC), 18 - 36 VDC (24 VDC), 36 72 VDC (48 VDC) Pi Filter 1500 Vdc 109 Ohm 350 pF typ. +/- 1 % typ. +/-2% max. 50 mV p-p typ. , 100/120 mV p-p (12/15 VDC Output) Continuous , restart automatic +/- 0,5 % max. +/- 2 % max. +/- 0,02 % / C 79 % to 84 % 250 KHz, typ. -25C to +71C - 55 C to + 105 C
Examples of Partnumbers/Modelcode
PART NO. INPUT VOLTAGE (VDC) INPUT CURRENT NO LOAD INPUT CURRENT FULL LOAD OUTPUT VOLTAGE (VDC) OUTPUT CURRENT (max. mA) EFFICIENCY FULL LOAD (% TYP.)
PB42WG-123R3Z2:1 PB42WG-1205Z2:1 PB42WG-1209Z2:1 PB42WG-1212Z2:1 PB42WG-1215Z2:1 PB42WG-243R3Z2:1 PB42WG-2405Z2:1 PB42WG-2409Z2:1 PB42WG-2412Z2:1 PB42WG-2415Z2:1 PB42WG-483R3Z2:1 PB42WG-4805Z2:1 PB42WG-4809Z2:1 PB42WG-4812Z2:1 PB42WG-4815Z2:1
9 -18 9 -18 9 -18 9 -18 9 -18 18 - 36 18 - 36 18 - 36 18 - 36 18 - 36 36 - 72 36 - 72 36 - 72 36 - 72 36 - 72
20 25 20 20 25 12 10 10 10 10 12 10 10 10 10
870 1042 1006 1000 982 441 515 503 506 497 223 254 248 250 246
+/- 3.3 +/- 5 +/- 9 +/- 12 +/- 15 +/- 3.3 +/- 5 +/- 9 +/- 12 +/- 15 +/- 3.3 +/- 5 +/- 9 +/- 12 +/- 15
+/- 1250 +/- 1000 +/- 550 +/- 415 +/- 330 +/- 1250 +/- 1000 +/- 550 +/- 415 +/- 330 +/- 1250 +/- 1000 +/- 550 +/- 415 +/- 330
79 80 82 83 84 78 81 82 82 83 77 82 83 83 84
Remark:
1. Input Current is measured at Norminal Input Voltage, 9-18 is @ 12V, 18-36 is @ 24V, 36-72 is @ 48V
B7 SERIES
PB42WG-XXXXZ2:1 1.5 KVDC ISOLATED 10 W REGULATED DUAL OUTPUT
Dimensions
Specification can be changed without notice.
REV:0 / 11.2002
Copyright PEAK electronics GmbH


▲Up To Search▲   

 
Price & Availability of PB42WG-483R3Z21

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X