Part Number Hot Search : 
RGF3MAB BP206 APW7136A SA060 BP206 2SC4097 BP206 STPS20
Product Description
Full Text Search
 

To Download PB10S6 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DIODE
FEATURES
Type:PB10S1,2,4,6
OUTLINE DRAWING
SINGLE - PHASE SILICON BRIDGE RECTIFIER
* Surge Overload Rating : 150 Amperes Peak * Low Forward Voltage Drop * Mounting Position : Any
Maximum Ratings
Rating
Repetitive Peak Reverse Voltage Non-repetitive Peak Reverse Voltage Average Rectified Output Current Surge Forward Current Per 1 Arm Operating JunctionTemperature Range Storage Temperature Range Insuration Withstand Voltage Mounting torque Symbol VRRM VRSM IO IFSM Tjw Tstg Viso Fw PB10S1 PB10S2
Approx Net Weight:8.5g PB10S4 PB10S6
Unit
V V A A C C V N*m
100 200 400 600 120 240 480 680 10 Tc=102C, With 200x200x1.5mm,Al-Fin 3.7 Ta=40C, Without Fin 50 Hz Half Sine Wave,1cycle 150 Non-repetitive - 40 to + 150 - 40 to + 150 1500 Terminal to Base, AC 1min. 0.5 Recommended value
Electrical * Thermal Characteristics
Characteristics
Peak Reverse Current Per 1 Arm Peak Forward Voltage Per 1 Arm Thermal Resistance Symbol Conditions Min. Typ. Max. 5 1.0 3.5 Unit A V C/W IRM Tj= 25C, VRM= VRRM VFM Tj= 25C, IFM= 5A Rth(j-c) Junction to Case(total)
PB10S1,2,4,6 OUTLINE DRAWING (Dimensions in mm)


▲Up To Search▲   

 
Price & Availability of PB10S6

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X