Part Number Hot Search : 
1078073 D240SC4M MAX15 EZHJ20 2SJ372 0603X UPB6100 LV200
Product Description
Full Text Search
 

To Download PB10FG-2415E21 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Telefon: +49 (0) 6135 931069 Telefax: +49 (0) 6135 931070 www.peak-electronics.de info@peak-electronics.de
MBB SERIES
PB10FG--XXXXE2:1 1KV ISOLATED 2 W REGULATED SINGLE OUTPUT DIP16
Available Inputs: 9 - 18 VDC Wide Input, 18 - 36 VDC Wide Input Available Outputs: 5 and 15 VDC for 9 - 18 VDC Input Available Outputs: 5, 12, 15 and 18 VDC for 18 - 36 VDC Input
Other specifications please enquire.
Electrical Specifications
(Typical at + 25 C, nominal input voltage, rated output current unless otherwise specified) Input Specifications Voltage range 12 VDC, 9~18 VDC, 24 VDC, 18~36 VDC Filter Pi Filter Isolation Specifications Rated voltage Resistance Capacitance Output Specifications Voltage accuracy Ripple and noise (at 20 MHz BW) Short circuit protection Line voltage regulation Load voltage regulation Temperature coefficient General Specifications Efficiency Switching frequency Environmental Specifications Operating temperature (ambient) Storage temperature Derating Physical Characteristics Case material 1000 VDC 1000 MOhm 80 pF typ. +/- 1 %, max. 75 mV p-p, typ. Continuous and Auto - Restart +/- 0,5 % max. +/- 0.5 % max. +/- 0,02 % / C 75 % to 78 % 150 KHz, typ. - 25 C to + 71 C - 55 C to + 125 C See graph Non conductive black plastic
Examples of Partnumbers/Modelcode
PART NO. INPUT VOLTAGE (VDC) INPUT CURRENT FULL LOAD Typ. OUTPUT VOLTAGE (VDC) OUTPUT CURRENT (max. mA) EFFICIENCY FULL LOAD (% TYP.)
PB10FG-1205E2:1 PB10FG-1215E2:1 PB10FG-2405E2:1 PB10FG-2412E2:1 PB10FG-2415E2:1
9 - 18 9 - 18 18 - 36 18 - 36 18 - 36
222 209 113 107 105
5 15 5 12 15
400 134 400 167 134
75 80 74 78 80
MBB SERIES
PB10FG--XXXXE2:1 1KV ISOLATED 2 W REGULATED SINGLE OUTPUT DIP16
Dimensions
Derating Graph and Pinning
Output
Temperature Derating Graph
Ambient Temperature C 71
2.00 W
Safe Operating Area
PIN # 1 2 6 8 9 11 15 16
Connection Single - V Input - V Input NC NC + V Output - V Output + V Input + V Input
-25
0
40
80
100
Specification can be changed without notice.
REV:2 / 09.2001
Copyright PEAK electronics GmbH


▲Up To Search▲   

 
Price & Availability of PB10FG-2415E21

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X