Part Number Hot Search : 
BU408 ADD8754 FIN1025 102076 6220A IR2130 SI1903DL WSD521G
Product Description
Full Text Search
 

To Download PB-CHV2711-0000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3.5 GHz InGaP HBT 5W Linear Power Amplifier
October 2006 - Rev 26-Oct-06
Features
Internal Pre-matching Single Supply operation Power Gain 8 dB ESD Protection on board Current Control for multiple applications 2.5% EVM @ 26.5 dBm avg power, 802.16 OFDM signal format, PAR = 9 dB Plastic Surface mount packaging Low Thermal Resistance Ideal for WiMAX applications Lead Free and RoHS compliant 6x6 QFN package
CHV2711-QJ
General Description
The CHV2711 internally pre-matched power HBT device provides 8 dB of gain, 2.5% EVM at 26.5 dBm output power for 802.16 OFDM signal with a peak to average power ratio of 9 dB. The device operates off a single supply voltage up to 12V and includes internal bias circuitry to enable exact setting of the quiescent current using an external Vcontrol. This Vcontrol is non-unique voltage setting and the same value can be used for each part depending on the required Icq. The device is ideal for high linearity, high data rate applications such as WiMAX. Internal pre-matching facilitates a simplified external matching approach and the highest in-band gain potential of the device. The device operates with unique matching at each of the popular WiMAX bands with the inherent repeatability of an InGaP HBT process.
Absolute Maximum Ratings
Voltage Supply (Vcc) Current (Icc) Dissipated Power (Pdiss) Input Power (Pin) Storage Temperature (Tstg) Channel Temperature (Tch) Thermal Resistance (Rth) Operating Backside Temperature (Tb)
4.5 (min) / 12 V (max) 2000 mA 18W 22 dBm -60 to +150 C 175 C 5 C/W -40 C to (see note 1)
Operation outside any of these limits can cause permanent damage. (1) Caclulate maximum operating temperature Tmax using the following formula: Tmax=175-(Pdiss [W] x 5) [C].
Electrical Characteristics (Ambient Temperature T = 25 oC,Vcc = 12V)1
Parameter Operating Frequency (f ) Quiescent Current (Icq)2 Power Gain @ Pout = 26.5 dBm (Gps) Current @ 26.5 dBm (Icc) Output Power @ EVM = 2.5% (Pout)3 Adjacent Channel Power Ratio @ Pout=26.5 dBm (ACPR)4 Input Reflection Coefficient (S11) Noise Figure (NF)
1. Data measured in a Mimix matched connectorized fixture. 2. Quiescent current depends on Vcc and measured @ Pout = 30 dBm 3. Using an 802.1 6d OFDM signal format with PAR=9 dB 4. Using 3 GPP WCDMA signal, PAR = 9.17 dB
Units MHz mA dB mA dBm dBc dB dB
Min. 3.4 26.5 -
Typ. 3.5 730 8 750 -45 -10 5
Max. 3.6 760 780 -
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099 Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Page 1 of 6
Characteristic Data and Specifications are subject to change without notice. (c)2006 Mimix Broadband, Inc. Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept their obligation to be compliant with U.S. Export Laws.
3.5 GHz InGaP HBT 5W Linear Power Amplifier
October 2006 - Rev 26-Oct-06
CHV2711-QJ
Typical Performance: (802.16 OFDM signal, PAR = 9 dB, Vcc = 12V, Vcontrol = 8V, Icc = 736mA)
11.00 9.00 7.00 5.00 -5.00
CHV2711-QJ-0G00 S21
0.00
CHV2711-QJ-0G00 S11 and S22
Gain (dB)
1.00 -1.00 -3.00 -5.00 -7.00 -9.00
Return Loss (dB)
3.00
-10.00
-15.00
-20.00
S11
S22
-11.00 -13.00 -15.00 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5 6
-25.00
-30.00 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5 6
Frequency (GHz)
Frequency (GHz)
10 9 8 7
CHV2711-QJ-0G00 Gain Vs Pout Vs Frequency
-40.00 -42.00 -44.00 -46.00
CHV2711-QJ-0G00 ACPR Vs Pout Vs Frequency
ACPR (dBc)
Gain (dB)
6 5 4 3 2 1 0 18 20 22 24 26
3.4 GHz 3.5 GHz 3.6 GHz
-48.00 -50.00 -52.00 -54.00 -56.00 -58.00 -60.00 18 19 20 21 22 23 24 25 26 27 28 29 30
3.4 GHz 3.5 GHz 3.6 GHz
28
30
Pout (dBm)
Pout (dBm)
1000
CHV2711-QJ-0G00 Current Vs Pout Vs Frequency
3.4 GHz
900
3.5 GHz 3.6 GHz
Current (mA)
800
700
600
500 18 19 20 21 22 23 24 25 26 27 28 29 30
Pout (dBm)
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099 Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Page 2 of 6
Characteristic Data and Specifications are subject to change without notice. (c)2006 Mimix Broadband, Inc. Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept their obligation to be compliant with U.S. Export Laws.
3.5 GHz InGaP HBT 5W Linear Power Amplifier
October 2006 - Rev 26-Oct-06
CHV2711-QJ
Recommended Board Schematic
Port VCONTROL C C11 C=10 nF C C5 C=10 nF TLIN TL6 Z=60 Ohm E=90 TLIN TL3 Z=60 Ohm E=85 C C3 C=1.6 pF C C6 C=100 uF Port VCC
TLIN TL1 Z=50 Ohm E=28 C C1 C=6.8 pF Port RFOUT
Port RFIN
TLIN TL5 Z=50 Ohm E=40
C C10 C=2.2 pF
C C9 C=4.7 pF
TLIN TL2 Z=18 Ohm E=30 TLIN TL4 Z=60 Ohm E=85
C C4 C=1.6 pF
C C2 C=1.5 pF
C C8 C=10 nF
C C7 C=100 uF
Port VCC_
Recommended Board Layout
12 mil RO4003
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099 Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Page 3 of 6
Characteristic Data and Specifications are subject to change without notice. (c)2006 Mimix Broadband, Inc. Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept their obligation to be compliant with U.S. Export Laws.
3.5 GHz InGaP HBT 5W Linear Power Amplifier
October 2006 - Rev 26-Oct-06
CHV2711-QJ
Recommended Board Layout:
We recommend that all N/C pins be grounded and sufficient number of vias to be present under the ground plane to insure good RF and thermal grounding. Pins 13 and 18 are connected to the RFout trace.
Physical Dimensions:
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099 Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Page 4 of 6
Characteristic Data and Specifications are subject to change without notice. (c)2006 Mimix Broadband, Inc. Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept their obligation to be compliant with U.S. Export Laws.
3.5 GHz InGaP HBT 5W Linear Power Amplifier
October 2006 - Rev 26-Oct-06
CHV2711-QJ
Pin Assignment:
Functional Block Diagram:
Pin #
1 4 14 15 16 17 2, 3, 5, 6, 7, 8, 9, 10, 11, 12 13, 18, 19, 20, 21, 22, 23, 24
Description
Vcontrol RF IN RF OUT 4 RF OUT 3 RF OUT 2 RF OUT 1 N/C
Vcntrl RF out
Bias Circuit RF in Output Match
Input Match
CHV2711
* Backside of Package is emitter gnded
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099 Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Page 5 of 6
Characteristic Data and Specifications are subject to change without notice. (c)2006 Mimix Broadband, Inc. Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept their obligation to be compliant with U.S. Export Laws.
3.5 GHz InGaP HBT 5W Linear Power Amplifier
October 2006 - Rev 26-Oct-06
CHV2711-QJ
Handling and Assembly Information
CAUTION! - Mimix Broadband MMIC Products contain gallium arsenide (GaAs) which can be hazardous to the human
body and the environment. For safety, observe the following procedures: Do not ingest. Do not alter the form of this product into a gas, powder, or liquid through burning, crushing, or chemical processing as these by-products are dangerous to the human body if inhaled, ingested, or swallowed. Observe government laws and company regulations when discarding this product. This product must be discarded in accordance with methods specified by applicable hazardous waste procedures.
Life Support Policy - Mimix Broadband's products are not authorized for use as critical components in life support
devices or systems without the express written approval of the President and General Counsel of Mimix Broadband. As used herein: (1) Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. (2) A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
Package Attachment - This packaged product from Mimix Broadband is provided as a rugged surface mount package
compatible with high volume solder installation. Care should be taken not to apply heavy pressure to the top or base material to avoid package damage. Vacuum tools or other suitable pick and place equipment may be used to pick and place this part. Care should be taken to ensure that there are no voids or gaps in the solder connection so that good RF, DC and ground connections are maintained. Voids or gaps can eventually lead not only to RF performance degradation, but reduced reliability and life of the product due to thermal stress.
Mimix Lead-Free RoHS Compliant Program - Mimix has an active program in place to meet customer and governmental
requirements for eliminating lead (Pb) and other environmentally hazardous materials from our products. All Mimix RoHS compliant components are form, fit and functional replacements for their non-RoHS equivalents. Lead plating of our RoHS compliant parts is 100% matt tin (Sn) over copper alloy and is backwards compatible with current standard SnPb low-temperature reflow processes as well as higher temperature (260C reflow) "Pb Free" processes.
Ordering Information
Part Number for Ordering CHV2711-QJ-0G00 CHV2711-QJ-0G0T PB-CHV2711-0000 Package Matte Tin plated RoHs compliant 6X6 QFN surface mount package in bulk Matte Tin Plated RoHs compliant 6X6 QFN surface mount package in tape and reel Evaluation Board with SMA connectors
We also offer the plastic package with SnPb (Tin-Lead) or NiPdAu plating. Please contact your regional sales manager for more information regarding different plating types.
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099 Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Page 6 of 6
Characteristic Data and Specifications are subject to change without notice. (c)2006 Mimix Broadband, Inc. Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept their obligation to be compliant with U.S. Export Laws.


▲Up To Search▲   

 
Price & Availability of PB-CHV2711-0000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X