Part Number Hot Search : 
BR88DL BAS45A SW1251W FDD6760A UPD70F33 MAX5854 90020 MBR2540
Product Description
Full Text Search
 

To Download PB-CHV2710-00A0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2.5 GHz InGaP HBT 5W Linear Power Amplifier
October 2006 - Rev 23-Oct-06
CHV2710-QJ
Features
Internal Pre-matching Single Supply operation, 12V Power Gain 9 dB ESD Protection on board Current Control for multiple applications 2.5% EVM @ 29 dBm avg power, 802.16 OFDM signal format, PAR = 9 dB Low Thermal Resistance Ideal for WiMAX and WiBRO applications RoHS compliant 6x6 QFN package
General Description
The CHV2710 internally pre-matched power HBT device provides 9 dB of gain, 2.5% EVM at 29 dBm output power for 802.16 OFDM signal with a peak to average power ratio of 9 dB. The device operates off a single supply voltage up to 12V and includes internal bias circuitry to enable exact setting of the quiescent current using an external Vcontrol. This Vcontrol is non-unique voltage setting and the same value can be used for each part depending on the required Icq. The device is ideal for high linearity, high data rate applications such as WiMAX and WiBRO. Internal pre-matching facilitates a simplified external matching approach and the highest in-band gain potential of the device. The device operates with unique matching at each of the popular WiMAX bands with the inherent repeatability of an InGaP HBT process.
Absolute Maximum Ratings
Voltage Supply (Vcc) Current (Icc) Dissipated Power (Pdiss) Input Power (Pin) Storage Temperature (Tstg) Channel Temperature (Tch) Thermal Resistance (Rth) Operating Backside Temperature (Tb)
4.5 (min) / 12 V (max) 2000 mA 18W 22 dBm -60 to +150 C 175 C 5 C/W -40 C to (see note 1)
Operation outside any of these limits can cause permanent damage. (1) Caclulate maximum operating temperature Tmax using the following formula: Tmax=175-(Pdiss [W] x 5) [C].
Electrical Characteristics (Ambient Temperature T=25 oC,Vcc=12V)1
Parameter Operating Frequency (f ) Quiescent Current2 (Icq) Power Gain @ Pout = 29 dBm (Gps) Current @ 29 dBm (Icc) Output Power @ EVM = 2.5%3 Adjacent Channel Power Ratio @ Pout = 29 dBm4 (ACPR) Input Reflection Coefficient (S11) Noise Figure (NF)
1. Data measured in a Mimix matched connectorized fixture. 2. Quiescent current depends on Vcc 3. Using an 802.1 6d OFDM signal format with PAR=9 dB 4. Using 3 GPP WCDMA signal, PAR = 9.17 dB
Units GHz mA dB mA dBm dBc dB dB
CHV2710-QJ-0G00 (WiMAX 2.5 GHz) Min. Typ. Max. 2.5 2.6 2.7 730 760 9 770 800 29 -45 -12 4
CHV2710-QJ-0GA0 (WiBRO 2.3 GHz) Min. Typ. Max. 2.3 2.35 2.4 730 760 10 770 800 29 -45 -12 4
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099 Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Page 1 of 7
Characteristic Data and Specifications are subject to change without notice. (c)2006 Mimix Broadband, Inc. Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept their obligation to be compliant with U.S. Export Laws.
2.5 GHz InGaP HBT 5W Linear Power Amplifier
October 2006 - Rev 23-Oct-06
CHV2710-QJ
Typical Performance: CHV2710-QJ-0G00 (WiMAX 2.5 GHz)
(802.16 OFDM signal, PAR = 9 dB, Vcc = 12V, Vcontrol = 8V, Icc = 736mA)
CHV2710-QJ-0G00 EVM Vs Pout Vs Frequency
CHV2710-QJ-0G00 EVM vs Pout vs Temp
3.5 3 2.5
3.5 3 2.5
EVM (%)
2 1.5 1 0.5 0 10 11
25 C 2.7 GHz 25 C 2.6 GHz 25 C 2.5 GHz
EVM (%)
2 1.5 1 0.5 0
85 C 2.7 GHz 25 C 2.7 GHz -30 C 2.7 GHz
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 Pout (dBm)
Pout (dBm)
15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 10 12 14 16
CHV2710-QJ-0G00 Gain Vs Pout Vs Freuqency
15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 10 12 14 16
CHV2710-QJ-0G00 Gain Vs Pout Vs Temperature
Gain (dB)
25 C 2.7 GHz 25 C 2.6 GHz 25 C 2.5 GHz
Gain (dB)
85 C 2.7 GHz 25 C 2.7 GHz -30 C 2.7 GHz
18
20
22
24
26
28
30
32
18
20
22
24
26
28
30
32
Pout (dBm)
Pout (dBm)
13.00 11.00 9.00 7.00 5.00 3.00 1.00 -1.00 -3.00 -5.00 -7.00 -9.00 -11.00 -13.00 -15.00 0.1 0.3 0.5 0.7 0.9 1.1 1.3
CHV2710-QJ-0G00 S21
5.00 0.00 -5.00
CHV2710-QJ-0G00 S11 and S22
Return Loss (dB)
Gain (dB)
-10.00 -15.00 -20.00 -25.00 -30.00
S11
S22
1.5
1.7
1.9
2.1
2.3
2.5
2.7
2.9
3.1
3.3
3.5
3.7
3.9
0.1
0.3
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
2.3
2.5
2.7
2.9
3.1
3.3
3.5
3.7
3.9
Frequency (GHz)
Frequency (GHz)
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099 Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Page 2 of 7
Characteristic Data and Specifications are subject to change without notice. (c)2006 Mimix Broadband, Inc. Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept their obligation to be compliant with U.S. Export Laws.
2.5 GHz InGaP HBT 5W Linear Power Amplifier
October 2006 - Rev 23-Oct-06
CHV2710-QJ
Typical Performance: CHV2710-QJ-0GA0 (WiBRO)
(3 GPP WCDMA, PAR = 9.17 dB)
CHV2710-QJ-AG00 WiBro Application Gain (dB) vs Pout (dBm) CHV2710-QJ-AG00 WiBro Application ACPr (dBc) vs Pout (dBm)
12
-20 -25
11
-30 -35
ACPr (dBc )
2.3 GHz 2.35 GHz 2.4 GHz
Gain (dB)
-40 -45 -50 -55 -60 -65
10
2.3 GHz 2.35 GHz
9
2.4 GHz
8 20 21 22 23 24 25 26 27 28 29
-70 15 17 19 21 23 25 27 29 31
Pout (dBm)
Po ut (dBm)
800 780 760 740
CHV2710-QJ-AG00 WiBro Application Current (mA) vs Pout (dBm)
15
CHV2710-QJ-AG00 WiBro Application Small Signal S21 S12 S11 S22
20 15
5 0 -5
Gain (dB)
720 700 680 660 640 620 600 20 21 22 23 24 25 26 27 28
2.3 GHz 2.35 GHz 2.4 GHz
5
0
-10 -15
-5
-20 -25
-10
29 30
-30
Pout (dBm)
0
0.5
1
1.5
Frequency (GHz)
2
2.5
3
3.5
4
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099 Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Page 3 of 7
Characteristic Data and Specifications are subject to change without notice. (c)2006 Mimix Broadband, Inc. Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept their obligation to be compliant with U.S. Export Laws.
Reflection Coefficient (dB)
10
10
Current (mA)
2.5 GHz InGaP HBT 5W Linear Power Amplifier
October 2006 - Rev 23-Oct-06
CHV2710-QJ
Recommended Board Schematic for WiMAX 2.5 GHz
Port VCONTROL C C11 C=10 nF C C5 C=10 nF TLIN TL6 Z=60 Ohm E=90 TLIN TL3 Z=60 Ohm E=85 C C3 C=1.6 pF C C6 C=100 uF Port VCC
TLIN TL1 Z=50 Ohm E=28 C C1 C=6.8 pF Port RFOUT
Port RFIN
TLIN TL5 Z=50 Ohm E=40
C C10 C=2.2 pF
C C9 C=4.7 pF
TLIN TL2 Z=18 Ohm E=30 TLIN TL4 Z=60 Ohm E=85
C C4 C=1.6 pF
C C2 C=1.5 pF
C C8 C=10 nF
C C7 C=100 uF
Port VCC_
Recommended Board Layout for WiMAX 2.5 GHz
12 mil RO4003
Ident.
C1 C2 C3 C4 C5 C6 C7
Description
Murata 0603 ERB 1.6 pF Murata 0603 ERB 1.5 pF Murata 0603 ERB 6.8 pF Murata 0603 ERB 4.7 pF Murata 0603 ERB 2.0 pF 10 uF 100 uF
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099 Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Page 4 of 7
Characteristic Data and Specifications are subject to change without notice. (c)2006 Mimix Broadband, Inc. Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept their obligation to be compliant with U.S. Export Laws.
2.5 GHz InGaP HBT 5W Linear Power Amplifier
October 2006 - Rev 23-Oct-06
CHV2710-QJ
Recommended Board Layout:
We recommend that all N/C pins be grounded and sufficient number of vias to be present under the ground plane to insure good RF and thermal grounding. Pins 13 and 18 are connected to the RFout trace.
Physical Dimensions:
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099 Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Page 5 of 7
Characteristic Data and Specifications are subject to change without notice. (c)2006 Mimix Broadband, Inc. Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept their obligation to be compliant with U.S. Export Laws.
2.5 GHz InGaP HBT 5W Linear Power Amplifier
October 2006 - Rev 23-Oct-06
CHV2710-QJ
Pin Assignment:
Functional Block Diagram:
Pin #
1 4 14 15 16 17 2, 3, 5, 6, 7, 8, 9, 10, 11, 12 13, 18, 19, 20, 21, 22, 23, 24
Description
Vcontrol RF IN RF OUT 4 RF OUT 3 RF OUT 2 RF OUT 1 N/C
Vcntrl RF out
Bias Circuit RF in Output Match
Input Match
CHV2710
* Backside of Package is emitter gnded
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099 Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Page 6 of 7
Characteristic Data and Specifications are subject to change without notice. (c)2006 Mimix Broadband, Inc. Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept their obligation to be compliant with U.S. Export Laws.
2.5 GHz InGaP HBT 5W Linear Power Amplifier
October 2006 - Rev 23-Oct-06
CHV2710-QJ
Handling and Assembly Information
CAUTION! - Mimix Broadband MMIC Products contain gallium arsenide (GaAs) which can be hazardous to the human
body and the environment. For safety, observe the following procedures: Do not ingest. Do not alter the form of this product into a gas, powder, or liquid through burning, crushing, or chemical processing as these by-products are dangerous to the human body if inhaled, ingested, or swallowed. Observe government laws and company regulations when discarding this product. This product must be discarded in accordance with methods specified by applicable hazardous waste procedures. - Mimix Broadband's products are not authorized for use as critical components in life support devices or systems without the express written approval of the President and General Counsel of Mimix Broadband. As used herein: (1) Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. (2) A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
Package Attachment - This packaged product from Mimix Broadband is provided as a rugged surface mount package
compatible with high volume solder installation. Care should be taken not to apply heavy pressure to the top or base material to avoid package damage. Vacuum tools or other suitable pick and place equipment may be used to pick and place this part. Care should be taken to ensure that there are no voids or gaps in the solder connection so that good RF, DC and ground connections are maintained. Voids or gaps can eventually lead not only to RF performance degradation, but reduced reliability and life of the product due to thermal stress.
Mimix Lead-Free RoHS Compliant Program - Mimix has an active program in place to meet customer and governmental
requirements for eliminating lead (Pb) and other environmentally hazardous materials from our products. All Mimix RoHS compliant components are form, fit and functional replacements for their non-RoHS equivalents. Lead plating of our RoHS compliant parts is 100% matt tin (Sn) over copper alloy and is backwards compatible with current standard SnPb low-temperature reflow processes as well as higher temperature (260C reflow) "Pb Free" processes.
Ordering Information
Description
CHV2710-QJ-0G00 CHV2710-QJ-0G0T CHV2710-QJ-0GA0 CHV2710-QJ-0GAT PB-CHV2710-0000 PB-CHV2710-00A0
Matte Tin plated RoHs compliant 6X6 QFN surface mount package in bulk tested for WiMAX 2.5 GHz Matte Tin Plated RoHs compliant 6X6 QFN surface mount package in tape and reel tested for WiMAX 2.5 GHz Matte Tin plated RoHs compliant 6X6 QFN surface mount package in bulk tested for WiBRO Matte Tin Plated RoHs compliant 6X6 QFN surface mount package in tape and reel tested for WiBRO Evaluation Board with SMA connectors for WiMAX 2.5 GHz Evaluation Board with SMA connectors for WiBRO
We also offer the plastic package with SnPb (Tin-Lead) or NiPdAu plating. Please contact your regional sales manager for more information regarding different plating types.
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099 Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Page 7 of 7
Characteristic Data and Specifications are subject to change without notice. (c)2006 Mimix Broadband, Inc. Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept their obligation to be compliant with U.S. Export Laws.


▲Up To Search▲   

 
Price & Availability of PB-CHV2710-00A0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X