Part Number Hot Search : 
DA103M RT3N66U 2N4859 TC144E IPG20 MP2158 KA78R09 D4602
Product Description
Full Text Search
 

To Download PAWOD24 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Pacific Wireless
693 E. Draper Heights Way Suite 210 Draper, UT 84020 TEL (801) 572-3024 FAX (801) 572-3025 www.pacwireless.com
PAWOD24
...DATA SHEET...
Vertically Polarized Omni Directional Antennas 2400 to 2485 MHz Operation
Features
* * * * * 9 and 12 dB Antenna Gain 12dB has 3 Deg Electrical Downtilt Standard 9dBi has 0 deg or 7deg electrical downtilt options Type N Female Integrated Bulkhead Connector 12dB has optional 24" Pigtail with N Male or N Female Connector
* Rugged, Lightweight and Waterproof
Applications
* 2.4 GHz ISM Band Applications * 802.11b and 802.11g Wireless Systems * Point to Multi-point Systems * Base Station Antennas * Wireless Broadband Systems * WiFi Access Points
9dB Omni
Description
The Omni Directional antenna systems offered by Pacific Wireless are constructed of UV-stable fiberglass with all stainless steel brackets standard. They come standard with Type N female bulkhead connectors with extra heavy duty nuts for optional standoff type mounting. The 12dBi has a 3 Deg Electrical Downtilt standard. It also has 24" pigtail option with N Female or N Male connectors for direct connection to outdoor access points. The 9dBi is available with 0 degree electrical downtilt and 7 degree electrical downtilt which is perfect for close-in wireless systems such as apartment complexes. Because of their unique high performance design which eliminates nulls, they can be used in a wide variety of wireless systems.
Specifications
Parameter
Frequency Range Input Return Loss (S11) VSWR Impedance Input Power Pole Diameter (OD) Operating Temperature
2400 - 2485 MHZ
Min
2400
Typ
-14 1.5:1 50
Max
2485
Units
MHz dB OHM W inch mm Deg C
1 25 -40
100 2 50 +70
OD24-9
9dBi 14deg 0 deg or 7 deg 125mph (56 M/sec) 1.1 Lbs (0.5Kg) 27" (69cm)
OD24-12
12dBi 7 deg 3 deg 125mph (56 M/sec) 1.4 Lbs (0.6Kg) 48" (122cm)
12dB Omni with Pigtail
Gain Vertical Beam Width Electrical Downtilt Rated Wind Velocity Weight Dimension (L +/-1.0")
Diameter Approx. 0.6" (15mm)
Page 2
PAWOD24
Antenna Patterns at 2.45GHz
9dB Vertical Antenna Pattern 0 Deg Elec Downtilt - E Plane
9dB Vertical Antenna Pattern 7 Deg Elec Downtilt - E Plane
12dB Vertical Antenna Pattern 3 Deg Elec Downtilt - E Plane
Notes:
* *
All shipments F.O.B. Pacific Wireless Bluffdale, UT 84065 All antennas carry a 2 Year Warranty
System Ordering:
OD24-
-
-
Closeup of standard stainless steel bracket and bulkhead N connector
Antenna Gain 9 = 9dBi 12 = 12dBi Electrical Downtilt Options - (9dBi Only) Blank = 0 Degrees Electrical Downtilt D7 = 7 Degrees Electrical Downtilt
9dBi Omni with Optional Standoff Type Mount
Options Blank = N Female Integrated Connector and stainless steel bracket SM = N Female Integrated Connector and Powder Coat Painted Standoff Mount P = 24" Pigtail with N Male (12dBi only) PF = 24" Pigtail with N Female (12dBi Only)
For further information contact:
Pacific Wireless
693 E. Draper Heights Way Suite 210 Draper, UT 84020 TEL (801) 572-3024 FAX (801) 572-3025 www.pacwireless.com
Specifications Subject to Change Without Notice
PAWOD Spec Rev 9 18-Aug-03


▲Up To Search▲   

 
Price & Availability of PAWOD24

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X