Part Number Hot Search : 
KTC3227 FM106 SF2124E 09500 87C51 4267F DS2411P STA42
Product Description
Full Text Search
 

To Download PAK-VI Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PAK-VI Data Sheet
(c) 1999 by AWC
AWC 310 Ivy Glen Court League City, TX 77573 (281) 334-4341 http://www.al-williams.com/awce.htm V1.0
Overview
The Stamp PAK VI allows you to use an ordinary PS/2 or AT-style keyboard with any computing device capable of handling RS232 communications. The PAK VI is the perfect solution for microcontrollers that need real input. It provides a raw mode for ultimate control or a cooked mode that makes interfacing with the keyboard simple. Here are some of the PAK V's major features: * Serial interface uses TTL level RS232 at 9600 * Uses as few as 1 pin to connect to the host * Buffers up to 16 keystrokes or scan codes * Easy to use The PAK VI is a standard 18-pin IC. In order to operate it must have a regulated supply of 5V and connection to a clock element. The Stamp PAK VI includes a 50MHz ceramic resonator that you can use to clock the chip. Other than the power and clock connections, the Pak VI requires at least one wire to connect between your microcontroller (the host) and itself. Depending on the host's capabilities and your application, you may want to use a few additional pins to control the PAK
If You Need Help
If you require assistance with your PAK VI, please feel free to contact us. The best way to get support is via e-mail (stamp@al-williams.com). However, you may also call between 9AM - 4PM Central Time at (281) 334-4341. You can also fax to (281) 754-4462. Be sure to check out our Web page for updates at www.al-williams.com/awce.htm.
Registering Your PAK-VI
Please take a moment to register your e-mail address with AWC. Simply send an e-mail message to pakreg@al-williams.com. AWC will not make your address available to other companies, but we may periodically send you updated technical notes. You'll also receive information about new microcontroller products and specials.
1
RX TX
ENABLE2 ENABLE
18
2
17
3
16
Vss
4
RES2
15
RESET
5
RES1
Vss N/C
PAK-VI
Vdd DAVAIL CLOCK DATA N/C
14
6
13
7
12
N/C
8
11
N/C
9
10
N/C
WARNING: The PAK VI is a static-sensitive, CMOS device. Observe static precautions when handling. Operating the device without both Vss pins grounded or with RES1 or RES2 disconnected may damage the chip.
Pin Connections
Pin 1 2 17 Name RX TX Enable Type Input Description TTL-level RS232 input
Output TTL-level RS232 output Input If this pin is not connected or high, the PAK transmits codes it receives from the keyboard; the PAK always responds to commands If this pin is low, the PAK transmits codes it receives from the keyboard; the PAK always responds to commands
18
Enable2
Input
13 4
DAvail RESET
Output High when data is available Input Hardware resets the PAK when low. Must be high for normal operation
3,5 14 15 16 11 12 6-10
Vss Vdd RES1 RES2 DATA CLOCK N/C
Power Ground (please ground both pins) Power +5V Clock Clock I/O I/O N/C Connects to resonator Connects to resonator Keyboard data line Keyboard clock line Not used
Software Commands
Code $01 $02 $03 $04 $05 $06 $07 $08 $09 Name COOK RAW SLOFF SLON NLOFF NLON CLOFF CLON AION Description Sets cooked mode (default) Sets raw mode Turns off scroll lock LED Turns on scroll lock LED Turns off num lock LED Turns on num lock LED Turns off cap lock LED Turns on cap lock LED Turns on auto indicator mode (cooked mode only; default) Turns off auto indicator mode Sends next byte directly to keyboard Warm reset PAK and reset keyboard
$0A $0B $FF
AIOFF ESCAPE RESET
Operating Modes
By default the PAK VI starts in cooked mode. Keys you press generate their ASCII equivalent on the serial output. The PAK manages the indicator lights. Most non-ASCII characters generate a special code greater than or equal to $80. If you prefer, you can disable the autoindicator mode and take control of the keyboard LEDs in your software by issuing the AIOFF command. You can also receive raw scan codes instead of ASCII codes by issuing the RAW command. In this mode you'll receive make and break codes for each key pressed.
Typical Circuits and Software
Connecting the Pak to its external components is simple. Supply 5V to Vdd and ground the Vss pins. Connect the two outer pins of the ceramic resonator to the RES1 and RES2 pins (the order does not matter). Ground the center pin of the resonator. Connect the RESET pin to 5V. For the simplest mode of operation leave ENABLE open and jumper ENABLE2 to ground. Of course, you'll also need to connect the RX and TX pin to the host microprocessor. If the host uses true RS232, you'll need a line driver (like the Maxim 232 chip). For connection to a TTL inverted device (like the Basic Stamp) you can directly connect the pins. If you are not planning to send the PAK any commands, you can omit the RX line. If you'd like
1
Stamp P15 Stamp P14
RX TX Vss RESET Vss N/C N/C N/C N/C
ENABLE2 ENABLE RES2 RES1
18
Stamp P13
17
2
5V
3 4
16
15
RES
5
PAK-VI
Vdd DAVAIL CLOCK DATA N/C
14
6
13
7
12
8
11
9
10
an indication of when the PAK has data available, you can monitor the DAVAIL pin which is high when data is available. If you are using the Basic Stamp you'll have no problems using the SEROUT command to send codes to the PAK. Many Basic Stamp-compatible compilers have these commands too.
Operating Modes
There are two major modes that you can use with the PAK-VI. The default is cooked mode. This provides the keyboard input as ASCII. Special characters (like function keys) appear as special characters above $7F. If you want more control, you can switch to raw mode. Raw mode sends you every byte the keyboard generates. There is no ASCII conversion, nor does the PAK-VI automatically track the shift, caps lock, or other state keys. This mode provides the ultimate flexibility, but requires more work to use. In raw mode, you may get several bytes for each key pressed. Most keyboards start in mode 2 (although you can change the mode on many keyboards). In mode 2, each key emits at least one scan code for a make (key press) and at least two codes for a break. For example, the space bar emits $29 for make, and $F0 $29 for break. Some keys, particularly extended keys, have more codes. For example, the home key that is not part of the numeric key pad is scan code $E0 $6C and the break code is $E0 $F0 $6C.
Important Note
Not all keyboards are the same. Raw mode will work with any standard keyboard, but your keyboard may not support all features that other keyboards support. By the same token, your
keyboard may support more features than other keyboards. Check the keyboard's documentation
Keyboard Commands
Most keyboards allow you to send a variety of commands: $FF - Reset keyboard $FE - Resend last byte $F5 - Disable keyboard $F4 - Enable keyboard $F3 - Set typematic rate $F2 - Return ID $F0 00 - Return current code set $F0 01 - Set code set 1 (XT compatible) $F0 02 - Set code set 2 (AT compatible) $F0 03 - Set code set 3 (make codes only) $EE - Echos $EE back $ED - Sets indicator LEDs Programming the keyboard is beyond the scope of this manual. However, most commands return an acknowledge byte ($FA). You can find more about raw keyboard programming on the Web (see the end of this manual). Note that you should not use $ED to set the indicator LEDs in cooked mode because it will confuse the PAK. Instead, use the PAK commands to set the indicators.
Before sending commands directly to the keyboard, you should be in raw mode. In addition, you should prefix each byte with an escape command. If you want to send 3 bytes to the keyboard, you must prefix each byte with escape.
Hints
If you are using a Stamp or other microcontroller, you may want to switch character sets when using raw mode. Use the $F0 command to change sets. Set #1 uses a single-byte scan code for each key. Bit 7 indicates if the code is for make (0) or break (1). This simplifies coding for the Stamp and other similar processors. PS/2 keyboards require 4 wires: two for power and ground and two for clock and data. For prototyping, you may find it convinient to acquire a PS/2 connector designed to connect PS/2 keyboards to PC motherboards (you can find these at any place that sells PC components for a few dollars). These PS/2 connectors terminate in a .1" single inline pin socket. You can either cut the wires to connect to the PAK, or use some .1" single inline pins to make the connection.
Special Codes
In cooked mode, the PAK sends characters above $7F for many special keys:
$80 - F1 $81 - F2 $82 - F3 $83 - F4 $84 - F5 $85 - F6 $86 - F7 $87 - F8 $88 - F9 $89 - F10 $8A - F11 $8B - F12
$90 - Home $91 - Up $92 - PgUp $93 - Left $94 - Numeric 5 $95 - Right $96 - End $97 - Down $98 - PgDn $99 - Ins $9A - Del
Notes: If shift key is down, add $40 to above values If num lock is on, $90-$9A appear as numbers
Frequently Asked Questions
Q: Can I run the Pak VI from a different clock source? A: You may be able to use a lower clock speed, but it isn't recommended. The PWM and serial communications depend on specific timing. If you do run at a different clock speed, you can expect the baud rates to scale accordingly. So using a 25MHz clock, for example, will cause the PAK to communicate at 4800 and 1200 baud. AWC does not support operation at any speed other than 50MHz. Q: Is there a second source for the PAK VI? A: No. However, if you have a high-volume application and you are concerned about availability, contact AWC about obtaining a license to produce your own PAKs or obtain them from third parties. Q: What is the state of the PAK at startup? A: Initially the PAK resets the keyboard, forces keyboard mode 2 (which should be the default) and is in cooked mode with autoindicator mode set.
Further Information
To learn more about programming PC keyboards in raw mode, you can refer to several resources on the World Wide Web: http://members.tripod.com/~ilkerf/c64tower/ F_Keyboard_FAQ.html http://www.geocities.com/SiliconValley/ Bay/8302/keybrd.htm
Specifications
Ambient temperature under bias Storage temperature Voltage on VDD with respect to VSS Maximum current out of VSS pin Maximum current into VDD pin Maximum output current sunk by any I/O pin Maximum output current sourced by any I/ O pin -40C to +85C -65C to +150C 0 to +7.5V 100 mA 100 mA 45 mA 45 mA
Parameter Supply voltage Vdd rise time on power up Supply current @ 5V
Minimum 2.5V .05V/ms
Typical 5V -
Maximum 5.5V -
-
60mA


▲Up To Search▲   

 
Price & Availability of PAK-VI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X