Part Number Hot Search : 
60506 ATA68 SD820S10 SM5818PL TA8233 ATA68 PF100 VS2AUF
Product Description
Full Text Search
 

To Download PAC27A01TR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CALIFORNIA MICRO DEVICES
PAC27A01
P/ACTIVE PRECISION VOLTAGE DIVIDER NETWORK
Features Matched resistor pair Tight parametric control Long term stability SOT-23 package for space critical applications Applications Matched resistor pair Precision division D/A conversion Specific Harris HIP5020 support circuit
Refer to AP-202 Precision Divider Application Note for further information.
Product Description CAMDs PAC27A01 is a precision ratio matched resistor voltage divider network designed to provide tight element-toelement parametric control and long term stability over time and temperature. The PAC27A01 supports the Harris HIP5020 Integrated Buck Converter Controller and can also serve other requirements for precision voltage division.
Absolute Tolerance (R) Ratio Tracking (0C TA 70C Operating Temperature Range Power Rating/Resistor Storage Temperature Package Power Rating
STANDARD SPECIFICATIONS
SCHEMATIC CONFIGURATION
5% 0.5% 0C to 70C 25mW @ 70C -65C to 150C 0.225W @ 70C
R1(K)
12.4
STANDARD VALUES R2(K) Code
20 A01T
Ratio Tracking (0C TA 70C) R2 range R2 range
NON-STANDARD VALUES
0.5% 6 to 10K 10 to 18K
Pins
3
Package
SOT-23
STANDARD PART ORDE RING INFORMATION Ordering Part Number Style Tubes Tape & Reel
PAC27A01T/B PAC27A01T/R
Part Marking
A01T*
* For Harris 5020 application (R1=12.4K, R2=20K) only.
STANDARD PART ORDE RING INFORMATION Ordering Part Number Style Tubes Tape & Reel
PAC27AXXT/B PAC27AXXT/R
Pins
3
Package
SOT-23
Part Marking
TB D
Contact factory for other part marking designations.
(c) 2000 California Micro Devices Corp. All rights reserved. 4/00
C0850400
215 Topaz Street, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
1
CALIFORNIA MICRO DEVICES
PAC27A01
Application Diagram*
HIP5020
Mode Control and Protection
VIN
Internal Supply
L1 VOUT C1 3
Regulation and Control
PAC27A01T 2 1
* Harris HIP5020 typical application
(c)2000 California Micro Devices Corp. All rights reserved.
2
215 Topaz Street, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
4/00


▲Up To Search▲   

 
Price & Availability of PAC27A01TR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X