Part Number Hot Search : 
PXV1220S VX573ME CPH5818 CS1108 SP13T CPH5818 FDT86256 MUR48
Product Description
Full Text Search
 

To Download PA9605AP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 sames
FEATURES
n
SA9605APA APPLICATION NOTE
PA9605AP THREE PHASE POWER/ENERGY METERING INTERFACE ADAPTOR
n
Demonstration of the SA9605APA device using a PM9105APE module Pulse rate selectable via jumper leads Energy direction indicator provided
Meets the accuracy requirements for Class 1 AC Watt hour meters
n n
DESCRIPTION The PA9605AP interface adaptor converts the SA9605APA (DIP-20) package to a SA9105XP (DIP-40) footprint. This enables the evaluation of the SA9605APA using the PM9105AP evaluation module. It is advised that this Application Note should be read in conjunction with the PM9105AP Application Note.
1/6
7185 PDS038-SA9605-001 Rev. A 19-03-97
PA9605AP BLOCK DIAGRAM
CONNECTION DESCRIPTION Designation Location Description PL5 PM9105AP Voltage Supply connected to Phase 1 Voltage Supply connected to Phase 2 Voltage Supply connected to Phase 3 Voltage Supply connected to Neutral Line (Common) Power Output: FOUT1 Power Output: FOUT2 Direction Indication: DIR 5V DC Supply Voltage 0V DC Supply Voltage Phase 1 (Direction indicated on PCB) Phase 2 (Direction indicated on PCB) Phase 3 (Direction indicated on PCB) FOUT2 Frequency select Refer to Table in part 2
PL6.1 PL6.2 PL6.3 PL4 CT1 CT2 CT3 PGM0 PGM1
PM9105AP
PM9105AP PM9105AP
PA9605AP
2/6
sames
PA9605AP FUNCTIONAL DESCRIPTION 1. Interface Board The PA9605AP interface adaptor board (see Fig. 1) allows the connection of a SA9605APA (DIP-20) device to an evaluation board of type PM9105AP. This Interface Board inserts into the dual-in-line socket of the PM9105AP module in the same orientation that the SA9105XPA (DIP-40) device is normally inserted. Figure 1: Connection Diagram
2.
Frequency Select Output, FOUT2 Although FOUT1 has a fixed frequency output of 1160Hz for rated conditions, the table below shows the various frequencies selectable for rated conditions, on FOUT2. User Selectable Output Frequency PGM1 Connection 1-2 1-2 2-3 2-3 0 0 1 1 PGM0 Level Connection Level 1-2 1-2 2-3 2-3 0 1 0 1 FOUT2 (Hz) 5.11 3.83 2.55 n/a
PM9605AP Convert SA9605XP to a SA9105XP footprint
sames
3/6
3.
4/6
PA9605AP
Figure 2: Connection Diagram
The connection details of the PA9605AP for conversion from the SA9605APA (DIP-20) outline to SA9105XPA (DIP-40) outline, is shown in Fig. 2.
sames
SO C K
40
IC 1
IV N 2 19 IIN 1 IIP 1 18 17 IV N 1 16 GN D 15 VREF V S S 14 13 P G M1 12 P G M0 11 OS C 2 P G M0 P G M1 C1
9 10 11 12 13 14 15 16 17 18 19 20 20
1 2 3 4 5 6 7 8 9 10
IIP 2 IIN 2 CV N3 C IIP 3 IIN 3 VDD FO U T1 FO U T2 D IR OS C 1
1 2 3 4 5 6 7 8
C IN 1 C IP 2 C IN 2 C IP 3 C IN 3 IIN 1 IIP 1 IIN 2 IIP 2 IIN 3 IIP 3 COP P CON P C IP P C IN P VS S TP 17 TP 18 OS C 1 OS C 2
C IP 1 C O P 1 39 38 CON1 37 CON2 36 COP2 35 GN D 34 IV P 1 33 IV P 2 32 IV P 3 31 COP3 30 C O N 3 29 VREF V D D 28 TP 27 26 TP 26 TP 25 25 TP 24 24 23 FO U T3 22 FO U T2 FO U T1 21
D R -0 1 3 0 5
PA9605AP
ORDERING INFORMATION Part Number PA9605AP Description Adaptor Module
sames
5/6
PA9605AP
Disclaimer: The information contained in this document is confidential and proprietary to South African MicroElectronic Systems (Pty) Ltd ("SAMES") and may not be copied or disclosed to a third party, in whole or in part, without the express written consent of SAMES. The information contained herein is current as of the date of publication; however, delivery of this document shall not under any circumstances create any implication that the information contained herein is correct as of any time subsequent to such date. SAMES does not undertake to inform any recipient of this document of any changes in the information contained herein, and SAMES expressly reserves the right to make changes in such information, without notification,even if such changes would render information contained herein inaccurate or incomplete. SAMES makes no representation or warranty that any circuit designed by reference to the information contained herein, will function without errors and as intended by the designer.
Any sales or technical questions may be posted to our e-mail adress below: energy@sames.co.za For the latest updates on datasheets, please visit our web site: http://www.sames.co.za
South African Micro-Electronic Systems (Pty) Ltd P O Box 15888, 33 Eland Street, Lynn East, Koedoespoort Industrial Area, 0039 Pretoria, Republic of South Africa, Republic of South Africa Tel: Fax:
6/6
012 333-6021 012 333-8071 sames
Tel: Fax:
Int +27 12 333-6021 Int +27 12 333-8071


▲Up To Search▲   

 
Price & Availability of PA9605AP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X