Part Number Hot Search : 
1412D 080HN 3N150 LTC170 AD7520LD IXTL5N65 2SC162 87C552
Product Description
Full Text Search
 

To Download P800K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 P800A - P800K
PRV : 50 - 800 Volts Io : 8.0 Amperes
FEATURES :
* * * * * * High current capability High surge current capability High reliability Low reverse current Low forward voltage drop Pb / RoHS Free
SILICON RECTIFIER DIODES D6
0.360 (9.1) 0.340 (8.6)
1.00 (25.4) MIN.
0.360 (9.1) 0.340 (8.6)
MECHANICAL DATA :
* Case : Void-free molded plastic body * Epoxy : UL94V-O rate flame retardant * Lead : Axial lead solderable per MIL-STD-202, Method 208 guaranteed * Polarity : Color band denotes cathode end * Mounting position : Any * Weight : 2.1 grams
Rating at 25 C ambient temperature unless otherwise specified.
0.052 (1.32) 0.048 (1.22)
1.00 (25.4) MIN.
Dimensions in inches and ( millimeters )
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
RATING Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Current 0.375"(9.5mm) Lead Length Ta = 50 C Peak Forward Surge Current 8.3ms Single half sine wave Superimposed on rated load (JEDEC Method) Maximum Instantaneous Forward Voltage at I F = 8 A Maximum DC Reverse Current at rated DC Blocking Voltage Ta = 25 C Ta = 100 C SYMBOL VRRM VRMS VDC IF(AV) IFSM VF IR IR(H) CJ RJA TJ TSTG
P800A P800B P800D P800G P800J P800K
UNIT V V V A A V A mA pF C/W C C
50 35 50
100 70 100
200 140 200 8.0 400 1.0 5.0 1.0 150 20
400 280 400
600 420 600
800 560 800
Typical junction capacitance at 4.0V, 1MHz Typical Thermal Resistance (1) Junction Temperature Range Storage Temperature Range
- 50 to + 150 - 50 to + 150
Note : (1) Thermal resistance from junction to ambient and from junction to lead at 0.375" (9.5mm) lead length, P.C.B. mounted with 1.1" x 1.1" (30 x 30mm) copper pads
Page 1 of 2
Rev. 02 : March 25, 2005
RATING AND CHARACTERISTIC CURVES ( P800A - P800K )
FIG.1 - MAXIMUM FORWARD CURRENT DERATING CURRENT
12 600 60 Hz Resistive or Inductive Load 10
FIG.2 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
AVERAGE FORWARD RECTIFIED CURRENT, AMPERES
PEAK FORWARD SURGE CURRENT, AMPERES
500
8
400
6
300 TJ =150 C 200
4
2
100
8.3ms SINGLE HALF SINE-WAVE (JEDEC) Method 1 2 4 6 10 20 40 60 100
0
0 0 25 50 75 100 125 150 175
AMBIENT TEMPERATURE, ( C) FIG.3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
100 100
NUMBER OF CYCLES AT 60Hz
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
INSTANTANEOUS FORWARD CURRENT, AMPERES
INSTANTANEOUS REVERSE CURRENT, MICROAMPERES
Ta = 100 C 10
10
Pulse Width = 300 s 1% Duty Cycle 1.0 TJ = 25 C
1.0
0.1
0.1
Ta = 25 C
0.01 0
0.01 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 0 20 40 60 80 100 120 140
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
Page 2 of 2
Rev. 01 : 02 : March 25, 2005


▲Up To Search▲   

 
Price & Availability of P800K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X