Part Number Hot Search : 
DA7375 N111253 1A313 PC810 IRF840 20TTS KSH350 Z5224
Product Description
Full Text Search
 

To Download P7BUI-243R33R3Z Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Telefon: +49 (0) 6135 931069 Telefax: +49 (0) 6135 931070 www.peak-electronics.de info@peak-electronics.de
MA SERIES P7BUI-XXXXXXZ 1KV ISOLATED 1.25 W UNREGULATED DUAL SEP. OUTPUT DIP8
Available Inputs:
5, 12 and 24 VDC
Available Outputs:
(++) 3.3, 5, 7.2, 12, and 15 VDC
Other specifications please enquire.
Electrical Specifications
(Typical at + 25 C, nominal input voltage, rated output current unless otherwise specified) Input Specifications Voltage range Filter Isolation Specifications Rated voltage Leakage current Resistance Capacitance Output Specifications Voltage accuracy Ripple and noise (at 20 MHz BW) Short circuit protection Line voltage regulation Load voltage regulation Temperature coefficient General Specifications Efficiency Switching frequency Environmental Specifications Operating temperature (ambient) Storage temperature Derating Humidity Cooling Physical Characteristics Dimensions DIP Weight Case material +/- 10 % Capacitors 1000 VDC 1 mA 109 Ohm 80 pF typ. +/- 5 %, max. 100 mV p-p, max. Momentary +/- 1,2 % / 1,0 % of Vin +/- 8 %, load = 20 ~ 100 % +/- 0,02 % / C 70 % to 80 % 80 KHz, typ. - 40 C to + 85 C - 55 C to + 125 C See graph Up to 90 %, non condensing Free air convection 12,70 x 10,16 x 6,85 mm 0,50 x 0,40 x 0,27 inches 1,8 g Non conductive black plastic
Examples of Partnumbers
PART NO. INPUT VOLTAGE (VDC) INPUT CURRENT NO LOAD INPUT CURRENT FULL LOAD OUTPUT VOLTAGE (VDC) OUTPUT CURRENT (max. mA) EFFICIENCY FULL LOAD (% TYP.)
P7BUI-053R33R3Z P7BUI-050505Z P7BUI-051212Z P7BUI-051515Z P7BUI-123R33R3Z P7BUI-120505Z P7BUI-121212Z P7BUI-121515Z P7BUI-243R33R3Z P7BUI-240505Z P7BUI-241212Z
5 5 5 5 12 12 12 12 24 24 24
25 25 25 25 16 16 16 16 8 8 8
328.94 320.51 320.51 320.51 137.06 133.54 133.54 133.54 68.53 66.77 66.77
3.3/3.3 5/5 12/12 15/15 3.3/3.3 5/5 12/12 15/15 3.3/3.3 5/5 12/12
189/189 125/125 52/52 42/42 189/189 125/125 52/52 42/42 189/189 125/125 52/52
76 78 78 78 76 78 78 78 76 78 78
P7BUI-241515Z
24
8
66.77
15/15
42/42
78
MA SERIES
P7BUI-XXXXXXZ 1KV ISOLATED 1.25 W UNREGULATED DUAL SEP. OUTPUT DIP8
Dimensions
Derating Graph and Pinning
Output
Temperature Derating Graph
Ambient Temperature C 85
1.25 W
Pin # 1 4 5 6 7 8
Connection Single - V Input + V Input + V Output1 - V Output1 + V Output2 - V Output2
- 40
0
40
80
100
Specification can be changed without notice.
Copyright PEAK electronics GmbH
REV:2 / 09.2001


▲Up To Search▲   

 
Price & Availability of P7BUI-243R33R3Z

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X