Part Number Hot Search : 
SUR490J MN3718AT 157M0 R2905Z IRF3709L 1N958 LT1310 F7424
Product Description
Full Text Search
 

To Download P7BU-XXXXE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Telefon: +49 (0) 6135 931069 Telefax: +49 (0) 6135 931070 www.peak-electronics.de info@peak-electronics.de
MA SERIES P7BU-XXXXE 1KV ISOLATED 1.25 W UNREGULATED SINGLE OUTPUT DIP8
Available Inputs:
5, 12 and 24 VDC
Available Outputs:
3.3, 5, 7.2, 12, 15 and 18 VDC
Other specifications please enquire.
Electrical Specifications
(Typical at + 25 C, nominal input voltage, rated output current unless otherwise specified) Input Specifications Voltage range Filter Isolation Specifications Rated voltage Leakage current Resistance Capacitance Output Specifications Voltage accuracy Ripple and noise (at 20 MHz BW) Short circuit protection Line voltage regulation Load voltage regulation Temperature coefficient General Specifications Efficiency Switching frequency Environmental Specifications Operating temperature (ambient) Storage temperature Derating Humidity Cooling Physical Characteristics Dimensions DIP Weight Case material +/- 10 % Capacitors 1000 VDC 1 mA 109 Ohm 60 pF typ. +/- 5 %, max. 100 mV p-p, max. Momentary +/- 1,2 % / 1,0 % of Vin +/- 8 %, load = 20 ~ 100 % +/- 0,02 % / C 70 % to 80 % 80 KHz, typ. - 40 C to + 85 C - 55 C to + 125 C See graph Up to 90 %, non condensing Free air convection 12,70 x 10,16 x 6,85 mm 0,50 x 0,40 x 0,27 inches 1,8 g Non conductive black plastic
Examples of Partnumbers
PART NO. INPUT VOLTAGE (VDC) INPUT CURRENT NO LOAD INPUT CURRENT FULL LOAD OUTPUT VOLTAGE (VDC) OUTPUT CURRENT (max. mA) EFFICIENCY FULL LOAD (% TYP.)
P7BU-0505E P7BU-0512E P7BU-0515E P7BU-1205E P7BU-1212E P7BU-1215E P7BU-2405E P7BU-2412E P7BU-2415E P7BU-2424E
5 5 5 12 12 12 24 24 24 24
25 25 25 16 16 16 8 8 8 8
320.5 320.5 320.5 133.5 133.5 133.5 66.8 66.8 66.8 69
5 12 15 5 12 15 5 12 15 24
250 104 84 250 104 84 250 104 84 52
78 78 78 78 78 78 78 78 78 78
MA SERIES
P7BU-XXXXE 1KV ISOLATED 1.25 W UNREGULATED SINGLE OUTPUT DIP8
Dimensions
Derating Graph and Pinning
Output
Temperature Derating Graph
Ambient Temperature C 85
1.25 W
Pin # 1 4 5 6 7 8
Connection Single - V Input + V Input + V Output Omitted - V Output Omitted
- 40
0
40
80
100
Specification can be changed without notice.
REV:2 / 09.2001
Copyright PEAK electronics GmbH


▲Up To Search▲   

 
Price & Availability of P7BU-XXXXE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X