Part Number Hot Search : 
M32F3 05002 NDB408A MMBT5089 BR404 1013B F1621 MAX2470
Product Description
Full Text Search
 

To Download P6MU-2415EH52 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Telefon: +49 (0) 6135 931069 Telefax: +49 (0) 6135 931070 www.peak-electronics.de info@peak-electronics.de
M1 SERIES
P6MU-XXXXEH52 5.2 KV ISOLATED 1W UNREGULATED SINGLE OUTPUT DIP14
Available Inputs:
5, 12, and 24 VDC
Available Outputs:
3.3, 5, 7.2, 12, 15 and 18 VDC
Other specifications please enquire.
Electrical Specifications
(Typical at + 25 C, nominal input voltage, rated output current unless otherwise specified) Input Specifications Voltage range Filter Isolation Specifications Rated voltage Leakage current Resistance Capacitance Output Specifications Voltage accuracy Ripple and noise (at 20 MHz BW) Short circuit protection Line voltage regulation Load voltage regulation Temperature coefficient General Specifications Efficiency Switching frequency Environmental Specifications Operating temperature (ambient) Storage temperature Derating Humidity Cooling Physical Characteristics Dimensions DIP Weight Case material +/- 10 % Capacitors 5200 VDC 1 mA 109 Ohm 60 pF typ. +/- 5 %, max. 75 mV p-p, max. Momentary +/- 1,2 % / 1,0 % of Vin +/- 8 %, load = 20 ~ 100 % +/- 0,02 % / C 70 % to 85 % 125 KHz, typ. - 40 C to + 85 C - 55 C to + 125 C See graph Up to 90 %, non condensing Free air convection 20,32 x 10,16 x 6,85 mm 0,80 x 0,40 x 0,77 inches 2g Non conductive black plastic
Examples of Partnumbers/Modelcode
PART NO. INPUT VOLTAGE (VDC) INPUT CURRENT NO LOAD INPUT CURRENT FULL LOAD OUTPUT VOLTAGE (VDC) OUTPUT CURRENT (max. mA) EFFICIENCY FULL LOAD (% TYP.)
P6MU-0505EH52 P6MU-0512EH52 P6MU-1205EH52 P6MU-1212EH52 P6MU-2405EH52 P6MU-2412EH52 P6MU-2415EH52
5 5 12 12 24 24 24
16 18 11 10 6 7 8
277 254 119 104 55 54 55
5 12 5 12 5 12 15
200 84 200 84 200 84 67
72 79 70 80 76 77 76
M1 SERIES
P6MU-XXXXEH52 5.2 KV ISOLATED 1W UNREGULATED SINGLE OUTPUT DIP14
Dimensions
Derating Graph and Pinning
Output
Temperature Derating Graph
Ambient Temperature C 85
1.00 W
Pin # 1 7 8 9 10 11 14
Connection Single - V Input NC + V Output Omitted - V Output Omitted + V Input
- 40
0
40
80
100
Specification can be changed without notice.
REV:2 / 09.2001
Copyright PEAK electronics GmbH


▲Up To Search▲   

 
Price & Availability of P6MU-2415EH52

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X