Part Number Hot Search : 
ZT55C9V1 FX809LG 20004 T201235 20004 ELM404 M38B57 M3851
Product Description
Full Text Search
 

To Download P6BU-2415E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Telefon: +49 (0) 6135 931069 Telefax: +49 (0) 6135 931070 www.peak-electronics.de info@peak-electronics.de MA SERIES P6BU-XXXXE 1KV ISOLATED 1W UNREGULATED SINGLE OUTPUT DIP8
Available Inputs:
5, 12 and 24 VDC
Available Outputs:
3.3, 5, 7.2, 12, 15 and 18 VDC
Other specifications please enquire.
Electrical Specifications
(Typical at + 25 C, nominal input voltage, rated output current unless otherwise specified) Input Specifications Voltage range Filter Isolation Specifications Rated voltage Leakage current Resistance Capacitance Output Specifications Voltage accuracy Ripple and noise (at 20 MHz BW) Short circuit protection Line voltage regulation Load voltage regulation Temperature coefficient General Specifications Efficiency Switching frequency Environmental Specifications Operating temperature (ambient) Storage temperature Derating Humidity Cooling Physical Characteristics Dimensions DIP Weight Case material +/- 10 % Capacitors 1000 VDC 1 mA 109 Ohm 60 pF typ. +/- 5 %, max. 100 mV p-p, max. Momentary +/- 1,2 % / 1,0 % of Vin +/- 8 %, load = 20 ~ 100 % +/- 0,02 % / C 75 % to 85 % 80 KHz, typ. - 40 C to + 85 C - 55 C to + 125 C See graph Up to 90 %, non condensing Free air convection 12,70 x 10,16 x 6,85 mm 0,50 x 0,40 x 0,27 inches 1,8 g Non conductive black plastic
Examples of Partnumbers
PART NO. INPUT VOLTAGE (VDC) INPUT CURRENT NO LOAD INPUT CURRENT FULL LOAD OUTPUT VOLTAGE (VDC) OUTPUT CURRENT (max. mA) EFFICIENCY FULL LOAD (% TYP.)
P6BU-053R3E P6BU-0505E P6BU-057R2E P6BU-0512E P6BU-0515E P6BU-1205E P6BU-1212E P6BU-1215E P6BU-2405E P6BU-2412E P6BU-2415E
5 5 5 5 5 12 12 12 24 24 24
16 16 16 16 20 14 14 13 8 7 8
267 253 255 307 262 105 105 112 56 65 57
3,3 5 7,2 12 15 5 12 15 5 12 15
300 200 140 100 70 200 100 70 200 100 70
74 79 79 78 80 79 79 78 74 77 76
MA SERIES
P6BU-XXXXE 1KV ISOLATED 1W UNREGULATED SINGLE OUTPUT DIP8
Dimensions
Derating Graph and Pinning
Output
Temperature Derating Graph
Ambient Temperature C 85
1.00 W 0.50 W 0.25 W
Pin # 1 4 5 6 7 8
Connection Single - V Input + V Input + V Output Omitted - V Output Omitted
- 40
0
40
80
100
Specification can be changed without notice.
Copyright PEAK electronics GmbH
REV:2 / 09.2001


▲Up To Search▲   

 
Price & Availability of P6BU-2415E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X