Part Number Hot Search : 
ADM212 SRC1205 54212 FCD4N60 BCR19 8C112 67745 PCA9541
Product Description
Full Text Search
 

To Download P650-05SC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PLL650-05
Low EMI Network LAN Clock
FEATURES
* * * * * * * * *
*
PIN CONFIGURATION
XIN XOUT/ENB_125M*^ GND VDD 125MHz GND 75MHz/FS1*^ ENB_75MHz^ 1 2 16 15 VDD VDD 25MHz/FS0*^ GND GND SDRAMx2 VDD SS0T
Full CMOS output swing with 40-mA output drive capability. 25-mA output drive at TTL level. Advanced, low power, sub-micron CMOS processes. 25MHz fundamental crystal or clock input. 3 fixed outputs of 25MHz, 75Mhz and 125Mhz with output disable SDRAM selectable frequencies of 105, 83.3, 140MHz (Double Drive Strength). Spread spectrum technology selectable for EMI reduction from 0.5%, 0.75% center for SDRAM and CPU. Zero PPM synthesis error in all clocks. Ideal for Network switches. 3.3V operation. Available in 16-Pin 150mil SOIC.
PLL 650-05
3 4 5 6 7 8
14 13 12 11 10 9
Note: SDRAMx2: Double Drive strength. T: Tri-Level input ^: Internal pull-up resistor *: Bi-directional pin (input value is latched upon power-up).
DESCRIPTION
The PLL650-05 is a low cost, low jitter, high performance clock synthesizer. With PhaseLink's proprietary analog Phase Locked Loop techniques, this device can produce multiple clock outputs from a 25.0MHz crystal or reference clock. This makes the PLL650-05 an excellent choice for systems requiring clocking for network chips, PCI devices, SDRAM, and ASICs.
FREQUENCY TABLE
FS1 0 0 1 1 FS0 0 1 0 1 SDRAMX2 Tristate 140MHz SST 83.3MHzSST 105MHzSST
BLOCK DIAGRAM
1 XIN XOUT
XTAL OSC
125MHz (can be disabled)
1
Control Logic
FS (0:1)
SDRAM (105, 83.3, 140MHz) 75 MHz (can be disabled)
1
1
25MHz
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 09/03/04 Page 1
PLL650-05
Low EMI Network LAN Clock
PIN DESCRIPTIONS
Name
XIN XOUT/ENB_125M 125MHz 75MHz/FS1 ENB_75M SS0 SDRAMx2 25MHz/FS0 VDD GND
Number
1 2 5 7 8 9 11 14 4,10,15,16 3,6,12,13
Type
I B O B I I O B P P
Description
25MHz fundamental crystal input (20pF CL parallel resonant). Crystal output. At power-up, this pin latches ENB_125M (output enable selector for 125MHz output. Disabled when ENB_125M is logical zero. Has 120k internal pull up resistor. 125MHz output. 75MHz output. This pin latch FS1 value at power-up. It has 60k internal pull up resistors. Output enable for 75Mhz output when high. Disabled when ENB_75M is logical low. It has 60K internal pull up resistor. This pin is a tri-level input pin to control the spread spectrum function. See Spread Spectrum Selection Table SDRAM outputs with double drive strength determined by FS(0:1) value. 25MHz (reference) output. This pin latch FS0 value at power-up. It has 60k internal pull up resistors. Power supply. Ground.
SPREAD SPECTRUM SELECTION TABLE
SS0
0 M 1
SST
0.75% Center OFF 0.5% Center
FUNCTIONAL DESCRIPTION Selectable spread spectrum and output frequencies
The PLL650-05 provides selectable spread spectrum modulation and selectable output frequencies. Selection is made by connecting specific pins to a logical "zero" or "one", or by leaving them not connected (tri-level inputs or internal pull-up) according to the frequency and spread spectrum selection tables shown on pages 1 and 2 respectively. In order to reduce pin usage, the PLL650-05 uses tri-level input pins. These pins allow 3 levels for input selection: namely, 0 (Connect to GND), 1 (Connect to VDD), M (Do not connect). Thus, unlike the two-level selection pins, the tri-level input pins are in the "M" (mid) state when not connected. In order to connect a tri-level pin to a logical "zero", the pin must be connected to GND. Likewise, in order to connect to a logical "one" the pin must be connected to VDD.
Connecting a bi-directional pin
A bi-directional pin serves as input upon power-up, and as output as soon as the inputs have been latched. The value of the input is latched-in upon power-up. Depending on the pin (see pin description), the input can be tri-level or a standard two-level. Unlike unidirectional pins, bi-directional pins cannot be connected directly to GND or VDD in order to set the input to "0" or "1",
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 09/03/04 Page 2
PLL650-05
Low EMI Network LAN Clock
since the pin also needs to serve as output. In the case of two level input pins, an internal pull-up resistor is present. This allows a default value to be set when no external pull down resistor is connected between the pin and GND (by definition, a tri-level input has a the default value of "M" (mid) if it is not connected). In order to connect a bi-directional pin to a non-default value, the input must be connected to GND or VDD through an external pull-down/pull-up resistor. Note: when the output load presents a low impedance in comparison to the internal pull-up resistor, the internal pull-up resistor may not be sufficient to pull the input up to a logical "one", and an external pull-up resistor may be required. For bi-directional inputs, the external loading resistor between the pin and GND has to be sufficiently small (compared to the internal pull-up resistor) so that the pin voltage be pulled below 0.8V (logical "zero"). In order to avoid loading effects when the pin serves as output, the value of the external pull-down resistor should however be kept as large as possible. In general, it is recommended to use an external resistor of around one sixth to one quarter of the internal pull-up resistor (see Application Diagram). Note: when the output is used to drive a load presenting an small resistance between the output pin and VDD, this resistance is in essence connected in parallel to the internal pull-up resistor. In such a case, the external pull-down resistor may have to be dimensioned smaller to guarantee that the pin voltage will be low enough achieve the desired logical "zero". This is particularly true when driving 74FXX TTL components.
APPLICATION DIAGRAM
Internal to chip VDD
External Circuitry
Rup Power Up Reset
R RB
Output
EN
Bi-directional pin
Clock Load
Latched Input
Latch
RUP/4
Jumper options
NOTE: Rup=120k for 50MHz_OE (Pin2); Rup=60k for FS(0:1). R starts from 1 to 0 while RB starts from 0 to 1.
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 09/03/04 Page 3
PLL650-05
Low EMI Network LAN Clock
Electrical Specifications
1. Absolute Maximum Ratings PARAMETERS
Supply Voltage Input Voltage, dc Output Voltage, dc Storage Temperature Ambient Operating Temperature* Junction Temperature Lead Temperature (soldering, 10s) ESD Protection, Human Body Model
SYMBOL
VDD VI VO TS TA TJ
MIN.
-0.5 -0.5 -65 -40
MAX.
4.6 VDD+0.5 VDD+0.5 150 85 125 260 2
UNITS
V V V C C C C kV
Exposure of the device under conditions beyond the limits specified by Maximum Ratings for extended periods may cause permanent damage to the device and affect product reliability. These conditions represent a stress rating only, and functional operations of the device at these or any other conditions above the operational limits noted in this specification is not implied. * Note: Operating Temperature is guaranteed by design for all parts (COMMERCIAL and INDUSTRIAL), but tested for COMMERCIAL grade only.
2. AC Specifications PARAMETERS
Input Frequency Output Rise Time Output Fall Time Duty Cycle* Max. Absolute Jitter Max. Jitter, cycle to cycle
CONDITIONS
0.8V to 2.0V with no load 2.0V to 0.8V with no load @ 50% VDD Short term
MIN.
10
TYP.
25
MAX.
27 1.5 1.5 55 80
UNITS
MHz ns ns % ps ps
45
50 150
* : in case SDRAM output is selected to be 83.3MHz, the duty cycle of output pin 22 will be 40%-60% if its output frequency is selected to be 105MHz (FS2=1). In all other situations, pin 22 will also have a 50%-50% typical duty cycle.
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 09/03/04 Page 4
PLL650-05
Low EMI Network LAN Clock
3. DC Specification PARAMETERS
Operating Voltage Input High Voltage Input Low Voltage Input High Voltage Input Low Voltage Input High Voltage Input Low Voltage Output High Voltage Output Low Voltage Output High Voltage At CMOS Level Operating Supply Current Short-circuit Current Nominal output current* Nominal output current* Internal pull-up resistor Internal pull-up resistor
SYMBOL
VDD VIH VIL VIH VIL VIH VIL VOH VOL VOH IDD IS Iout Iout Rup Rup
CONDITIONS
MIN.
2.97
TYP.
VDD /2 VDD /2
MAX.
3.63 VDD /2 - 1 0.5
UNITS
V V V V V V V V V V
For all Tri-level input For all Tri-level input For all normal input For all normal input IOH = -25mA IOL = 25mA IOH = -8mA No Load CMOS output level TTL output level Pins 5,7 Pin 2
VDD -0.5 2 0.8 2.4 0.4 VDD -0.4 35 35 20 50 40 25 60 120
mA mA mA mA k k
*: SDRAM output strengths are doubled (i.e. min. CMOS level is 70mA, typ. CMOS level is 80mA)
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 09/03/04 Page 5
PLL650-05
Low EMI Network LAN Clock
PACKAGE INFORMATION
16 PIN Narrow SOIC ( mm )
SOIC Symbol A A1 B C D E H L e Min. 1.35 0.10 0.33 0.19 9.80 3.80 5.80 0.40 1.27 BSC Max. 1.75 0.25 0.51 0.25 10.00 4.00 6.20 1.27 A1 B A C L e D E H
ORDERING INFORMATION
For part ordering, please contact our Sales Department: 47745 Fremont Blvd., Fremont, CA 94538, USA Tel: (510) 492-0990 Fax: (510) 492-0991
PART NUMBER
The order number for this device is a combination of the following: Device number, Package type and Operating temperature range
PLL650-05 S C
PART NUMBER TEMPERATURE C=COMMERCIAL I=INDUSTRAL PACKAGE TYPE S=SOIC
Order Number PLL650-05SC-R PLL650-05SC
Marking P650-05SC P650-05SC
Package Option SOIC - Tape and Reel SOIC - Tube
PhaseLink Corporation, reserves the right to make changes in its products or specifications, or both at any time without notice. The information furnished by Phaselink is believed to be accurate and reliable. However, PhaseLink makes no guarantee or warranty concerning the accuracy of said information and shall not be responsible for any loss or damage of whatever nature resulting from the use of, or reliance upon this product. LIFE SUPPORT POLICY: PhaseLink's products are not authorized for use as critical components in life support devices or systems without the express written approval of the President of PhaseLink Corporation.
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 09/03/04 Page 6


▲Up To Search▲   

 
Price & Availability of P650-05SC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X