Part Number Hot Search : 
93C06B1 3404A B41890 PE9908 15530 2SK3713 87C405AM TDA3504
Product Description
Full Text Search
 

To Download P521-49DC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Preliminary
P521-49
Low Phase Noise LVDS VCXO (27MHz to 65MHz)
FEATURES
* * * * * * * * * * 27MHz to 65MHz Fundamental Mode Crystal. Output range: 27MHz - 65MHz. Complementary LVDS outputs. Selectable OE Logic (enable high or enable low). Integrated variable capacitors. High pull linearity: < 5%. +/- 125 ppm pull range Supports 2.5V or 3.3V-Power Supply. Available in die form. Thickness 10 mil.
DIE CONFIGURATION
57.5 mil
VDDOSC
OSCOFF
OESEL V
N/C
N/C
(1460,1435)
GNDOSC VCON XIN
18
17
16
15
14
13 12
VDDANA VDDBUF VDDBUF PECLBAR PECL GNDBUF
19 11 20 10 9 8
56.5 mil
XOUT OE
21 7 22 1 2 3 4 5 6
GNDOSC
GNDANA
GNDANA
VCON
GNDBUF
Y
(0,0)
DESCRIPTIONS
P521-49 is a VCXO IC specifically designed to pull high frequency fundamental crystals. Its internal varicaps allow an on chip frequency pulling, controlled by the VCON input. The chip provides a low phase noise, low jitter LVDS differential clock output.
X
DIE SPECIFICATIONS
Name Size Reverse side Pad dimensions Thickness Value 56.5 x 57.5 mil GND 80 micron x 80 micron 10 mil
BLOCK DIAGRAM
OE VCON Oscillator X+ XQ Q
OUTPUT ENABLE LOGIC SELECTION
OESEL (Pad #14) 0 (Default) OECTRL (Pad #22) 0 1 (Default) 0 (Default) 1 State Tri-state Output enabled Output enabled Tri-state
Amplifier w/ integrated varicaps
P521-49
1
Pad #14, 22: Bond to GND to set to "0", bond to VDD to set to "1" No connection results to "default" setting through internal pull-up/-down. Pad #22: Logical states defined by CMOS VIH and VIL levels.
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991
GNDBUF
Rev 3/02/04 Page 1
Preliminary
P521-49
Low Phase Noise LVDS VCXO (27MHz to 65MHz)
PAD ASSIGNMENT AND DESCRIPTION
Pad #
1 2 3 4 5 6 7 8 9 10
Name
VCON GNDOSC GNDANA GNDANA GNDBUF GNDBUF GNDBUF (optional) LVDS LVDSBAR VDDBUF (optional)
X ( m)
329.6 498.3 696.2 825.0 973.6 1150.0 1183.6 1183.6 1183.6 1182.4
Y ( m)
110.1 110.0 110.0 110.0 110.0 109.1 302.2 452.3 613.5 745.9
Description
Control Voltage input. Use this pin to change the output frequency by varying the applied Control Voltage. GND connection for oscillator circuitry. GND connection for analog circuitry. GND connection for analog circuitry. GND connection for output buffer circuitry. GND connection for output buffer circuitry. GND connection for output buffer circuitry. PECL output PECL complementary output. VDD connection for output buffer circuitry. VDDBUF should be separately decoupled from other VDDs whenever possible. VDD connection for output buffer circuitry. VDDBUF should be separately decoupled from other VDDs whenever possible. VDD connection for analog circuitry. VDDANA should be separately decoupled from other VDDs whenever possible. Selector input to choose the OE control logic. See table on page 1. VDD connection for oscillator circuitry. VDDOSC should be separately decoupled from other VDDs whenever possible. Oscillator Off Selection input pad. When low, turns off the oscillator when output is disabled. When high (default), oscillator running when output is disabled. Internal pull-up GND connection for oscillator circuitry. Control Voltage input. Use this pin to change the output frequency by varying the applied Control Voltage (internally connected to pad 1). Crystal oscillator input pad. Crystal oscillator output pad. OE input pad. See table on page 1.
11
VDDBUF
1252.4
903.6
12 13 14 15 16 17 18 19 20 21 22
VDDANA Not used OESEL VDDOSC Not used OSCOFF GNDOSC (optional) VCON XIN XOUT OECTRL
1252.4 1058.5 864.5 624.0 467.1 271.1 109.4 108.9 109.0 108.6 108.6
1081.3 1221.6 1221.6 1222.7 1222.6 1222.6 1222.9 1062.1 865.8 358.4 146.5
Note: for optimal Phase Noise performance, it is recommended to bond all optional VDD and GND pads.
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991
Rev 3/02/04 Page 2
Preliminary
P521-49
Low Phase Noise LVDS VCXO (27MHz to 65MHz)
ELECTRICAL SPECIFICATIONS
1. Absolute Maximum Ratings PARAMETERS
Supply Voltage Input Voltage, dc Output Voltage, dc Storage Temperature Ambient Operating Temperature Junction Temperature Lead Temperature (soldering, 10s) Input Static Discharge Voltage Protection
SYMBOL
VDD VI VO TS TA TJ
MIN.
VSS-0.5 VSS-0.5 -65 0
MAX.
7 VDD+0.5 VDD+0.5 150 70 125 260 2
UNITS
V V V C C C C kV
Exposure of the device under conditions beyond the limits specified by Maximum Ratings for extended periods may cause permanent damage to the device and affect product reliability. These conditions represent a stress rating only, and functional operations of the device at these or any other conditions above the operational limits noted in this specification is not implied.
2. Crystal Specifications PARAMETERS
Crystal Resonator Frequency Crystal Loading Rating Interelectrode Capacitance Crystal Pullability Recommended ESR
SYMBOL
FXIN CL (xtal) C0 C0/C1 (xtal) RE AT cut AT cut
CONDITIONS
Parallel Fundamental Mode Die at VCON = 1.65V
MIN.
27
TYP.
MAX.
65
UNITS
MHz pF
7.5 3.5 250 30
pF
3. Voltage Control Crystal Oscillator PARAMETERS
VCXO Stabilization Time * VCXO Tuning Range CLK output pullability On-chip Varicaps control range Linearity VCXO Tuning Characteristic VCON input impedance VCON modulation BW 0V VCON 3.3V, -3dB 25
SYMBOL
TVCXOSTB
CONDITIONS
From power valid XTAL C0/C1 < 250 0V VCON 3.3V at room temperature VCON = 0 to 3.3V
MIN.
250*
TYP.
10
MAX.
UNITS
ms ppm
80* 4 - 18* 4* 65 60 5*
ppm pF % ppm/V k kHz
Note: Parameters denoted with an asterisk (*) represent nominal characterization data and are not production tested to any specific limits.
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991
Rev 3/02/04 Page 3
Preliminary
P521-49
Low Phase Noise LVDS VCXO (27MHz to 65MHz)
4. General Electrical Specifications PARAMETERS
Supply Current (Loaded Outputs) Output valid after OE enabled Operating Voltage Output Clock Duty Cycle Short Circuit Current VDD @ 1.25V (LVDS)
SYMBOL
IDD
CONDITIONS
at 3.3V @ 61.44MHz Oscillator off Oscillator on
MIN.
TYP.
10
MAX.
40
UNITS
mA ms V % mA
1 2.25 45 50 50 3.63 55
5. Jitter specifications PARAMETERS
Period jitter RMS at 61.44MHz Period jitter peak-to-peak at 61.44MHz Accumulated jitter RMS at 61.44MHz Accumulated jitter peak-to-peak at 61.44MHz Random Jitter Integrated jitter RMS at 61.44MHz
Measured on Wavecrest SIA 3000
CONDITIONS
At 61.44MHz, with capacitive decoupling between VDD and GND. Over 10,000 cycles At 61.44MHz, with capacitive decoupling between VDD and GND. Over 1,000,000 cycles. "RJ" measured on Wavecrest SIA 3000 Integrated 12 kHz to 20 MHz
MIN.
TYP.
2.5 18.5 2.5 24 2.5 0.6
MAX.
20
UNITS
ps
27
ps ps
0.75
ps
6. Phase noise specifications PARAMETERS
Phase Noise relative to carrier
FREQUENCY
61.44MHz
10Hz
-75
100Hz
-100
1kHz
-125
10kHz
-140
100kHz
-145
1MHz
-150
UNITS
dBc/Hz
Note: Phase Noise measured at VCON = 0V
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991
Rev 3/02/04 Page 4
Preliminary
P521-49
Low Phase Noise LVDS VCXO (27MHz to 65MHz)
7. LVDS Electrical Characteristics PARAMETERS
Output Differential Voltage VDD Magnitude Change Output High Voltage Output Low Voltage Offset Voltage Offset Magnitude Change Power-off Leakage Output Short Circuit Current
SYMBOL
VOD VOD VOH VOL VOS VOS IOXD IOSD
CONDITIONS
MIN.
247 -50
TYP.
355
MAX.
454 50
UNITS
mV mV V V V mV uA mA
RL = 100 (see figure)
1.4 0.9 1.125 0 1.1 1.2 3 1 -5.7
1.6 1.375 25 10 -8
Vout = VDD or GND VDD = 0V
8. LVDS Switching Characteristics PARAMETERS
Differential Clock Rise Time Differential Clock Fall Time
LVDS Levels Test Circuit
OUT
SYMBOL
tr tf
CONDITIONS
RL = 100 CL = 10 pF (see figure)
MIN.
0.2 0.2
TYP.
0.7 0.7
MAX.
1.0 1.0
UNITS
ns ns
LVDS Switching Test Circuit
OUT
50
CL = 10pF
VOD
VOS
VDIFF
RL = 100
50 CL = 10pF OUT OUT
LVDS Transistion Time Waveform
OUT 0V (Differential) OUT
80% VDIFF 20% 0V
80%
20%
tR
tF
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991
Rev 3/02/04 Page 5
Preliminary
P521-49
Low Phase Noise LVDS VCXO (27MHz to 65MHz)
ORDERING INFORMATION
The order number for this device is a combination of the following: Device number, Package type and Operating temperature range
PART NUMBER
P521-49
PART NUMBER
DC
TEMPERATURE
C=COMMERCIAL D=DIE
PACKAGE TYPE
Order Number P521-49DC
Marking P521-49DC
Package Option Die - Waffle Pack
PhaseLink Corporation, reserves the right to make changes in its products or specifications, or both at any time without notice. The information furnished by Phaselink is believed to be accurate and reliable. However, PhaseLink makes no guarantee or warranty concerning the accuracy of said information and shall not be responsible for any loss or damage of whatever nature resulting from the use of, or reliance upon this product. LIFE SUPPORT POLICY: PhaseLink's products are not authorized for use as critical components in life support devices or systems without the express written approval of the President of PhaseLink Corporation.
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991
Rev 3/02/04 Page 6


▲Up To Search▲   

 
Price & Availability of P521-49DC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X