Part Number Hot Search : 
ADUM5404 3S4YR 512K3 T711029 SD05TG LTM8027 TC67003 NC3MX
Product Description
Full Text Search
 

To Download P2BU-2415E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Telefon: +49 (0) 6135 931069 Telefax: +49 (0) 6135 931070 www.peak-electronics.de info@peak-electronics.de MA SERIES
P2BU-XXXXE 1KV ISOLATED 0,25 W UNREGULATED SINGLE OUTPUT DIP8
Available Inputs:
5, 12 and 24 VDC
Available Outputs:
3.3, 5, 7.2, 12, 15 and 18 VDC
Other specifications please enquire.
Electrical Specifications
(Typical at + 25 C, nominal input voltage, rated output current unless otherwise specified) Input Specifications Voltage range Filter Isolation Specifications Rated voltage Leakage current Resistance Capacitance Output Specifications Voltage accuracy Ripple and noise (at 20 MHz BW) Short circuit protection Line voltage regulation Load voltage regulation Temperature coefficient General Specifications Efficiency Switching frequency Environmental Specifications Operating temperature (ambient) Storage temperature Humidity Cooling Physical Characteristics Dimensions DIP Weight Case material +/- 10 % Capacitors 1000 VDC 1 mA 109 Ohm 80 pF typ. +/- 5 %, max. 100 mV p-p, max. Momentary +/- 1,2 % / 1,0 % of Vin +/- 8 %, load = 20 ~ 100 % +/- 0,02 % / C 55 % to 75 % 80 KHz, typ. - 40 C to + 85 C - 55 C to + 125 C Up to 90 %, non condensing Free air convection 12,70 x 10,16 x 6,85 mm 0,50 x 0,40 x 0,27 inches 1,8 g Non conductive black plastic
Examples of Partnumbers
PART NO. INPUT VOLTAGE (VDC) INPUT CURRENT NO LOAD INPUT CURRENT FULL LOAD OUTPUT VOLTAGE (VDC) OUTPUT CURRENT (max. mA) EFFICIENCY FULL LOAD (% TYP.)
P2BU-0505E P2BU-0512E P2BU-0515E P2BU-0524E P2BU-1205E P2BU-1212E P2BU-1215E P2BU-1505E P2BU-2405E P2BU-2412E P2BU-2415E
5 5 5 5 12 12 12 15 24 24 24
14 14 14 18 12 12 12 09 07 07 07
77.00 70.43 70.43 73.53 32.06 29.35 29.35 25.00 17.95 16.03 16.03
05 12 15 24 05 12 15 05 05 12 15
50.00 20.83 16.66 10.42 50.00 20.83 16.66 50.00 50.00 20.83 16.66
65 71 71 68 65 71 71 67 58 65 65
MA SERIES
P2BU-XXXXE 1KV ISOLATED 0,25 W UNREGULATED SINGLE OUTPUT DIP8
Dimensions
Pinning
Output
Temperature Derating Graph
Ambient Temperature C 85
1.00 W 0.50 W 0.25 W
Pin # 1 4 5 6 7 8
Connection Single - V Input + V Input + V Output Omitted - V Output Omitted
- 40
0
40
80
100
Specification can be changed without notice.
REV:2 / 09.2001
Copyright PEAK electronics GmbH


▲Up To Search▲   

 
Price & Availability of P2BU-2415E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X