Part Number Hot Search : 
L60S700 LB11651H G6841SZ 1N4709D X222M U16C50PT LUR2040 MAN78A
Product Description
Full Text Search
 

To Download P2681A-08TT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 October 2003 rev D
General Purpose EMI Reduction IC
Features FCC approved method of EMI attenuation Provides up to 15 dB of EMI suppression Generates a 1 X or 1/2 X low EMI spread spectrum clock of the input frequency Output frequency from 6MHz to 20MHz Digital spread selections Spreading ranges from +/-0.4% to +/-5.0% Ultra low cycle-to-cycle jitter Zero-cycle slip 3.3V and 5.0V operating voltage range 10 mA output drives TTL or CMOS compatible outputs Ultra-low power CMOS design Available in 8 pin SOIC and TSSOP Product Description The P2681A is a versatile spread spectrum frequency modulator designed specifically for digital camera and other digital video and imaging applications. The P2681A reduces electromagnetic interference (EMI) at the clock source, which provides system wide reduction of EMI of all clock dependent signals. The P2681A allows significant Block Diagram
P2681A
system cost savings by reducing the number of circuit board layers and shielding that are traditionally required to pass EMI regulations. The P2681A uses the most efficient and optimized modulation profile approved by the FCC. The P2681A modulates the output of a single PLL in order to "spread" the bandwidth of a synthesized clock and, more importantly, decreases the peak amplitudes of its harmonics. This results in significantly lower system EMI compared to the typical narrow band signal produced by oscillators and most frequency generators. Lowering EMI by increasing a signal's bandwidth is called "spread spectrum clock generation".
Applications
The P2681A is targeted towards MFP, xDSL, fax modem, set-top box, USB controller, DSC, and embedded systems.
Alliance Semiconductor 2575, Augustine Drive * Santa Clara, CA * Tel: 408.855.4900 * Fax: 408.855.4999 * www.alsc.com
Notice: The information in this document is subject to change without notice.
October 2003 rev D
Pin Configuration
P2681A
Pin Description Pin# 1 2 3 4 5 6 7 8 Pin Name XIN/CLKIN XOUT DIV2 LF VSS ModOUT SR0 VDD Type I I I I I O I P Description Connect to crystal or clock input. Crystal output Digital logic input used to select normal output mode or divide-by-2 output mode. When this pin is Low, the frequency of the output clock is the same as the input clock frequency. When it is tied High, the output frequency is half the input clock frequency. This pin has an internal pull-low resistor. External Loop Filter for the PLL. By changing the value of the CRC circuit, the % spread can be adjusted accordingly. See Table 1.2 for detail value. Ground Connection. Connect to system ground. Spread Spectrum Clock Output. Digital logic input used to select Spreading Range between large or small for a given LF value (see Table 1.1 and 1.2). When SR0=0, the spreading % is smaller than SR0=1. This pin has an internal pull-up resistor. Connect to +3.3V or 5.0V
General Purpose EMI Reduction IC
Notice: The information in this document is subject to change without notice.
2 of 10
October 2003 rev D
Table 1 - Modulation Output and Spreading Selection VDD @ 3.3V DIV=0 SR0 Xin ModOut 0 1 6 MHz 6 MHz TBD TBD TBD 8 MHz 8 MHz TBD TBD TBD 10 MHz 10 MHz +/-0.75% +/-1.30% C1=1,000 pF C2=10,000 pF R1=1K 12 MHz 12 MHz +/-0.75% +/-1.30% C1=1,000 pF C2=10,000 pF R1=1.5K 16 MHz 16 MHz +/-0.75% +/-1.30% C1=390 pF C2=3,900 pF R1=2.2K
P2681A
Modulation Rate ModOut/256 ModOut/256
Loop filter value*
10 MHz 12 MHz 5 MHz 6 MHz +/-0.75% +/-0.75% SR0 +/-1.30% +/-1.30% C1=1,000 pF C1=1,000 pF TBD TBD C2=10,000 pF C2=10,000 pF Loop filter value* R1=1K R1=1.5K *For additional spread % selection please refer to Loop Filter Selection Table DIV=0 Table 2 - Loop Filter Selection Table VDD @ 3.3V
Xin ModOut 0 1
6 MHz 3 MHz TBD TBD
8 MHz 4 MHz TBD TBD
16 MHz 8 MHz +/-0.75% +/-1.30% C1=390 pF C2=3,900 pF R1=2.2K
Modulation Rate ModOut/128 ModOut/128
Please contact Alliance Semiconductor for more information
General Purpose EMI Reduction IC
Notice: The information in this document is subject to change without notice.
3 of 10
October 2003 rev D
P2681A
Spread Spectrum Selection The P2681A performs Zero Cycle Slip when sets at low % spreading. This allows no occurrence of system timing error. The optimal setting should minimize system EMI to the fullest without affecting system performance. The spreading is described as a percentage deviation of the center frequency (Note: the center frequency is the frequency of the external reference input on CLKIN, Pin 1). Example: The P2681A is designed for PC peripheral applications. It is not only optimized for operation between 6MHz - 16MHz range, but its output frequency can be extended down to one half of the input clock frequency using the Divide-by-Two feature. This feature extends low frequency operation to as low as 3MHz. Setting Pin 3 high (DIV2=1; Divide-by-Two mode) sets the output frequency (ModOUT) to half the frequency of the input clock (CLKIN). This is a simple way to generate a spread spectrum modulated low frequency clock when only a higher frequency signal is available. If you want the output frequency to be the same as the input, you need to set DIV2=0. The P2681A's spread % selection is determined by the external LF value specified in Table 2. Table 1 provides a particular LF value which allows the % spreading to be selected between +/-0.75% or +/-1.30% by setting SR0 to either 0 and 1. At a specified LF value (See Table 2), SR0 pin allows the user to have the flexibility to digitally select between large or small % spreading by setting SR0=1 or SR0=0 respectively. P2681A Application Schematic
General Purpose EMI Reduction IC
Notice: The information in this document is subject to change without notice.
4 of 10
October 2003 rev D
P2681A
EMC Software Simulation By using Alliance Semiconductor's proprietary EMC simulation software - EMI-lator(R), radiated system level EMI analysis can be made easier to allow a quantitative assessment on Alliance's EMI reduction products. The simulation engine of this EMC software has already been characterized to correlate with the electrical characteristics of Alliance EMI reduction IC's. The figure below is an example of the simulation result. Please visit our web site at www.alsc.comfor information on how to obtain a free copy and demonstration of EMI-lator(R). Simulation Result from EMI-lator(R)
General Purpose EMI Reduction IC
Notice: The information in this document is subject to change without notice.
5 of 10
October 2003 rev D
Absolute Maximum Ratings Symbol VDD, VIN TSTG TA Parameter Voltage on any pin with respect to GND Storage temperature Operating temperature Rating -0.5 to + 7.0 -65 to +125 0 to +70
P2681A
Unit V C C
DC Electrical Characteristics Symbol VIL VIH IIL IIH IXOL IXOH VOL VOH IDD ICC VDD Input Low Voltage Input High Voltage Input Low Current (internal input pull-up resistor on DIV2 and SR0) Input High Current (internal input pull-up resistor on DIV2 and SR0) XOUT Output Low Current (@ 0.4V, VDD = 3.3V) XOUT Output High Current (@ 2.5V, VDD = 3.3V) Output Low Voltage (VDD = 3.3V, IOL = 20 mA) Output High Voltage (VDD = 3.3V, IOH = 20 mA) Static Supply Current Dynamic Supply Current (3.3V and 10 pF loading) Operating Voltage Parameter Min GND - 0.3 2.0 2.5 3 Xin=6MHz TBD Typ TBD TBD TBD TBD TBD TBD 3.3 Max 0.8 VDD + 0.3 0.4 15 Xin=20MHz TBD Unit V V A A mA mA V V mA mA V
AC Electrical Characteristics Symbol fIN tLH* tHL* tJC tD Parameter Input Frequency when Output rise time (Measured at 0.8V to 2.0V) Output fall time (Measured at 0.8V to 2.0V) Jitter (cycle to cycle) Output duty cycle Min 6 Typ TBD TBD 45 50 TBD 55 Max 20 Unit MHz ns ns ps %
*tLH and tHL are measured into a capacitive load of 15pF
General Purpose EMI Reduction IC
Notice: The information in this document is subject to change without notice.
6 of 10
October 2003 rev D
Package Information
P2681A
Mechanical Package Outline 8-Pin SOIC
Symbol A A1 A2 B C D E e H L a
Dimensions in inches Min 0.057 0.004 0.053 0.012 0.004 0.186 0.148 Nor 0.064 0.007 0.061 0.016 0.006 0.194 0.156 0.050 BSC 0.224 0.012 0 0.236 0.020 5 0.248 0.028 8 Max 0.071 0.010 0.069 0.020 0.01 0.202 0.164
Dimensions in millimeters Min 1.45 0.10 1.35 0.31 0.10 4.72 3.75 Nor 1.63 0.18 1.55 0.41 0.15 4.92 3.95 1.27 BSC 5.70 0.30 0 6.00 0.50 5 6.30 0.70 8 Max 1.80 0.25 1.75 0.51 0.25 5.12 4.15
Note: Controlling dimensions are millimeters
General Purpose EMI Reduction IC
Notice: The information in this document is subject to change without notice.
7 of 10
October 2003 rev D
P2681A
Mechanical Package Outline 8-Pin TSSOP
Dimensions in inches Symbol A A1 A2 B C D E e H L a 0.244 0.018 0 0.002 0.031 0.007 0.004 0.114 0.169 0.118 0.173 0.026 BSC 0.252 0.024 0.260 0.030 8 0.039 Min Nor Max 0.047 0.006 0.041 0.012 0.008 0.122 0.177
Dimensions in millimeters Min Nor Max 1.10 0.05 0.80 0.19 0.09 2.90 4.30 3.00 4.40 0.65 BSC 6.20 0.45 0 6.40 0.60 6.60 0.75 8 1.00 0.15 1.05 0.30 0.20 3.10 4.50
5
5
Note: Controlling dimensions are millimeters
General Purpose EMI Reduction IC
Notice: The information in this document is subject to change without notice.
8 of 10
October 2003 rev D
Ordering Codes Part Number P2681A-08ST P2681A-08SR P2681A-08TT P2681A-08TR Marking P2681A P2681A P2681A P2681A Package Type 8-pin SOIC, tube 8-pin SOIC, tape & reel 8-pin TSSOP, tube 8-pin TSSOP, tape & reel 2500 2500 Qty per reel
P2681A
Temperature (C) 0 to 70 0 to 70 0 to 70 0 to 70
Licensed under US patent Nos 5,488,627 and 5,631,920. Preliminary datasheet. Specification subject to change without notice.
General Purpose EMI Reduction IC
Notice: The information in this document is subject to change without notice.
9 of 10
October 2003 rev D
P2681A
Alliance Semiconductor Corporation 2595, Augustine Drive, Santa Clara, CA 95054 Tel# 408-855-4900 Fax: 408-855-4999 www.alsc.com
Copyright (c) Alliance Semiconductor All Rights Reserved Part Number: P2681A Document Version: D
(c) Copyright 2003 Alliance Semiconductor Corporation. All rights reserved. Our three-point logo, our name and Intelliwatt are trademarks or registered trademarks of Alliance. All other brand and product names may be the trademarks of their respective companies. Alliance reserves the right to make changes to this document and its products at any time without notice. Alliance assumes no responsibility for any errors that may appear in this document. The data contained herein represents Alliance's best data and/or estimates at the time of issuance. Alliance reserves the right to change or correct this data at any time, without notice. If the product described herein is under development, significant changes to these specifications are possible. The information in this product data sheet is intended to be general descriptive information for potential customers and users, and is not intended to operate as, or provide, any guarantee or warrantee to any user or customer. Alliance does not assume any responsibility or liability arising out of the application or use of any product described herein, and disclaims any express or implied warranties related to the sale and/or use of Alliance products including liability or warranties related to fitness for a particular purpose, merchantability, or infringement of any intellectual property rights, except as express agreed to in Alliance's Terms and Conditions of Sale (which are available from Alliance). All sales of Alliance products are made exclusively according to Alliance's Terms and Conditions of Sale. The purchase of products from Alliance does not convey a license under any patent rights, copyrights; mask works rights, trademarks, or any other intellectual property rights of Alliance or third parties. Alliance does not authorize its products for use as critical components in life-supporting systems where a malfunction or failure may reasonably be expected to result in significant injury to the user, and the inclusion of Alliance products in such life-supporting systems implies that the manufacturer assumes all risk of such use and agrees to indemnify Alliance against all claims arising from such use.
General Purpose EMI Reduction IC
Notice: The information in this document is subject to change without notice.
10 of 10


▲Up To Search▲   

 
Price & Availability of P2681A-08TT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X