Part Number Hot Search : 
78L15 KDV214 ICL71 64F2638 SNA31 TLE4216G 1N663E3 20M10
Product Description
Full Text Search
 

To Download P18TG-4818E41M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Telefon: +49 (0) 6135 931069 Telefax: +49 (0) 6135 931070 www.peak-electronics.de info@peak-electronics.de
MQ SERIES P18TG-XXXXE4:1M 1.5 KV ISOLATED 4 W REGULATED SINGLE OUTPUT DIP24
Available Inputs:
24 and 48 VDC Wide Input 4:1
Available Outputs:
3.3, 5, 12, 15 and 18 VDC
Other specifications please enquire.
Electrical Specifications
(Typical at + 25 C, nominal input voltage, rated output current unless otherwise specified) Input Specifications Voltage range Filter Isolation Specifications Rated voltage Leakage current Resistance Capacitance Output Specifications Voltage accuracy Ripple and noise (at 20 MHz BW) Short circuit protection Line voltage regulation Load voltage regulation Temperature coefficient General Specifications Efficiency Switching frequency Environmental Specifications Operating temperature (ambient) Storage temperature Derating Humidity Cooling Physical Characteristics Dimensions Weight Case material 9 - 36 VDC (24 VDC), 18 - 72 VDC (48 VDC) Pi Network 1500 Vdc 1 mA 109 Ohm 80 pF typ. +/- 1 % typ. +/-2% max. 60 mV p-p, max. Continuous , restart automatic +/- 0,5 % max. +/- 0,5 % max. +/- 0,02 % / C 70 % to 85 % 250 KHz, typ. -40C to +85C - 55 C to + 125 C See graph Up to 90 %, non condensing Free air convection 31,75 x 20,32 x 10,16 mm 1,25 x 0,80 x 0,40 inches 26,0 g Nickel Coated Copper
Examples of Partnumbers/Modelcode
PART NO. INPUT VOLTAGE (VDC) Nominal INPUT CURRENT NO LOAD INPUT CURRENT FULL LOAD OUTPUT VOLTAGE (VDC) OUTPUT CURRENT (max. mA) EFFICIENCY FULL LOAD (% TYP.)
P18TG-2405E4:1M P18TG-2412E4:1M P18TG-4805E4:1M P18TG-4812E4:1M P18TG-4815E4:1M P18TG-4818E4:1M
9-36 9-36 18-72 18-72 18-72 18-72
12 11 12 12 12 12
219 214 111 107 104 104
5 12 5 12 15 18
800 333 800 333 267 222
76 76 75 78 80 80
MQ SERIES
P18TG-XXXXE4:1M 1.5 KV ISOLATED 4 W REGULATED SINGLE OUTPUT DIP24
Dimensions
Derating Graph and Pinning
Output
Temperature Derating Graph
Ambient Temperature C 85
4W
- 40
0
40
80
100
Pin # 1 2 3 9 10 11 12 13 14 15 16 22 23 24
Connection Single + V Input NC NC Omitted - V Output + V Output - V Input - V Input + V Output - V Output Omitted NC NC + V Input
Specification can be changed without notice.
REV:2 / 09.2001
Copyright PEAK electronics GmbH


▲Up To Search▲   

 
Price & Availability of P18TG-4818E41M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X