Part Number Hot Search : 
2SJ10807 SY10E 002M0 AD9040A 03E49ALB SEMP8965 SI2337 2SB1070
Product Description
Full Text Search
 

To Download P18TG-4805E21H35 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Telefon: +49 (0) 6135 931069 Telefax: +49 (0) 6135 931070 www.peak-electronics.de info@peak-electronics.de
MD SERIES P18TG-XXXXE2:1H35 3.5 KV ISOLATED 4 W REGULATED SINGLE OUTPUT DIP24
Available Inputs:
12, 24 and 48 VDC Wide Input 2:1
Available Outputs:
3.3, 5, 12, 15 and 18 VDC
Other specifications please enquire.
Electrical Specifications
(Typical at + 25 C, nominal input voltage, rated output current unless otherwise specified) Input Specifications Voltage range Filter Isolation Specifications Rated voltage Leakage current Resistance Capacitance Output Specifications Voltage accuracy Ripple and noise (at 20 MHz BW) Short circuit protection Line voltage regulation Load voltage regulation Temperature coefficient General Specifications Efficiency Switching frequency Environmental Specifications Operating temperature (ambient) Storage temperature Derating Humidity Cooling Physical Characteristics Dimensions Weight Case material 9 -18 VDC (12 VDC), 18 - 36 VDC (24 VDC), 36 72 VDC (48 VDC) Pi Network 3500 Vdc 1 mA 109 Ohm 120 pF typ. +/- 1 % typ. +/-2% max. 60 mV p-p, max. Continuous , restart automatic +/- 0,5 % max. +/- 0,5 % max. +/- 0,02 % / C 70 % to 85 % 250 KHz, typ. -40C to +85C - 55 C to + 125 C See graph Up to 90 %, non condensing Free air convection 31,75 x 20,32 x 10,16 mm 1,25 x 0,80 x 0,40 inches 17,0 g Non conductive black plastic
Examples of Partnumbers/Modelcode
PART NO. INPUT VOLTAGE (VDC) Nominal INPUT CURRE NT NO LOAD INPUT CURRENT FULL LOAD OUTPUT VOLTAGE (VDC) OUTPUT CURRENT (max. mA) EFFICIENCY FULL LOAD (% TYP.)
P18TG-123R3E2:1H35 P18TG-1205E2:1H35 P18TG-1212E2:1H35 P18TG-2405E2:1H35 P18TG-2412E2:1H35 P18TG-2415E2:1H35 P18TG-4805E2:1H35
9-18 9-18 9-18 18-36 18-36 18-36 36-72
24 24 24 20 20 20 18
367 456 428 222 214 206 111
3,3 5 12 5 12 15 5
1000 800 333 800 333 267 800
75 73 78 75 78 81 75
MD SERIES
P18TG-XXXXE2:1H35 3.5 KV ISOLATED 4 W REGULATED SINGLE OUTPUT DIP24
Dimensions
Derating Graph and Pinning
Output
Temperature Derating Graph
Ambient Temperature C 85
4W
Pin # 2 3 9 11 14 16 22 23
Connection Single - V Input - V Input NC NC + V Output - V Output + V Input + V Input
- 40
0
40
80
100
Specification can be changed without notice.
REV:2 / 09.2001
Copyright PEAK electronics GmbH


▲Up To Search▲   

 
Price & Availability of P18TG-4805E21H35

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X