|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Telefon: +49 (0) 6135 931069 Telefax: +49 (0) 6135 931070 www.peak-electronics.de info@peak-electronics.de M6 SERIES P14TG-XXXXE2:1H35M 3.5 KV ISOLATED 3 W REGULATED SINGLE OUTPUT DIP24 Available Inputs: 12, 24 and 48 VDC Wide Input 2:1 Available Outputs: 3.3, 5, 12, 15 and 18 VDC Other specifications please enquire. Electrical Specifications (Typical at + 25 C, nominal input voltage, rated output current unless otherwise specified) Input Specifications Voltage range Filter Isolation Specifications Rated voltage Leakage current Resistance Capacitance Output Specifications Voltage accuracy Ripple and noise (at 20 MHz BW) Short circuit protection Line voltage regulation Load voltage regulation Temperature coefficient General Specifications Efficiency Switching frequency Environmental Specifications Operating temperature (ambient) Storage temperature Derating Humidity Cooling Physical Characteristics Dimensions Weight Case material 9 - 18 VDC (12 VDC), 18 - 36 VDC (24 VDC) 36 - 72 VDC (48 VDC) Pi Network 3500 Vdc 1 mA 109 Ohm 80 pF typ. +/- 1 % typ. +/-2% max. 60 mV p-p, max. Continuous , restart automatic +/- 0,5 % max. +/- 0,5 % max. +/- 0,02 % / C 70 % to 85 % 250 KHz, typ. -40C to +85C - 55 C to + 125 C See graph Up to 90 %, non condensing Free air convection 31,75 x 20,32 x 10,16 mm 1,25 x 0,80 x 0,40 inches 16,3 g Nickel Coated Copper Examples of Partnumbers/Modelcode PART NO. INPUT VOLTAGE (VDC) Nominal INPUT CURRENT NO LOAD INPUT CURRENT FULL LOAD OUTPUT VOLTAGE (VDC) OUTPUT CURRENT (max. mA) EFFICIENCY FULL LOAD (% TYP.) P14TG-1205E2:1H35M P14TG-1212E2:1H35M P14TG-2405E2:1H35M P14TG-2412E2:1H35M P14TG-2415E2:1H35M P14TG-4805E2:1H35M P14TG-4812E2:1H35M 9-18 9-18 18-36 18-36 18-36 36-72 36-72 14 14 14 14 14 12 12 338 320 166 160 158 83 79 5 12 5 12 15 5 12 600 250 600 250 200 600 250 74 78 75 78 79 75 79 M6 SERIES P14TG-XXXXE2:1H35M 3.5 KV ISOLATED 3 W REGULATED SINGLE OUTPUT DIP24 Dimensions Derating Graph and Pinning Output Temperature Derating Graph Ambient Temperature C 85 3.00 W - 40 0 40 80 100 Pin # 1 2 3 9 10 11 12 13 14 15 16 22 23 24 Connection Single Omitted - V Input - V Input NC Omitted NC Omitted Omitted + V Output Omitted - V Output + V Input + V Input Omitted Specification can be changed without notice. REV:2 / 09.2001 Copyright PEAK electronics GmbH |
Price & Availability of P14TG-4812E21H35M |