Part Number Hot Search : 
SBL3045C AMS302T RGP10M MBRB1 MBRB1 TIP551 430450 2SC3264
Product Description
Full Text Search
 

To Download P14SG-2405EH30M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Telefon: +49 (0) 6135 931069 Telefax: +49 (0) 6135 931070 www.peak-electronics.de info@peak-electronics.de
M5 SERIES P14SG-XXXXEH30M 3 KV ISOLATED 3 W REGULATED SINGLE OUTPUT DIP24
Available Inputs:
5, 12 and 24 VDC
Available Outputs:
3.6, 5, 7.2, 9, 12, 15 and 18 VDC
Other specifications please enquire.
Electrical Specifications
(Typical at + 25 C, nominal input voltage, rated output current unless otherwise specified) Input Specifications Voltage range Filter Isolation Specifications Rated voltage Leakage current Resistance Capacitance Output Specifications Voltage accuracy Ripple and noise (at 20 MHz BW) Short circuit protection Line voltage regulation Load voltage regulation Temperature coefficient General Specifications Efficiency Switching frequency Environmental Specifications Operating temperature (ambient) Storage temperature Derating Humidity Cooling Physical Characteristics Dimensions Weight Case material +/- 10 % Pi Network 3000 Vdc 1 mA 109 Ohm 60 pF typ. +/- 2 %, max. 75 mV p-p, max. Continuous , restart automatic +/- 0,5 % max. +/- 0,5 % max. +/- 0,02 % / C 65 % to 85 % 125 KHz, typ. -25C to +71C - 55 C to + 125 C See graph Up to 90 %, non condensing Free air convection 31,75 x 20,32 x 10,16 mm 1,25 x 0,80 x 0,40 inches 14,5 g Nickel Coated Copper
Examples of Partnumbers/Modelcode
PART NO. INPUT VOLTAGE (VDC) Nominal INPUT CURRENT NO LOAD INPUT CURRENT FULL LOAD OUTPUT VOLTAGE (VDC) OUTPUT CURRENT (max. mA) EFFICIENCY FULL LOAD (% TYP.)
P14SG-0505EH30M P14SG-0512EH30M P14SG-1205EH30M P14SG-1209EH30M P14SG-1212EH30M P14SG-2405EH30M
5 5 12 12 12 24
68 65 58 55 54 24
938 910 376 362 357 192
5 12 5 9 12 5
600 250 600 333 250 600
64 66 66 69 70 65
M5 SERIES
P14SG-XXXXEH30M 3 KV ISOLATED 3 W REGULATED SINGLE OUTPUT DIP24
Dimensions
Derating Graph and Pinning
Output
Temperature Derating Graph
Ambient Temperature C 71
3.00 W
Safe Operating Area
-25
0
40
80
100
Pin # 1 2 3 10 11 12 13 14 15 22 23 24
Connection Single + V Input + V Input Omitted Omitted Omitted - V Output + V Output Omitted Omitted Omitted - V Input - V Input
Specification can be changed without notice.
REV:2 / 09.2001
Copyright PEAK electronics GmbH


▲Up To Search▲   

 
Price & Availability of P14SG-2405EH30M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X