Part Number Hot Search : 
SPA560 MMBT390 EL6040 ADFC13 VS9MAUH MAX3580 21100 B3200
Product Description
Full Text Search
 

To Download P1101CA2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Twin SLIC Protector
Twin SLIC Protector
1 (T) 3 (R) 2 (G)
Subscriber Line Interface Circuits (SLIC) are highly susceptible to transient voltages, such as lightning and power cross conditions. To minimize this threat, Teccor provides this dualchip, fixed-voltage SLIC protector device. For specific design criteria, see details in Figure 3.29.
Electrical Parameters
Part Number * P0641CA2 P0721CA2 P0901CA2 P1101CA2 VDRM Volts 58 65 75 95 VS Volts 77 88 98 130 VT Volts 4 4 4 4 VF Volts 5 5 5 5 IDRM Amps 5 5 5 5 IS mAmps 800 800 800 800 IT Amps 1 1 1 1 IH mAmps 120 120 120 120 CO pF 60 60 60 60
Pins 1-2, 3-2
* For surge ratings, see table below. General Notes: * All measurements are made at an ambient temperature of 25 C. IPP applies to -40 C through +85 C temperature range. * IPP is a repetitive surge rating and is guaranteed for the life of the product. * VDRM is measured at IDRM. * VS and VF are measured at 100 V/s. * Special voltage (VS and VDRM) and holding current (IH) requirements are available upon request. * Off-state capacitance is measured across pins 1-2 or 3-2 at 1 MHz with a 2 V bias. Capacitance across pins 1-3 is approximately half. * Parallel capacitive loads may affect electrical parameters. * Compliance with GR 1089 or UL 60950 power cross tests may require special design considerations. Contact the factory for further information.
Surge Ratings (Preliminary Data)
IPP 2x10 s Amps 150 IPP 8x20 s Amps 150 IPP 10x160 s Amps 90 IPP 10x560 s Amps 50 IPP 10x1000 s Amps 45 ITSM 60 Hz Amps 20 di/dt Amps/s 500
Series A
http://www.teccor.com +1 972-580-7777
2 - 54
(c) 2004 Littelfuse LP SIDACtor(R) Data Book and Design Guide
Twin SLIC Protector
Thermal Considerations
Package Modified DO-214AA
Pin 3
Symbol TJ TS RJA
Parameter Operating Junction Temperature Range Storage Temperature Range Thermal Resistance: Junction to Ambient
Value -40 to +150 -65 to +150 85
Unit C C C/W
Pin 1
+I +I
IPP - Peak Pulse Current - %IPP
VF
tr = rise time to peak value td = decay time to half value
IT IS IH IDRM VT
100
Peak Value
VS VDRM -V -V
VT
Waveform = tr x td
IDRM VDRM IH IS IT
+V +V
50
Half Value
VS
0 0 tr td t - Time (s)
-I -I
V-I Characteristics tr x td Pulse Wave-form
14
Percent of VS Change - %
12 8 6 4 2 0 -4 -6 -8 -40 -20 0 20 40 60 80 100 120 140 160
IH IH (TC = 25 C)
10
2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 -40 -20 0 20 40 60 80 100 120 140 160
25 C
25 C
Ratio of
Case Temperature (TC) - C
Junction Temperature (TJ) - C
Normalized VS Change versus Junction Temperature Normalized DC Holding Current versus Case Temperature
(c) 2004 Littelfuse LP SIDACtor(R) Data Book and Design Guide
2 - 55
http://www.teccor.com +1 972-580-7777
Data Sheets
Pin 2


▲Up To Search▲   

 
Price & Availability of P1101CA2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X