|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Telefon: +49 (0) 6135 931069 Telefax: +49 (0) 6135 931070 www.peak-electronics.de info@peak-electronics.de MP SERIES P10TG-XXXXZ4:1H35 3.5 KV ISOLATED 2 W REGULATED DUAL OUTPUT DIP24 Available Inputs: 24 and 48 VDC Wide Input 4:1 Available Outputs: (+/-) 3.3, 5, 12, 15 and 18 VDC Other specifications please enquire. Electrical Specifications (Typical at + 25 C, nominal input voltage, rated output current unless otherwise specified) Input Specifications Voltage range Filter Isolation Specifications Rated voltage Resistance Capacitance Output Specifications Voltage accuracy Ripple and noise (at 20 MHz BW) Short circuit protection Line voltage regulation Load voltage regulation Temperature coefficient General Specifications Efficiency Switching frequency Environmental Specifications Operating temperature (ambient) Storage temperature Derating Humidity Cooling Physical Characteristics Dimensions Weight Case material 9 - 36 VDC (24 VDC), 18 - 72 VDC (48 VDC) Pi Network 3500 Vdc 109 Ohm 80 pF typ. +/- 1 % typ. +/-2% max. 60 mV p-p, max. Continuous , restart automatic +/- 0,5 % max. +/- 0,5 % max. +/- 0,02 % / C 70 % to 85 % 250 KHz, typ. -40C to +85C - 55 C to + 125 C See graph Up to 90 %, non condensing Free air convection 31,75 x 20,32 x 10,16 mm 1,25 x 0,80 x 0,40 inches 18,5 g Non conductive black plastic Examples of Partnumbers/Modelcode PART NO. INPUT VOLTAGE (VDC) Nominal INPUT CURRENT NO LOAD INPUT CURRENT FULL LOAD OUTPUT VOLTAGE (VDC) OUTPUT CURRENT (max. mA) EFFICIENCY FULL LOAD (% TYP.) P10TG-2405Z4:1H35 P10TG-2412Z4:1H35 P10TG-4805Z4:1H35 P10TG-4812Z4:1H35 P10TG-4815Z4:1H35 9-36 9-36 18-72 18-72 18-72 6.7 6.7 6.4 6.4 6.4 113 119 55 54 53 +/- 5 +/- 12 +/- 5 +/- 12 +/- 15 +/- 200 +/- 83 +/- 200 +/- 83 +/- 67 74 78 76 77 79 MP SERIES P10TG-XXXXZ4:1H35 3.5 KV ISOLATED 2 W REGULATED DUAL OUTPUT DIP24 Dimensions Derating Graph and Pinning Output Temperature Derating Graph Ambient Temperature C 85 2.00 W - 40 0 40 80 100 Pin # 1 2 3 9 10 11 12 13 14 15 16 22 23 24 Connection Dual Omitted - V Input - V Input Common Omitted - V Output Omitted Omitted + V Output Omitted Common + V Input + V Input Omitted Specification can be changed without notice. REV:2 / 09.2001 Copyright PEAK electronics GmbH |
Price & Availability of P10TG-4815Z41H35 |