Part Number Hot Search : 
20M250 BFT44 SB860 CM3110 LB1955 PRODUCTS 2SB64 L113611
Product Description
Full Text Search
 

To Download P10TG-4815E41 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Telefon: +49 (0) 6135 931069 Telefax: +49 (0) 6135 931070 www.peak-electronics.de info@peak-electronics.de
MP SERIES P10TG-XXXXE4:1 1.5 KV ISOLATED 2 W REGULATED SINGLE OUTPUT DIP24
Available Inputs:
24 and 48 VDC Wide Input 4:1
Available Outputs:
3.3, 5, 12, 15 and 18 VDC
Other specifications please enquire.
Electrical Specifications
(Typical at + 25 C, nominal input voltage, rated output current unless otherwise specified) Input Specifications Voltage range Filter Isolation Specifications Rated voltage Leakage current Resistance Capacitance Output Specifications Voltage accuracy Ripple and noise (at 20 MHz BW) Short circuit protection Line voltage regulation Load voltage regulation Temperature coefficient General Specifications Efficiency Switching frequency Environmental Specifications Operating temperature (ambient) Storage temperature Derating Humidity Cooling Physical Characteristics Dimensions Weight Case material 9 - 36 VDC (24 VDC), 18 - 72 VDC (48 VDC) Pi Network 1500 Vdc 1 mA 109 Ohm 80 pF typ. +/- 1 % typ. +/-2% max. 60 mV p-p, max. Continuous , restart automatic +/- 0,5 % max. +/- 0,5 % max. +/- 0,02 % / C 70 % to 85 % 250 KHz, typ. -40C to +85C - 55 C to + 125 C See graph Up to 90 %, non condensing Free air convection 31,75 x 20,32 x 10,16 mm 1,25 x 0,80 x 0,40 inches 18,5 g Non conductive black plastic
Examples of Partnumbers/Modelcode
PART NO. INPUT VOLTAGE (VDC) Nominal INPUT CURRENT NO LOAD INPUT CURRENT FULL LOAD OUTPUT VOLTAGE (VDC) OUTPUT CURRENT (max. mA) EFFICIENCY FULL LOAD (% TYP.)
P10TG-2405E4:1 P10TG-2415E4:1 P10TG-4805E4:1 P10TG-4812E4:1 P10TG-4815E4:1
9-36 9-36 18-72 18-72 18-72
5.5 5.5 5.8 5.8 5.8
109 104 55 53 52
5 15 5 12 15
400 134 400 167 134
76 80 75 79 80
MP SERIES
P10TG-XXXXE4:1 1.5 KV ISOLATED 2 W REGULATED SINGLE OUTPUT DIP24
Dimensions
Derating Graph and Pinning
Output
Temperature Derating Graph
Ambient Temperature C 85
2.00 W
- 40
0
40
80
100
Pin # 1 2 3 9 10 11 12 13 14 15 16 22 23 24
Connection Single + V Input NC NC Omitted - V Output + V Output - V Input - V Input + V Output - V Output Omitted NC NC + V Input
Specification can be changed without notice.
REV:2 / 09.2001
Copyright PEAK electronics GmbH


▲Up To Search▲   

 
Price & Availability of P10TG-4815E41

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X