Part Number Hot Search : 
EPA3385 05111 TRB6545 X9221UP RT1P24BC SMA18 TRB6545 APTGT1
Product Description
Full Text Search
 

To Download P10SG-2405EH52 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Telefon: +49 (0) 6135 931069 Telefax: +49 (0) 6135 931070 www.peak-electronics.de info@peak-electronics.de
M5 SERIES P10SG-XXXXEH52 5.2 KV ISOLATED 2W REGULATED SINGLE OUTPUT DIP24
Available Inputs:
5, 12 and 24 VDC
Available Outputs:
3.6, 5, 7.2, 9, 12, 15 and 18 VDC
Other specifications please enquire.
Electrical Specifications
(Typical at + 25 C, nominal input voltage, rated output current unless otherwise specified) Input Specifications Voltage range Filter Isolation Specifications Rated voltage Leakage current Resistance Capacitance Output Specifications Voltage accuracy Ripple and noise (at 20 MHz BW) Short circuit protection Line voltage regulation Load voltage regulation Temperature coefficient General Specifications Efficiency Switching frequency Environmental Specifications Operating temperature (ambient) Storage temperature Derating Humidity Cooling Physical Characteristics Dimensions Weight Case material +/- 10 % Pi Network 5200 Vdc 1 mA 109 Ohm 60 pF typ. +/- 2 %, max. 75 mV p-p, max. Continuous , restart automatic +/- 0,5 % max. +/- 0,5 % max. +/- 0,02 % / C 65 % to 85 % 125 KHz, typ. -40C to +85C - 55 C to + 125 C See graph Up to 90 %, non condensing Free air convection 31,75 x 20,32 x 10,16 mm 1,25 x 0,80 x 0,40 inches 12,2 g Non conductive black plastic
Examples of Partnumbers/Modelcode
PART NO. INPUT VOLTAGE (VDC) Nominal INPUT CURRENT NO LOAD INPUT CURRENT FULL LOAD OUTPUT VOLTAGE (VDC) OUTPUT CURRENT (max. mA) EFFICIENCY FULL LOAD (% TYP.)
P10SG-0505EH52 P10SG-0509EH52 P10SG-1205EH52 P10SG-1209EH52 P10SG-1212EH52 P10SG-2405EH52
5 5 12 12 12 24
50 47 40 38 35 16
615 545 252 220 245 128
5 9 5 9 12 5
400 200 400 200 167 400
65 66 66 68 68 65
M5 SERIES
P10SG-XXXXEH52 5.2 KV ISOLATED 2W REGULATED SINGLE OUTPUT DIP24
Dimensions
Derating Graph and Pinning
Output
Temperature Derating Graph
Ambient Temperature C 85
2.00 W
- 40
0
40
80
100
Pin # 1 2 3 10 11 12 13 14 15 22 23 24
Connection Single + V Input + V Input Omitted Omitted Omitted - V Output + V Output Omitted Omitted Omitted - V Input - V Input
Specification can be changed without notice.
REV:3 / 01.2002
Copyright PEAK electronics GmbH


▲Up To Search▲   

 
Price & Availability of P10SG-2405EH52

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X