Part Number Hot Search : 
SEF206A R1060 C2500 XFATM RTH010 80C453 L438T73U LBS20801
Product Description
Full Text Search
 

To Download P10DU-2412E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Telefon: +49 (0) 6135 931069 Telefax: +49 (0) 6135 931070 www.peak-electronics.de info@peak-electronics.de
M3 SERIES
P10DU-XXXXE 1KV ISOLATED 2W UNREGULATED SINGLE OUTPUT DIP14
Available Inputs:
5, 12, 24 and 48 VDC
Available Outputs:
5, 7.2, 12 and 15 VDC
Other specifications please enquire
Electrical Specifications
(Typical at + 25 C, nominal input voltage, rated output current unless otherwise specified) Input Specifications Voltage range Filter Isolation Specifications Rated voltage Leakage current Resistance Capacitance Output Specifications Voltage accuracy Ripple and noise (at 20 MHz BW) Short circuit protection Line voltage regulation Load voltage regulation Temperature coefficient General Specifications Efficiency Switching frequency Environmental Specifications Operating temperature (ambient) Storage temperature Derating Humidity Cooling Physical Characteristics Dimensions DIP Weight Case material +/- 10 % Capacitors 1000 VDC 1 mA 109 Ohm 60 pF typ. +/- 5 %, max. 75 mV p-p, max. Momentary +/- 1,2 % / 1,0 % of Vin +/- 8 %, load = 20 ~ 100 % +/- 0,02 % / C 70 % to 85 % 85 KHz, typ. - 40 C to + 85 C - 55 C to + 125 C See graph Up to 90 %, non condensing Free air convection 20.32 x 10.16 x 6.85 mm 0.80 x 0.40 x 0.27 inches 2,5 g 3,5 g for 48 VDC Non conductive black plastic
Examples of Partnumbers/Modelcode
PART NO. INPUT VOLTAGE (VDC) INPUT CURRENT NO LOAD INPUT CURRENT FULL LOAD OUTPUT VOLTAGE (VDC) OUTPUT CURRENT (max. mA) EFFICIENCY FULL LOAD (% TYP.)
P10DU-0505E P10DU-0512E P10DU-1205E P10DU-1212E P10DU-2405E P10DU-2412E
5 5 12 12 24 24
28 28 22 20 10 9
555 500 228 208 113 101
5 12 5 12 5 12
400 167 400 167 400 167
72 80 73 80 74 82
M3 SERIES
P10DU-XXXXE 1KV ISOLATED 2W UNREGULATED SINGLE OUTPUT DIP14
Dimensions
Derating Graph and Pinning
Output
Temperature Derating Graph
Ambient Temperature C 85
2.00 W
Pin # 1 7 8 9 10 11 14
Connection Single - V Input NC Omitted + V Output Omitted - V Output + V Input
- 40
0
40
80
100
Specification can be changed without notice.
REV:2 / 09.2001
Copyright PEAK electronics GmbH


▲Up To Search▲   

 
Price & Availability of P10DU-2412E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X