Part Number Hot Search : 
DLZ15B FRE9260D SDHP15K 1040469 02N60C3 HMT32 29333C 01906
Product Description
Full Text Search
 

To Download OVA5AB1BA-10MHZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 THE CONNOR-WINFIELD CORP.
2111 COMPREHENSIVE DRIVE. AURORA, IL 60505. FAX (630) 851-5040. PHONE (630) 851-4722. WWW.CONWIN.COM
PRODUCT
D ATA
SHEET
CRYSTAL CONTROLLED OSCILLATORS 14 PIN DIP 5.0V SINEWAVE OCVCXO
ABSOLUTE M AXIMUM RATING S
PARAMETER Storage Temperature Supply Voltage Control Voltage (Vcc) (Vc) UNITS MINIMUM -55 -0.5 -0.5 NOMINAL MAXIMUM 125 7.0 7.0 UNITS C Vdc Vdc TABLE 2.0 MINIMUM (Fo) 6.4 -1.5 -0.05 -30 -2.5 -4.6 0 (Vcc) (Icc) 4.75 5.00 150 NOMINAL MAXIMUM 25 1.5 0.25 0.05 30 2.5 4.6 70 5.25 300 1 3 3 35 5 1 2 UNITS MHz ppm ppm ppm ppb ppm ppm C Vdc mA mA ps RMS ps RMS ps RMS ms Minutes ns ns 1, 4 2 3 4 5 NOTE TABLE 1.0 NOTE
CW 0650 OVA5AB1BA 10MHz
OVA5AB1BA
DESCRIPTION
OPERATING SPECIFIC ATIONS
PARAMETER Center Frequency Frequency Calibration Frequency Stability Frequency vs. Change in Supply Voltage Aging (Daily Aging (20 years) Total Frequency Tolerance Operating Temperature Range Supply Voltage Supply Current Steady State Supply Current @ 25C Phase Jitter (BW =10KHz to Fo/2) Phase Jitter (BW =10Hz to Fo/2) Period Jitter Start-Up Time: Oscillator Warm Up Time TDEV at 1.0 seconds TDEV at 4.0 seconds
The Connor-Winfield OVA5AB1BA is a hermetically sealed 14 Pin DIP, 5.0V Voltage Controlled Oven Stabilized Crystal Oscillator (OCVCXO) with a Sinewave output. The OVA5AB1BA is designed for applications requiring low jitter and tight frequency stability.
6
FEATURES
INPUT CHARACTERISTICS
PARAMETER Control Voltage Range Frequency at Vc=0.5 Vdc Frequency at Vc=4.1 Vdc Slope of Frequency Adjust Input Impedance (Vc) MINIMUM 0.5 5 2.8 100k NOMINAL 2.0 MAXIMUM 4.1 -5 UNITS Vdc ppm ppm ppm/V Ohm
TABLE 3.0 NOTE 7 7
-
SINEWAVE OUTPUT CHARACTERISTICS
PARAMETER LOAD Output Power Spurious Output SSB Phase Noise at 1Hz offset SSB Phase Noise at 10Hz offset SSB Phase Noise at 100Hz offset SSB Phase Noise at 1KHz offset SSB Phase Noise at 10KHz offset MINIMUM 45 0 NOMINAL 50 3 -60 -90 -120 -140 -150 MAXIMUM 55 -80 UNITS Ohms dBm dBc dBc/Hz dBc/Hz dBc/Hz dBc/Hz dBc/Hz
TABLE 4.0 NOTE
5.0V OPERATION OCVCXO SINEWAVE OUTPUT LOW JITTER <1pS RMS FREQUENCY STABILITY: 0.25ppm ABSOLUTE TOTAL FREQUENCY TOLERANCE: 4.6ppm OVER TWENTY YEARS TEMPERATURE RANGE: 0 to 70C HERMETICALLY SEALED 14 PIN DIP PACKAGE RoHS COMPLIANT / LEAD FREE
ORDERING INFORMATION
OVA5AB1BA
OCXO SERIES
- 10MHz
CENTER FREQUENCY
PACKAGE CHARACTERISTICS
Package 14 pin DIP, hermetically sealed, welded package.
TABLE 5.0
Specifications subject to change without notice. DATA SHEET #: Cx116 PAGE 1 OF 2 REV: 00 DATE: 12/29/06
aCopyright 2001 Connor-Winfield all rights reserved.
THE CONNOR-WINFIELD CORP.
2111 COMPREHENSIVE DRIVE. AURORA, IL 60505. FAX (630) 851-5040. PHONE (630) 851-4722. WWW.CONWIN.COM
PRODUCT
D ATA
SHEET
CRYSTAL CONTROLLED OSCILLATORS
Notes: 1) 2) 3) 4) 5) Initial calibration @ 25C, Vc = 2.0 Vdc. Frequency stability, absolute over the temperature range of 0 to 70C. Frequency stability per 5% change in supply voltage. At the time of shipment after 48 hours of operation. Inclusive of calibration, operating tem perature range, supply voltage change, s hock and vibration and aging (20 years). 6) Measured @ 25C, within 5 minutes, the unit will be within +/-0.1ppm of its reference frequency, measured after 30 minutes of c ontinuous operation at a stable 25 C. 7) Referenced to Fo @ 25C, Positive Transfer Characteristic.
Package Layout
Pin Connections
TABLE 6.0
Pin 1 7 8 14
Function Voltage Control Ground (Case) Output Vcc
Dimensional Tolerance: .005 (.127mm)
Test Circuit
260C 220C 180C 150C 120C
Solder Profile
Temperature 260C
0
CONTROL VOLTAGE
50 Ohm Oscilloscope Termination
120 S Max.
Time 10 S 60 S Max. 360 Sec. Max.
DATA SHEET #:
ENVIRONMENTAL CHARACTERISTICS Temperature Cycle: Per MIL-STD-883, Method 1010, Condition B. -55C to 125C, 300 cycles, 10 minute dwell, 1minute transition. Gross Leak Test: Per MIL-STD-202, Method 112, Condition D. No Bubbles i n flourinert (FC-43) at 125C 5C for 20 seconds. SOLDERING Pin Solderability: Per MIL-STD-883, Method 2003. 8 hour steam age prior to 2 54C 5C Solder pot dip, 95% Coverage. Resistance to Solder Heat: Per MIL-STD-202, Method 210, Condition C. Wave: Topside boardmount product, 260C 5C for 20 seconds. MECHANICAL CHARACTERISTICS Vibration: Per MIL-STD-202, Method 204, Condition A. 10G's peak , 10Hz to 500Hz, 15 minute cycles 12 times each perpendicular ax is. Shock: Per MIL-STD-202, Method 213, Condition F. 1500G's, 0.5m s, half sine, 3 shocks per direction. Moisture Resistance: Per MIL-STD-202, Method 106. 95% RH @ 65C, 10 c ycles 10C to 65C. Specifications subject to change without notice. Cx116 PAGE 2 OF 2 REV: 00 aCopyright 2001 Connor-Winfield all rights reserved. DATE: 12/29/06


▲Up To Search▲   

 
Price & Availability of OVA5AB1BA-10MHZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X