|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Product Specification OS8740230W Si Optical Receiver, 40 - 870MHz, 225mA max. @ 24VDC FEATURES * * * * * * * Excellent linearity Superior return loss performance Extremely low distortion Optimal reliability Excellent price/performance ratio Low noise Excellent flatness OS8740230W APPLICATION * 40 to 870 MHz CATV amplifier systems Si Optical Receiver 40 - 870MHz 225mA max. @ 24VDC DESCRIPTION * Hybrid high dynamic range optical receiver amplifier module. Two of the module pins are for connection to 24V (DC), one for amplifier supply voltage, the other for the PIN diode bias. The module contains a single mode optical input suitable for wavelengths from 1290 to 1600 nm, a terminal to monitor the PIN diode current and an electrical output with an impedance of 75 . HANDLING * Fiberglass optical coupling: maximum tensile strength = 5 N; minimum bending radius = 35mm. LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 60134) SYMBOL f Pin ESD Tstg Tmb PARAMETER frequency range optical input power (continuous) ESD sensitivity (human body model; R = 1.5 k, C = 100 pF) storage temperature operating mounting base temperature MIN. 40 500 - 40 - 20 MAX. 870 5 UNIT MHz mW V C C + 85 + 85 CHARACTERISTICS Table 1: Bandwidth 40 to 870MHz; VB = 24V; Tmb = 30C; ZL = 75 B SYMBOL S SL FL S22 EINC s Itot Ibias PARAMETER responsivity slope straight line flatness straight line optical input return loss output return loss equivalent input noise spectral sensitivity optical wavelength total current 3) consumption (DC) PIN diode bias current CONDITIONS = 1310 nm, f=40 to 870MHz f = 40 to 870 MHz f = 40 to 870 MHz f = 40 to 870 MHz f = 40 to 750 MHz f = 750 to 870 MHz = 1310 +- 20 nm = 1550 +- 20 nm MIN. 900 0.0 45 12.0 TYP. MAX. 2.0 1.0 7.5 8.0 1600 225 10.0 0.7 0.85 0.90 1290 UNIT V/W dB dB dB dB pA/Hz pA/Hz A/W A/W nm mA mA - 6.0 Page 1 of 5 2006 Sept 12 Document Revision Level B Product Specification OS8740230W Si Optical Receiver, 40 - 870MHz, 225mA max. @ 24VDC CHARACTERISTICS Table 2: Distortion data 40 - 870 MHz; VB = 24V; Tmb = 30C; ZL = 75 B SYMBOL d2 PARAMETER second order distortion 1) CONDITIONS d3 third order distortion 2) fm = 54.0 MHz 4) fm = 446.5 MHz 5) fm = 548.5 MHz 6) fm = 746.5 MHz 7) fm = 854.5 MHz 8) fm = 55.25 MHz 9) fm = 445.25 MHz 10) fm = 547.25 MHz 11) fm = 745.25 MHz 12) fm = 853.25 MHz 13) MIN. - TYP. MAX. -73.0 -68.0 -67.0 -63.0 -63.0 -80.0 -80.0 -80.0 -75.0 -75.0 UNIT dBc dBc dBc dBc dBc dBc dBc dBc dBc dBc Notes: 1. 2. 3. 4. 5. 6. 7. 8. 9. Two laser test; each laser with 40% modulation index; Popt = 1 mW (total). Three laser test; each laser with 60% modulation index; Popt = 1 mW (total) Itot is total current into hybrid with both pins 4 and 5 connected to VB=24V B fm = 54 MHz; f1 = 187.25 MHz; f2 = 133.25 MHz. fm = 446.5 MHz; f1 = 97.25 MHz; f2 = 349.25 MHz. fm = 548.5 MHz; f1 = 109.25 MHz; f2 = 439.25 MHz. fm = 746.5 MHz; f1 = 133.25 MHz; f2 = 613.25 MHz. fm = 854.5 MHz; f1 = 133.25 MHz; f2 = 721.25 MHz. fm = 55.25 MHz; f1 = 109.25 MHz; f2 = 133.25 MHz; f3 = 187.25 MHz. 10. fm = 445.25 MHz; f1 = 193.25 MHz; f2 = 349.25 MHz; f3 = 97.25 MHz. 11. fm = 547.25 MHz; f1 = 217.25 MHz; f2 = 439.25 MHz; f3 = 109.25 MHz. 12. fm = 745.25 MHz; f1 = 133.25 MHz; f2 = 265.25 MHz; f3 = 613.25 MHz. 13. fm = 853.25 MHz; f1 = 133.25 MHz; f2 = 265.25 MHz; f3 = 721.25 MHz. CABLE LENGTHS AND CONNECTOR TYPES Table 3: Dimension A, see Figure 1 and Figure 2 Dimension B, see Figure 2 TAB -012 -013 -014 -015 -016 -017 inches mm 13. 848 +102. - 13. 848 +102. - inches No Outer Jacket No Outer Jacket 0.325 min., 0.550 max. 0.325 min., 0.550 max. 0.325 min., 0.550 max. 0.325 min., 0.550 max mm Optical Connector Type FC/APC SC/APC 33.4 +0.5 - 4. 33.4 +0.5 - 4. 37.5 +0.5 -3.5 952 +13. -89. 8.3 min., 14.0 max. 8.3 min., 14.0 max. 8.3 min., 14.0 max. 8.3 min., 14.0 max. FC/APC SC/APC FC/APC SC/APC 37.5 +0.5 -3.5 0.5 21.1 +1.5 - 0.5 21.1 +1.5 - 952 +13. -89. 536 +13. -38. 536 +13. -38. Page 2 of 5 2006 Sept 12 Document Revision Level B Product Specification OS8740230W Si Optical Receiver, 40 - 870MHz, 225mA max. @ 24VDC A connector and boot 0.9 mm buffered fiber Figure 1: Detail of cable attachment (TABs -012, -013) A B connector and boot 0.9 mm buffered fiber 3 mm jacket Figure 2: Detail of cable attachment, (TABs -014, -015, -016, -017) Page 3 of 5 2006 Sept 12 Document Revision Level B Product Specification OS8740230W Si Optical Receiver, 40 - 870MHz, 225mA max. @ 24VDC I V U W R M J O S T P K E C Q oG D H N B All Dimensions in mm: nominal A B C D E F G H I J K L M N O P Q R S T U V W 44,6 0,2 14,9 0,2 21,9 0,5 8 0,15 12,6 0,15 38,1 0,1 4 +0,2 / -0.05 L min 44,4 14,7 21,4 7,85 12,45 38,0 3,95 3,8 25,2 4,0 28,5 11,1 5,4 0,23 0,42 2,24 2,04 2,29 4,83 4,83 4,8 max 44,8 15,1 22,4 8,15 12,75 38,2 4,2 4,2 25,6 4,4 28,9 12,1 6,2 0,27 0,48 2,84 3,04 2,79 5,33 5,33 5,2 F A Pinning: 1 2 3 4 5 6 7 8 9 PHOTODIODE CURRENT MONITOR GND GND PHOTODIODE BIAS +VB GND GND OUTPUT 4 0,2 25,4 0,2 UNC 6-32 4,2 0,2 28,7 0,2 11,6 0,5 5,8 0,4 0,25 0,02 0,45 0,03 2,54 0,3 2,54 0,5 2,54 0,25 5,08 0,25 5,08 0,25 5,0 0,2 5,35 Notes: European Projection 0 5 10mm scale Figure 2: Mechanical dimensions Page 4 of 5 2006 Sept 12 Document Revision Level B Product Specification OS8740230W Si Optical Receiver, 40 - 870MHz, 225mA max. @ 24VDC DEFINITIONS Data Sheet Status Objective Product Specification Preliminary Product Specification Product Specification Limiting values Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 60134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. Premier Devices reserves the right to make changes without further notice to any products herein. Premier Devices makes no warranty representation or guarantee regarding the suitability of its products for any particular purpose, nor does Premier Devices assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Premier Devices datasheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customers technical experts. Premier Devices does not convey any license under its patent rights nor the rights of others. Premier Devices products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Premier Devices product could create a situation where personal injury or death may occur. Should Buyer purchase or use Premier Devices products for any such unintended or unauthorized application, Buyer shall indemnify and hold Premier Devices and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, and claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Premier Devices was negligent regarding the design or manufacture of the part. This data sheet contains target or goal specifications for product development. This data sheet contains preliminary data; supplementary data may be published later. This data sheet contains final product specifications. (c) Premier Devices Germany GmbH 2006 How to contact us: Premier Devices Germany GmbH Loeffelholzstrasse 20, D-90441 Nuernberg, Germany Phone: +49 (0) 911 9411 233, FAX: +49 (0) 911 9411 198 Email: sales.germany@premierdevices.com, Internet: http://www.premierdevices.de/ Page 5 of 5 2006 Sept 12 Document Revision Level B |
Price & Availability of OS8740230W |