Part Number Hot Search : 
EG3012 C1608 ATS04 MAX4613 MC340 88C681CP SBQ1030 TS972
Product Description
Full Text Search
 

To Download OPF517 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Product Bulletin OPF500 February 1996
200kbps Fiber Optic Receiver
Type OPF500, OPF510 Series
Features *Interfaces with all logic circuits *Two output options *Optimized for fiber optic applications
using 50 to 200 micron fiber *Data rate to 200kbps NRZ *Available with multiple packaging options
Absolute Maximum Ratings (TA = 25o C unless otherwise noted)
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18 V Storage Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65o C to +100o C Operating Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40o C to +85o C Lead Soldering Temperature [1/16 inch (1.6 mm) from case for 5 sec. with soldering iron] . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 240o C Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 200 mW Duration of Output Short to VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 sec. Voltage at Output. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30 V Sinking Current. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16 mA
Description
The OPF500, OPF510 series receiver contains a monolithic integrated circuit which incorporates a photodiode, a linear amplifier, a voltage regulator, and a Schmitt trigger on a single silicon chip. These receivers are designed for short haul fiber optic systems using 850 nm LED' such as Optek' OPF300 series. s s These devices feature TTL\LSTTL compatible logic level output. An internal voltage regulator allows operation with supply voltages ranging from 4.5V to 16V.
Schematics
Buffer/10K PU VCC OUT
GND Inverter/10K PU VCC OUT
GND
Optek Technology, Inc.
1215 W. Crosby Road
Carrollton, Texas 75006 8-92
(972) 323-2200
Fax (972) 323-2396
Type OPF500, OPF510 Series
Electrical Characteristics (-40o C to +85o C unless otherwise noted) SYMBOL
VCC PIN PIN VOH
PARAMETER
Operating Supply Voltage Input Sensitivity (OPF5X0,1,2) Input Sensitivity (OPF5X5,6,7) High Level Output Voltage Buffer 10K Pull-up Inverter 10K Pull-up Low Level Output Voltage Buffer, 10K Pull-up Buffer Open-collector Inverter, 10K Pull-up Inverter Open-collector
MIN
4.5
TYP MAX UNITS
16.0 1.0 1.5 1.5 2.0 V W
W
TEST CONDITIONS
50% Duty Cycle Square Wave 50% Duty Cycle Square Wave PIN > 2.0 W, VCC = 4.5 V to 16 V PIN < 0.1 W, VCC = 4.5 V to 16 V PIN < 0.1 W, VCC = 4.5 V to 16 V
VCC -1.5 VCC -1.5 0.4 0.4 5.0 200 10 300 100 100 300 12.0
V V V V mA kHz % ns ns ns ns
VOL
PIN > 2.0 W, VCC = 4.5 V to 16 V VCC = 4.5 V to 16 V, No load on output PIN > 2.0 W, 50% Duty Cycle 1 W < PIN < 100 W, f = 20 kHz, D.C. = 50% PIN = 1.5 W, VCC = 5 V PIN = 1.5 W, VCC = 5 V
ICC BW PWD tr tf tr tf
Supply Current Bandwidth Pulse With Distortion Buffer Inverter
PART NUMBER GUIDE OPF5XX
Optek Fiber Optic Component
Receiver
0 - Plastic TO-18 Hsg. 1 - Plastic TO-18 in SMA 2 - Plastic TO-18 in ST* 5 - Metal TO-46 Hsg. 6 - Metal TO-46 in SMA 7 - Metal TO-46 in ST
0 - 200kbps, 10K Pull-up buffer (non-inverting) output 1 - 200kbps, 10K Pull-up inverting output
*ST is a registered trade mark of AT&T.
Optek reserves the right to make changes at any time in order to improve design and to supply the best product possible. Optek Technology, Inc. 1215 W. Crosby Road Carrollton, Texas 75006 (972) 323-2200 Fax (972) 323-2396 8-93
Type OPF500, OPF510 Series
Typical Performance Curves
High Level Output Voltage vs Ambient Temperature
High Level Output Current vs Ambient Temperature
Low Level Output Voltage vs Ambient Temperature
VCC = 16 V IOH = 100 A
VCC = 16 V VOH = 30 V VOL VOH IOH
VCC = 4.5 V IOL = 16 mA
TA - Ambient Temperature - oC
TA - Ambient Temperature - oC
TA - Ambient Temperature - oC
Optek Technology, Inc.
1215 W. Crosby Road
Carrollton, Texas 75006 8-94
(972) 323-2200
Fax (972) 323-2396
Type OPF500, OPF510 Series
GND GND OUT OUT
VCC
VCC
Plastic Package OPF500, OPF510
Hermetic Package OPF505, OPF515
SMAOPF511 age Pack OPF501,
OPF506, OPF516
ST* Package OPF502, OPF512
OPF507, OPF517
VCC
OUT
VCC
OUT
GND
GND
Optek reserves the right to make changes at any time in order to improve design and to supply the best product possible. Optek Technology, Inc. 1215 W. Crosby Road Carrollton, Texas 75006 (972)323-2200 Fax (972)323-2396 8-95


▲Up To Search▲   

 
Price & Availability of OPF517

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X